Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE4309 Datasheet(PDF) 1 Page - Peregrine Semiconductor Corp.

Part # PE4309
Description  50 OHM RF Digital Attenuator 6-bit, 31.5 dB, DC-4.0 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE4309 Datasheet(HTML) 1 Page - Peregrine Semiconductor Corp.

  PE4309 Datasheet HTML 1Page - Peregrine Semiconductor Corp. PE4309 Datasheet HTML 2Page - Peregrine Semiconductor Corp. PE4309 Datasheet HTML 3Page - Peregrine Semiconductor Corp. PE4309 Datasheet HTML 4Page - Peregrine Semiconductor Corp. PE4309 Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE4309 Datasheet HTML 6Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Page 1 of 9
Document No. 70-0218-07
│ www.psemi.com
©2007 Peregrine Semiconductor Corp. All rights reserved.
This product is a high linearity, 6-bit RF Digital Step Attenuator
(DSA) covering a 31.5 dB attenuation range in 0.5 dB steps.
The Peregrine 50
Ω RF DSA provides a parallel CMOS control
interface and it operates on 3-volt to 5-volt supply. It maintains
high attenuation accuracy over frequency and temperature and
exhibits very low insertion loss and low power consumption.
This Peregrine DSA is available in a 4x4 mm 24 lead QFN
footprint with an exposed ground paddle.
The PE4309 is manufactured on Peregrine’s UltraCMOS™
process, a patented variation of silicon-on-insulator (SOI)
technology on a sapphire substrate, offering the performance
of GaAs with the economy and integration of conventional
CMOS.
Product Specification
50
Ω RF Digital Attenuator
6-bit, 31.5 dB, DC-4.0 GHz
Product Description
Figure 1. Functional Schematic Diagram
PE4309
Features
Best in class 2.0 kV HBM ESD tolerance
Low Insertion Loss: 1.6 dB typical
Attenuation: 0.5 dB steps to 31.5 dB
High Linearity: Typical 52 dB IP3
Best in Class Attenuation accuracy
Parallel programming interface
Single supply, 3V to 5V operation
Standard 3V or 5V CMOS control logic
independent of supply voltage
Very low power consumption
RoHS-compliant 24-lead 4x4 mm QFN
Control Logic Interface
Parallel Control
RF Input
RF Output
Switched Attenuator Array
6
Table 1. Electrical Specifications @ +25°C, VDD = 3.0 V - 5.0 V
Notes: 1. Device Linearity will begin to degrade below 5 MHz.
2. Note Absolute Maximum in Table 4.
3. See Figures 12 and 13 for typical attenuation error.
4. Measurements made in a 50 ohm system (see Figure 4, Test Circuit Block Diagram). Resistors (R2, R3, R5, R6, R7) with a
value of 10K-ohm are used to decouple the RF path from the control inputs.
Figure 2. Package Type
4x4 mm 24-Lead QFN
Parameter
Test Conditions4
Frequency
Min
Typ
Maximum
Units
Operation Frequency
DC
4000
MHz
Insertion Loss
DC - 2.2 GHz
2.2 - 4.0 GHz
-
-
1.6
2.2
2
3.4
dB
dB
Attenuation Accuracy
Any Bit or Bit Combination
Any Bit or Bit Combination
0.5 - 7.5 dB States 3
8.0 - 15.5 dB States 3
16.0 - 31.5 dB States3
DC
≤ 1.0 GHz
1.0 < 2.2 GHz
2.2 < 3.8 GHz
2.2 < 3.8 GHz
2.2 < 3.8 GHz
-
-
-
-
-
-
-
0.15
0.7
1.2
±(0.10 + 3% of atten setting), not to exceed +0.20 dB
±(0.15 + 3% of atten setting)
-
-
-
dB
dB
dB
dB
dB
1 dB Compression2
1 MHz - 2.2 GHz
2.2 - 4.0 GHz
30
-
32
32
-
-
dBm
dBm
Input IP31
Two-tone inputs +18 dBm
1 MHz - 2.2 GHz
2.2 - 4.0 GHz
-
-
52
45
-
-
dBm
dBm
Return Loss
DC - 2.2 GHz
2.2 - 4.0 GHz
15
10
20
20
-
-
dB
dB
Switching Speed
50% of control voltage to
90% of final attenuation level
-
-
1
µs


Similar Part No. - PE4309

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4309 PASTERNACK-PE4309 Datasheet
256Kb / 2P
   BNC Female Bulkhead Connector Crimp/Solder Attachment For RG59, RG62, .480 inch D Hole
logo
Peregrine Semiconductor
PE4309 PSEMI-PE4309 Datasheet
330Kb / 9P
   RF Digital Attenuator
logo
Peregrine Semiconductor...
PE4309 PEREGRINE-PE4309 Datasheet
330Kb / 9P
   50 廓 RF Digital Attenuator
logo
Pasternack Enterprises,...
PE4309 PASTERNACK-PE4309 Datasheet
361Kb / 3P
   BNC Female Bulkhead Mount Connector Crimp/Solder Attachment
logo
Peregrine Semiconductor...
PE4309 PEREGRINE-PE4309_07 Datasheet
337Kb / 9P
   50 廓 RF Digital Attenuator 6-bit, 31.5 dB, DC-4.0 GHz
More results

Similar Description - PE4309

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4302DS PEREGRINE-PE4302DS Datasheet
456Kb / 11P
   50 Ohm RF Digital Attenuator 6-bit, 31.5 dB, DC-4.0 GHZ
PE4302 PEREGRINE-PE4302 Datasheet
470Kb / 11P
   50 -RF Digital Attenuator 6-bit, 31.5 dB, DC - 4.0 GHz
PE4309 PEREGRINE-PE4309_07 Datasheet
337Kb / 9P
   50 廓 RF Digital Attenuator 6-bit, 31.5 dB, DC-4.0 GHz
logo
Tyco Electronics
AT90-1107 MACOM-AT90-1107 Datasheet
336Kb / 7P
   Digital Attenuator, 31.5 dB, 6-Bit, TTL Driver, DC-4.0 GHz
logo
Peregrine Semiconductor...
PE4304 PEREGRINE-PE4304 Datasheet
543Kb / 11P
   75 Ohm RF Digital Attenuator 6-bit, 31.5 dB, DC - 2.0 GHz
logo
Tyco Electronics
AT90-0107 MACOM-AT90-0107 Datasheet
336Kb / 7P
   Digital Attenuator, 31.5 dB, 6-Bit, TTL Driver, DC-4.0 GHz
logo
M/A-COM Technology Solu...
MAATCC0009 MA-COM-MAATCC0009 Datasheet
188Kb / 7P
   Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-4.0 GHz
AT90-0107 MA-COM-AT90-0107 Datasheet
187Kb / 7P
   Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-4.0 GHz
logo
Peregrine Semiconductor...
PE94302 PEREGRINE-PE94302_07 Datasheet
311Kb / 6P
   50 ohm RF Digital Step Attenuator For Rad-Hard Space Applications 6-bit, 31.5 dB, DC - 4.0 GHz
logo
M/A-COM Technology Solu...
MAATCC0011 MA-COM-MAATCC0011 Datasheet
189Kb / 7P
   Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-4.0 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com