Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1302 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX1302
Description  8-/4-Channel, VREF Multirange Inputs, Serial 16-Bit ADCs
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1302 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX1302 Datasheet HTML 3Page - Maxim Integrated Products MAX1302 Datasheet HTML 4Page - Maxim Integrated Products MAX1302 Datasheet HTML 5Page - Maxim Integrated Products MAX1302 Datasheet HTML 6Page - Maxim Integrated Products MAX1302 Datasheet HTML 7Page - Maxim Integrated Products MAX1302 Datasheet HTML 8Page - Maxim Integrated Products MAX1302 Datasheet HTML 9Page - Maxim Integrated Products MAX1302 Datasheet HTML 10Page - Maxim Integrated Products MAX1302 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
8-/4-Channel, ±VREF Multirange Inputs,
Serial 16-Bit ADCs
_______________________________________________________________________________________
7
DIGITAL I/O SUPPLY CURRENT
vs. DIGITAL I/O SUPPLY VOLTAGE
DVDDO (V)
5.15
5.05
4.85
4.95
0.12
0.14
0.16
0.18
0.20
0.22
0.24
0.26
0.28
0.10
4.75
5.25
TA = +85
°C
TA = +25
°C
TA = -40
°C
EXTERNAL CLOCK MODE
ANALOG SUPPLY CURRENT
vs. ANALOG SUPPLY VOLTAGE
AVDD1 (V)
5.15
5.05
4.95
4.85
0.47
0.49
0.51
0.53
0.55
0.45
4.75
5.25
TA = +85
°C
TA = +25
°C
TA = -40
°C
PARTIAL POWER-DOWN MODE
Typical Operating Characteristics (continued)
(AVDD1 = AVDD2 = DVDD = DVDDO = 5V, AGND1 = DGND = DGNDO = AGND2 = AGND3 = 0, fCLK = 3.5MHz (50% duty cycle),
external clock mode, VREF = 4.096V (external reference operation), REFCAP = AVDD1, maximum single-ended bipolar input range
(±VREF), CDOUT = 50pF, CSSTRB = 50pF; unless otherwise noted.)
PREAMPLIFIER SUPPLY CURRENT
vs. PREAMPLIFIER SUPPLY VOLTAGE
AVDD2 (V)
5.15
5.05
4.95
4.85
0.12
0.14
0.16
0.18
0.20
0.10
4.75
5.25
TA = +85
°C
TA = +25
°C
TA = -40
°C
PARTIAL POWER-DOWN MODE
DIGITAL SUPPLY CURRENT
vs. DIGITAL SUPPLY VOLTAGE
DVDD (V)
5.15
4.85
5.05
4.95
0.122
0.124
0.126
0.128
0.130
0.132
0.134
0.136
0.120
4.75
5.25
PARTIAL POWER-DOWN MODE
TA = +85
°C
TA = +25
°C
TA = -40
°C


Similar Part No. - MAX1302

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1302 MAXIM-MAX1302 Datasheet
625Kb / 31P
   8-Channel, ±VREF Multirange Inputs, Serial 16-Bit ADC
Rev 0; 3/12
MAX13020 MAXIM-MAX13020 Datasheet
373Kb / 15P
   ±60V Fault-Protected LIN Transceivers
Rev 1; 6/06
MAX13020ASA++ MAXIM-MAX13020ASA+ Datasheet
373Kb / 15P
   ±60V Fault-Protected LIN Transceivers
Rev 1; 6/06
MAX13020 MAXIM-MAX13020_12 Datasheet
308Kb / 16P
   ±60V Fault-Protected LIN Transceivers
Rev 2; 10/12
MAX13021 MAXIM-MAX13021 Datasheet
373Kb / 15P
   ±60V Fault-Protected LIN Transceivers
Rev 1; 6/06
More results

Similar Description - MAX1302

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1034 MAXIM-MAX1034_12 Datasheet
431Kb / 31P
   8-/4-Channel, ±VREF Multirange Inputs, Serial 14-Bit ADCs
Rev 2; 3/12
MAX1300 MAXIM-MAX1300_10 Datasheet
1,017Kb / 32P
   8- and 4-Channel, 짹3 x VREF Multirange Inputs, Serial 16-Bit ADCs
Rev 2; 6/10
MAX1300 MAXIM-MAX1300_V01 Datasheet
2Mb / 31P
   8- and 4-Channel, 짹3 x VREF Multirange Inputs, Serial 16-Bit ADCs
2011
MAX1302 MAXIM-MAX1302_12 Datasheet
625Kb / 31P
   8-Channel, ±VREF Multirange Inputs, Serial 16-Bit ADC
Rev 0; 3/12
MAX1032_1112 MAXIM-MAX1032_1112 Datasheet
1Mb / 32P
   8- and 4-Channel, 3 x VREF Multirange Inputs, Serial 14-Bit ADCs
Rev 5; 12/11
MAX1303 MAXIM-MAX1303_12 Datasheet
509Kb / 29P
   4-Channel, ±VREF Multirange Inputs,Serial 16-Bit ADC
Rev 2; 3/12
MAX1032 MAXIM-MAX1032_11 Datasheet
859Kb / 32P
   8- and 4-Channel, 짹3 x VREF Multirange Inputs, Serial 14-Bit ADCs
Rev 4; 8/11
MAX1032 MAXIM-MAX1032_V01 Datasheet
904Kb / 32P
   8- and 4-Channel, 짹3 x VREF Multirange Inputs, Serial 14-Bit ADCs
2013
MAX1300 MAXIM-MAX1300 Datasheet
977Kb / 31P
   8-/4-Channel, 12V Multirange Inputs, Serial 16-Bit ADCs
Rev 1; 11/06
MAX1034 MAXIM-MAX1034 Datasheet
832Kb / 31P
   8-/4-Channel, 짹VREF Multirange Inputs, Serial 14-Bit ADCs
Rev 0; 5/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com