Electronic Components Datasheet Search |
|
MAX1302AEUG Datasheet(PDF) 4 Page - Maxim Integrated Products |
|
MAX1302AEUG Datasheet(HTML) 4 Page - Maxim Integrated Products |
4 / 31 page 8-/4-Channel, ±VREF Multirange Inputs, Serial 16-Bit ADCs 4 _______________________________________________________________________________________ ELECTRICAL CHARACTERISTICS (continued) (AVDD1 = AVDD2 = DVDD = DVDDO = 5V, AGND1 = DGND = DGNDO = AGND2 = AGND3 = 0, fCLK = 3.5MHz (50% duty cycle), external clock mode, VREF = 4.096V (external reference operation), REFCAP = AVDD1, maximum single-ended bipolar input range (±VREF), CDOUT = 50pF, CSSTRB = 50pF, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.) PARAMETER SYMBOL CONDITIONS MIN TYP MAX UNITS INTERNAL REFERENCE (Bypass REFCAP with 0.1µF to AGND1 and REF with 1.0µF to AGND1) Reference Output Voltage VREF 4.056 4.096 4.136 V Reference Temperature Coefficient TCREF ±30 ppm/°C REF shorted to AGND1 10 Reference Short-Circuit Current IREFSC REF shorted to AVDD -1 mA Reference Load Regulation IREF = 0 to 0.5mA 0.1 10 mV EXTERNAL REFERENCE (REFCAP = AVDD) Reference Input Voltage Range VREF 3.800 4.136 V REFCAP Buffer Disable Threshold VRCTH (Note 4) AVDD1 - 0.4 AVDD1 - 0.1 V VREF = +4.096V, external clock mode, external acquisition mode, internal clock mode, or partial power-down mode 90 200 Reference Input Current IREF VREF = +4.096V, full power-down mode ±0.1 ±10 µA External clock mode, external acquisition mode, internal clock mode, or partial power-down mode 20 45 k Ω Reference Input Resistance RREF Full power-down mode 40 M Ω DIGITAL INPUTS (DIN, SCLK, CS) Input High Voltage VIH 0.7 x DVDDO V Input Low Voltage VIL 0.3 x DVDDO V Input Hysteresis VHYST 0.2 V Input Leakage Current IIN VIN = 0 to DVDDO -10 +10 µA Input Capacitance CIN 10 pF DIGITAL OUTPUTS (DOUT, SSTRB) DVDDO = 4.75V, ISINK = 10mA 0.4 Output Low Voltage VOL DVDDO = 2.7V, ISINK = 5mA 0.4 V Output High Voltage VOH ISOURCE = 0.5mA DVDDO - 0.4 V DOUT Tri-State Leakage Current IDDO CS = DVDDO -10 +10 µA POWER REQUIREMENTS (AVDD1 and AGND1, AVDD2 and AGND2, DVDD and DGND, DVDDO and DGNDO) Analog Supply Voltage AVDD1 4.75 5.25 V Digital Supply Voltage DVDD 4.75 5.25 V |
Similar Part No. - MAX1302AEUG |
|
Similar Description - MAX1302AEUG |