Electronic Components Datasheet Search |
|
MAX2035CCQ-TD Datasheet(PDF) 8 Page - Maxim Integrated Products |
|
MAX2035CCQ-TD Datasheet(HTML) 8 Page - Maxim Integrated Products |
8 / 12 page Ultrasound Variable-Gain Amplifier 8 _______________________________________________________________________________________ Pin Description PIN NAME FUNCTION 1, 2, 5, 6, 7, 10, 11, 12, 19, 20, 21, 24, 25, 26, 29, 30, 31, 34, 35, 36, 41, 43, 44, 45, 47, 48, 51, 55, 58, 59, 64, 65, 66, 69, 73, 76, 79, 80, 81, 83, 84, 85, 88–92, 96, 97, 98 GND Ground 3 VGIN3- VGA Channel 3 Inverting Differential Input 4 VGIN3+ VGA Channel 3 Noninverting Differential Input 8 VGIN4- VGA Channel 4 Inverting Differential Input 9 VGIN4+ VGA Channel 4 Noninverting Differential Input 13 EXT_C1 External Compensation. Connect a 4.7µF capacitor to ground. 14 EXT_C2 External Compensation. Connect a 4.7µF capacitor to ground. 15 EXT_C3 External Compensation. Connect a 4.7µF capacitor to ground. 16, 39, 42, 46, 54, 72, 82, 87 VCC 5V Power Supply. Bypass each VCC supply to ground with 0.1µF capacitors as close to the pins as possible. 17 VGIN5- VGA Channel 5 Inverting Differential Input 18 VGIN5+ VGA Channel 5 Noninverting Differential Input 22 VGIN6- VGA Channel 6 Inverting Differential Input 23 VGIN6+ VGA Channel 6 Noninverting Differential Input 27 VGIN7- VGA Channel 7 Inverting Differential Input 28 VGIN7+ VGA Channel 7 Noninverting Differential Input 32 VGIN8- VGA Channel 8 Inverting Differential Input 33 VGIN8+ VGA Channel 8 Noninverting Differential Input 37, 93 VREF 5V Reference Supply. Bypass to GND with a 0.1µF capacitor as close to the pins as possible. Note that noise performance of the device is dependent on the noise contribution from the supply to VREF. Use a low-noise supply for VREF. VCC and VREF can be connected together to share the same supply voltage if the supply for VCC exhibits low noise. 38 EXT_RES External Resistor. Connect a 7.5kΩ resistor to ground. 40 PD Power-Down Switch. Drive PD high to set the device in power-down mode. Drive PD low for normal operation. 49 VGOUT8+ VGA Channel 8 Noninverting Differential Output 50 VGOUT8- VGA Channel 8 Inverting Differential Output 52 VGOUT7+ VGA Channel 7 Noninverting Differential Output 53 VGOUT7- VGA Channel 7 Inverting Differential Output 56 VGOUT6+ VGA Channel 6 Noninverting Differential Output 57 VGOUT6- VGA Channel 6 Inverting Differential Output 60 VGOUT5+ VGA Channel 5 Noninverting Differential Output |
Similar Part No. - MAX2035CCQ-TD |
|
Similar Description - MAX2035CCQ-TD |