Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLC8B1300 Datasheet(PDF) 4 Page - ITT Industries

Part # SLC8B1300
Description  Snap/Clip-Lock Environmentally Sealed - Circular
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

SLC8B1300 Datasheet(HTML) 4 Page - ITT Industries

  SLC8B1300 Datasheet HTML 1Page - ITT Industries SLC8B1300 Datasheet HTML 2Page - ITT Industries SLC8B1300 Datasheet HTML 3Page - ITT Industries SLC8B1300 Datasheet HTML 4Page - ITT Industries SLC8B1300 Datasheet HTML 5Page - ITT Industries SLC8B1300 Datasheet HTML 6Page - ITT Industries SLC8B1300 Datasheet HTML 7Page - ITT Industries SLC8B1300 Datasheet HTML 8Page - ITT Industries SLC8B1300 Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
7
www.ittcannon.com
Dimensions shown in mm
Specifications and dimensions subject to change
Plug
Receptacle
Snap/Clip-Lock Environmentally Sealed - Circular
Contact Cavity Arrangements - Mating Face View
Cannon SLC/SLC-T/CLC
2 Way
15 Way
10 Way
8 Way
5 Way
2 Way
8 Way
5 Way
15 Way
10 Way
12
1
5
4
3
2
1
2
3
4
5
6
7
8
1
2
3
4
5
6
7
8
9
10
1
15
14
13
12
11
10
9
8
7
6
5
4
3
2
21
3
4
5
1
2
2
1
7
6
5
4
3
8
1
2
3
4
5
6
7
8
9
10
1
15
14
13
12
11
10
9
8
7
6
5
4
3
2


Similar Part No. - SLC8B1300

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
SLC800 SSOUSA-SLC800 Datasheet
185Kb / 4P
   Linear Optocoupler
SLC810 SSOUSA-SLC810 Datasheet
219Kb / 7P
   Linear Optocoupler
More results

Similar Description - SLC8B1300

ManufacturerPart #DatasheetDescription
logo
ITT Industries
SLE ITT-SLE Datasheet
388Kb / 14P
   Snap-Lock Environmentally Sealed - Rectangular
logo
List of Unclassifed Man...
WB15L ETC2-WB15L Datasheet
353Kb / 5P
   Environmentally Sealed Pushbuttons
logo
Nihon Kaiheiki Industry...
WR11AS NKK-WR11AS Datasheet
214Kb / 5P
   Environmentally Sealed Rockers
WT11S NKK-WT11S Datasheet
432Kb / 6P
   Environmentally Sealed Toggles
WB12S-DA NKK-WB12S-DA Datasheet
179Kb / 4P
   Environmentally Sealed Pushbuttons
logo
Texas Instruments
7BT2 TI-7BT2 Datasheet
567Kb / 2P
[Old version datasheet]   HIGH CAPACITY ENVIRONMENTALLY SEALED
logo
Astrodyne Corporation
T100100070-LF ASTRODYNE-T100100070-LF Datasheet
54Kb / 2P
   500W 27 Volt Environmentally Sealed Power Module
logo
Laird Tech Smart Techno...
MS3 LSTD-MS3 Datasheet
541Kb / 2P
   Environmentally friendly
logo
DDK Ltd.
CM04TA-8DP8S-010 DDK-CM04TA-8DP8S-010 Datasheet
990Kb / 2P
   M12 Sized & Sealed Circular Connectors
CM08 DDK-CM08 Datasheet
178Kb / 2P
   M8 Sized & Sealed Circular Connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com