Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLEB19S2RF Datasheet(PDF) 1 Page - ITT Industries

Part # SLEB19S2RF
Description  Snap-Lock Environmentally Sealed - Rectangular
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

SLEB19S2RF Datasheet(HTML) 1 Page - ITT Industries

  SLEB19S2RF Datasheet HTML 1Page - ITT Industries SLEB19S2RF Datasheet HTML 2Page - ITT Industries SLEB19S2RF Datasheet HTML 3Page - ITT Industries SLEB19S2RF Datasheet HTML 4Page - ITT Industries SLEB19S2RF Datasheet HTML 5Page - ITT Industries SLEB19S2RF Datasheet HTML 6Page - ITT Industries SLEB19S2RF Datasheet HTML 7Page - ITT Industries SLEB19S2RF Datasheet HTML 8Page - ITT Industries SLEB19S2RF Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
20
www.ittcannon.com
Dimensions shown in mm
Specifications and dimensions subject to change
SLE
B
19
P
4
S
G
**
Series Prefix
Size
Number of Contacts
Contact Termination
Connector Type
Connector Termination
Mechanical Modifier
Material/Finish Modifier
Part No. Description
19 Position
28 Position
Contact Arrangement
No. of Contacts
Plug, Straight PCB
19 Position
28 Position
For PCB Layout, see page 24.
SLEC28P4S
SLEC28P4D
SLEC28P4L
SLEC28P4SG
SLEC28P4R
SLEC28P4UG
SLEC28P4U
SLEC28P4DG
SLEB19S2SF SLEB19S2R
SLEB19S2S
SLEB19S2U
SLEB19S2L
SLEB19S2D
SLEB19T3P
SLEB19T3
SLEB19T3PM SLEB19T3H
SLEB19T3PN
SLEB19N3P SLEB19N3PN
SLEB19N3PM
SLEB19N3
SLEC28S2SF SLEC28S2R
SLEC28S2S
SLEC28S2U
SLEC28S2L
SLEC28S2D
SLEC28N3P
SLEC28N3PN
SLEC28N3PM SLEC28N3
SLEC28T3P
SLEC28T3PE
SLEC28T3PM SLEC28T3
SLEC28T3PN
SLEB130411
SLEB19S12
SLEB130411
SLEB19S14
SLEC130415 SLEC28S12
SLEC130414 SLEC28S14
SLEB19P4S SLEB19P4D
SLEB19P4L SLEB19P4SG
SLEB19P4R SLEB19P4UG
SLEB19P4U
SLEB19P4DG
19
19
28
28
130415-0000 130415-0004
130415-0001 130415-0005
130415-0002
130415-0000 130415-0004
130415-0001 130415-0005
130415-0002
How to Order
Snap-Lock Environmentally Sealed - Rectangular
Engineering Quick Reference Selection Guide
Cannon SLE


Similar Part No. - SLEB19S2RF

ManufacturerPart #DatasheetDescription
logo
Sanyou Corporation Limi...
SLE SANYOU-SLE Datasheet
157Kb / 3P
   Photovoltaic Relay
logo
DIWELL Electronics Co.,...
SLE-24 DIWELL-SLE-24 Datasheet
418Kb / 9P
   Constant Current LED Driver
2012/07/19
logo
Sanyou Corporation Limi...
SLE-DM SANYOU-SLE-DM Datasheet
157Kb / 3P
   Photovoltaic Relay
SLE-S-112DM1-B SANYOU-SLE-S-112DM1-B Datasheet
157Kb / 3P
   Photovoltaic Relay
SLE-S-112DM1-F SANYOU-SLE-S-112DM1-F Datasheet
157Kb / 3P
   Photovoltaic Relay
More results

Similar Description - SLEB19S2RF

ManufacturerPart #DatasheetDescription
logo
ITT Industries
SLC ITT-SLC Datasheet
452Kb / 16P
   Snap/Clip-Lock Environmentally Sealed - Circular
logo
List of Unclassifed Man...
WB15L ETC2-WB15L Datasheet
353Kb / 5P
   Environmentally Sealed Pushbuttons
logo
Nihon Kaiheiki Industry...
WR11AS NKK-WR11AS Datasheet
214Kb / 5P
   Environmentally Sealed Rockers
WT11S NKK-WT11S Datasheet
432Kb / 6P
   Environmentally Sealed Toggles
WB12S-DA NKK-WB12S-DA Datasheet
179Kb / 4P
   Environmentally Sealed Pushbuttons
logo
Texas Instruments
7BT2 TI-7BT2 Datasheet
567Kb / 2P
[Old version datasheet]   HIGH CAPACITY ENVIRONMENTALLY SEALED
logo
Astrodyne Corporation
T100100070-LF ASTRODYNE-T100100070-LF Datasheet
54Kb / 2P
   500W 27 Volt Environmentally Sealed Power Module
logo
Laird Tech Smart Techno...
MS3 LSTD-MS3 Datasheet
541Kb / 2P
   Environmentally friendly
ML-1KA LSTD-ML-1KA Datasheet
586Kb / 2P
   Environmentally green
logo
International Rectifier
IRL6283MPBF IRF-IRL6283MPBF_15 Datasheet
508Kb / 9P
   Environmentally Friendly Product
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com