Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

CY7C4282V Datasheet(HTML) 4 Page - Cypress Semiconductor

Part No. CY7C4282V
Description  64K/128Kx9 Low Voltage Deep Sync FIFOs w/ Retransmit & Depth Expansion
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CYPRESS [Cypress Semiconductor]
Homepage  http://www.cypress.com
Logo 

CY7C4282V Datasheet(HTML) 4 Page - Cypress Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 15 page
background image
CY7C4282V
CY7C4292V
4
Electrical Characteristics Over the Operating Range
Parameter
Description
Test Conditions
7C4282V/92V
-10
7C4282V/92V
-15
7C4282V/92V
-25
Unit
Min.
Max.
Min.
Max.
Min.
Max.
VOH
Output HIGH Voltage
VCC = Min., IOH = −1.0 mA
VCC = 3.0V, IOH = −2.0 mA
2.4
2.4
2.4
V
VOL
Output LOW Voltage
VCC = Min., IOL = 4.0 mA
VCC = 3.0V, IOL = 8.0 mA
0.4
0.4
0.4
V
VIH
Input HIGH Voltage
2.0
VCC
2.0
VCC
2.0
VCC
V
VIL
Input LOW Voltage
−0.5
0.8
−0.5
0.8
−0.5
0.8
V
IIX
Input Leakage Current
VCC = Max.
−10
+10
−10
+10
−10
+10
µA
IOZL
IOZH
Output OFF, High Z
Current
OE
> V
IH, VSS < VO < VCC
−10
+10
−10
+10
−10
+10
µA
ICC1
[3]
Active Power Supply
Current
Com’l
25
25
25
mA
Ind
30
mA
ISB
[4]
Average Standby
Current
Com’l
6
6
6
mA
Ind
6
mA
Capacitance[5]
Parameter
Description
Test Conditions
Max.
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz,
VCC = 3.3V
5
pF
COUT
Output Capacitance
7
pF
AC Test Loads and Waveforms (-15 , -25) [6, 7]
AC Test Loads and Waveforms (-10)
Notes:
3.
Input signals switch from 0V to 3V with a rise/fall time of less than 3 ns, clocks and clock enables switch at maximum frequency 20 MHz, while data inputs
switch at 10 MHz. Outputs are unloaded.
4.
All inputs = VCC − 0.2V, except WCLK and RCLK (which are switching at frequency = 0 MHz). All outputs are unloaded.
5.
Tested initially and after any design or process changes that may affect these parameters.
6.
CL = 30 pF for all AC parameters except for tOHZ.
7.
CL = 5 pF for tOHZ.
3.0V
3.3V
OUTPUT
R1=330
R2=510
CL
INCLUDING
JIG AND
SCOPE
GND
90%
10%
90%
10%
≤ 3ns
≤ 3 ns
OUTPUT
2.0V
Equivalent to:
THÉVENIN EQUIVALENT
4282V–4
200
ALL INPUT PULSES
4282V–5
3.0V
GND
90%
10%
90%
10%
≤ 3ns
≤ 3 ns
ALL INPUT PULSES
4282V–5
I/O
50
VCC/2
Z0=50


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ADT6501Low Cost 2.7 V to 5.5 V Micropower Temperature Switches in SOT-23 1 2 3 4 5 MoreAnalog Devices
FAN41131.2V 36MHz Low Power Rail-to-Rail Amplifier 1 2 3 4 5 MoreFairchild Semiconductor
NE13700LOW NOISE KU-BAND GAAS MESFET 1 2 3 4 5 NEC
ADN28824.25 Gbps 3.3V Low Noise Transimpedance Amplifier 1 2 3 4 5 MoreAnalog Devices

Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn