Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3842S8 Datasheet(PDF) 5 Page - Anachip Corp

Part # AP3842S8
Description  High Performance Current Mode PWM Controller
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP3842S8 Datasheet(HTML) 5 Page - Anachip Corp

  AP3842S8 Datasheet HTML 1Page - Anachip Corp AP3842S8 Datasheet HTML 2Page - Anachip Corp AP3842S8 Datasheet HTML 3Page - Anachip Corp AP3842S8 Datasheet HTML 4Page - Anachip Corp AP3842S8 Datasheet HTML 5Page - Anachip Corp AP3842S8 Datasheet HTML 6Page - Anachip Corp AP3842S8 Datasheet HTML 7Page - Anachip Corp AP3842S8 Datasheet HTML 8Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
High Performance Current Mode PWM Controller
AP3842/3/4/5
Anachip Corp.
www.anachip.com.tw
Rev.1.0 Oct.11, 2004
5/8
Peak current(is) is determined by the formula
1.0V
IS max ≈
RS
A small RC filter may be required to suppress switch transients.
Figure 4.
5
4
8
R
T
C
T
V
REF
R
T/CT
GROUND
for R
T > 5KΩ f=
1.72
R
TCT
Figure 5 : Open Loop Test Circuit.
1
2
3
4
5
6
7
8
COMP.
VFB
VREF
ISENSE
RT/CT
OUTPUT
GROUND
Vi
AP3842
A
GROUND
OUTPUT
Vi
VREF
TW
1K
0.1
uF
0.1
uF
CT
5K
4.7K
4.7K
1K
100K
ISENSE
ADJUST
ERROR AMP.
ADJUST
RT
2N2222
High peak currents associated with capacitive loads necessitate careful grounding techniques. Timing and
bypass apacitors should be connected close to pin 5 in a single point ground. The transistor and 5 KΩ
potentiometer are used to sample the oscillator waveform and apply an adjustable ramp to pin 3.
Figure 6 : Shutdown Techniques.
3
B
1 COMP
SHUTDOWN
TO CURRENT
SENSE RESISTOR
VREF
ISENSE
1K
500K
330K
SHUTDOWN


Similar Part No. - AP3842S8

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
AP3842CM BCDSEMI-AP3842CM Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
AP3842CM-E1 BCDSEMI-AP3842CM-E1 Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Diodes Incorporated
AP3842CM-E1 DIODES-AP3842CM-E1 Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
AP3842CM-G1 DIODES-AP3842CM-G1 Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
More results

Similar Description - AP3842S8

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UC2842B STMICROELECTRONICS-UC2842B Datasheet
135Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
UC3842B STMICROELECTRONICS-UC3842B Datasheet
135Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
UC2842A STMICROELECTRONICS-UC2842A Datasheet
167Kb / 16P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
UC3844BD1013TR STMICROELECTRONICS-UC3844BD1013TR Datasheet
239Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
UC3845BD1013TR STMICROELECTRONICS-UC3845BD1013TR Datasheet
239Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
E-UC3843BD1 STMICROELECTRONICS-E-UC3843BD1 Datasheet
239Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
logo
Holtek Semiconductor In...
HT7A3942 HOLTEK-HT7A3942 Datasheet
1Mb / 11P
   High Performance Current Mode PWM Controller
logo
Semtech Corporation
SC4809A SEMTECH-SC4809A_16 Datasheet
321Kb / 16P
   High Performance Current Mode PWM Controller
logo
STMicroelectronics
UC3844T STMICROELECTRONICS-UC3844T Datasheet
228Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
TL2843B-Q1 TI-TL2843B-Q1_15 Datasheet
286Kb / 18P
[Old version datasheet]   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLER
logo
List of Unclassifed Man...
M5576 ETC-M5576 Datasheet
686Kb / 10P
   High performance current mode PWM controller
V1.0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com