Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

SI7842DP Datasheet(PDF) 2 Page - Vishay Siliconix

Part No. SI7842DP
Description  Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7842DP Datasheet(HTML) 2 Page - Vishay Siliconix

  SI7842DP Datasheet HTML 1Page - Vishay Siliconix SI7842DP Datasheet HTML 2Page - Vishay Siliconix SI7842DP Datasheet HTML 3Page - Vishay Siliconix SI7842DP Datasheet HTML 4Page - Vishay Siliconix SI7842DP Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Si7842DP
Vishay Siliconix
www.vishay.com
2
Document Number: 71617
S-31728—Rev. B, 18-Aug-03
MOSFET SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED).
Parameter
Symbol
Test Condition
Min
Typa
Max
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 mA
0.8
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "20 V
"100
nA
VDS = 24 V VGS = 0 V
Ch-1
1
Zero Gate Voltage Drain Current
IDSS
VDS = 24 V, VGS = 0 V
Ch 1
Ch-2
100
mA
Zero Gate Voltage Drain Current
IDSS
VDS = 24 V VGS = 0 V TJ = 85_C
Ch-1
15
mA
VDS = 24 V, VGS = 0 V, TJ = 85_C
Ch 1
Ch-2
2000
On-State Drain Currentb
ID(on)
VDS = 5 V, VGS = 10 V
20
A
Drain Source On State Resistanceb
rDS( )
VGS = 10 V, ID = 7.5 A
0.018
0.022
W
Drain-Source On-State Resistanceb
rDS(on)
VGS = 4.5 V, ID = 6.5 A
0.024
0.030
W
Forward Transconductanceb
gfs
VDS = 15 V, ID = 7.5 A
22
S
Diode Forward Voltageb
VSD
IS = 1 A VGS = 0 V
Ch-1
0.8
1.2
V
Diode Forward Voltageb
VSD
IS = 1 A, VGS = 0 V
Ch 1
Ch-2
0.47
0.5
V
Dynamica
Total Gate Charge
Qg
13
20
Gate-Source Charge
Qgs
VDS = 15 V, VGS = 10 V, ID = 7.5 A
2
nC
Gate-Drain Charge
Qgd
DS
,
GS
, D
2.7
Gate Resistance
Rg
0.5
1.2
3.2
W
Turn-On Delay Time
td(on)
8
16
Rise Time
tr
VDD = 15 V, RL = 15 W
10
20
Turn-Off Delay Time
td(off)
VDD = 15 V, RL = 15 W
ID ^ 1 A, VGEN = 10 V, RG = 6 W
21
40
ns
Fall Time
tf
10
20
ns
Source Drain Reverse Recovery Time
t
IF = 1 7 A di/dt = 100 A/ms
Ch-1
40
80
Source-Drain Reverse Recovery Time
trr
IF = 1.7 A, di/dt = 100 A/ms
Ch 1
Ch-2
32
70
Notes
a.
Guaranteed by design, not subject to production testing.
b.
Pulse test; pulse width
v 300 ms, duty cycle v 2%.
SCHOTTKY SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Forward Voltage Drop
VF
IF = 1.0 A
0.47
0.50
V
Forward Voltage Drop
VF
IF = 1.0 A, TJ = 125_C
0.36
0.42
V
Vr = 30 V
0.004
0.100
Maximum Reverse Leakage Current
Irm
Vr = 30 V, TJ = 100_C
0.7
10
mA
g
rm
Vr = - 30 V, TJ = 125_C
3.0
20
Junction Capacitance
CT
Vr = 10 V
50
pF


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
PJP75N75 75V N-Channel Enhancement Mode MOSFET 1  2  3  4  Pan Jit International Inc.
HMC581LP6 HIGH IP3 RFIC DUAL DOWNCONVERTER 800 - 960 MHz 1  2  3  4  5  More Hittite Microwave Corporation
BI3101A DUAL RWM CCFL CONTROLLER 1  2  3  4  5  More List of Unclassifed Manufacturers
MRF7S19100NR1 RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs 1  2  3  4  5  More Freescale Semiconductor, Inc
P75N02LD N-Channel Logic Level Enhancement Mode Field Effect Transistor 1  2  3  List of Unclassifed Manufacturers
HMC585MS8G HIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER 400 - 650 MHz 1  2  3  4  5  More Hittite Microwave Corporation
IDT821034 QUAD PCM CODEC WITH PROGRAMMABLE GAIN 1  2  3  4  5  More Integrated Device Technology
AD8197 4:1 HDMI/DVI Switch with Equalization 1  2  3  4  5  More Analog Devices
ADA4412-3 Integrated Triple Video Filter with Selectable Cutoff Frequencies for RGB HD/SD 1  2  3  4  5  More Analog Devices
MAX7325 I2C Port Expander with 8 Push-Pull and 8 Open-Drain I/Os 1  2  3  4  5  More Maxim Integrated Products

Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn