Electronic Components Datasheet Search |
|
TDPXEB-57L34P-2301 Datasheet(PDF) 1 Page - ITT Industries |
|
TDPXEB-57L34P-2301 Datasheet(HTML) 1 Page - ITT Industries |
1 / 9 page www.ittcannon.com 316 Dimensions are shown in inches (millimeters). Dimensions subject to change. MIL-C-81659 Rack and Panel Filter Connectors TDPX Performance and Material Specifications How to Order - Single Gang MATERIALS AND FINISHES ELECTRICAL FILTER SERIES INDICATOR T DPX E 57 L 34 P 00 01 B - - SERIES PREFIX ENVIRONMENTAL SHELL STYLE FILTER SERIES INDICATOR T - Transverse Monolith Single gang DPX E - For interfacial (pin) Delete for standard B - Polarized ARINC B shell (preferred) D - DPXA flange (less polarizing posts) See page 318. P-Pin; S-Socket TDPXD None TDPXB 03 - Mounting holes countersunk 100˚ to .230 (5.84) dia. 23 - With floating eyelets. Consult factory. See pages 67 - 68. L - Low Frequency M - Mid Frequency T - Standard Frequency Note: Use of "T" omitted in past nomen- clature. H - High Frequency N - No filters this gang. Standard DPX insert assembly. 33 - Male (plug) 34 - Female (receptacle) SERIES PREFIX ENVIRONMENTAL SHELL STYLE CONTACT ARRANGEMENT CAPACITANCE INDICATOR SHELL TYPE CONTACT ARRANGEMENT CAPACITANCE INDICATOR SHELL TYPE CONTACT TYPE MODIFICATION POLARIZING POSITION CONTACT TYPE MODIFICATION POLARIZING POSITION Description Cadmium plate (yellow chro- mate) Gold over suitable underplate none none Silver plate Passivate Aluminum alloy Copper alloy High grade plastic Neoprene rubber Beryllium copper Stainless steel Shell Contacts Insulator Interfacial and Peripheral Seals Ground Plane Polarizing Posts Contacts Size Available Filter Catalog Reference Voltage Rating Current Rating (Amp DC) Insulation Resistance, 2 min. electrification time max. at 25˚C and 100 VDC DWV, sea level, with 500 microamps max. charge/discharge current Capacitance at 1 KHz, 0.1 V rms picofarads 20 & 22 Low Freq. L Mid Freq. M High Freq. H 5 amp 300 VDC 32,000 45,000 32,000 45,000 8,000 12,000 850 1,300 Attenuation per MIL-STD-220 at 25˚C with no applied voltage or current. 20, 16 & 22 Std. Freq. T 16 Low Freq. L 200 VDC - 120 VAC rms 400 Hz 7.5 amp - size #20, 20 amp - size #16 20 amp 5,000 megohms minimum @ 100 VDC 500 VDC 500 VDC 2,300 5,000 Attenuation (dB) Freq. MHz 0.1 1 2 10 100 2 min. 15 min. 20 min. 35 min. 60 min. 65 min. - 2 min. 5 min. 20 min. 55 min. 60 min. 500 to 10,000 Pi Filter Type †=Check Factory for availability of Size 22 "T" filters. Pi Pi Pi Pi - - 2 min. 12 min. 50 min. 55 min. - - - 2 min. 30 min. 50 min. 2 min. 15 min. 20 min. 35 min. 50 min. 50 min. Material Finish Note: The TDPX replaces the obsolete DPXJ Series TDPX filter connectors are used primarily on com- mercial and military aircraft for radio and instru- mentation equipment and are available in single thru four gang version with standard ARINC shells and polarizing posts. They are intermateable with the standard DPX connectors and available in 9 contact arrangements. Meets applicable portions of MIL-Spec. |
Similar Part No. - TDPXEB-57L34P-2301 |
|
Similar Description - TDPXEB-57L34P-2301 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |