Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC3958PWPTR-4 Datasheet(PDF) 1 Page - Texas Instruments

Part # UCC3958PWPTR-4
Description  Single Cell Lithium-Ion Battery Protection Circuit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC3958PWPTR-4 Datasheet(HTML) 1 Page - Texas Instruments

  UCC3958PWPTR-4 Datasheet HTML 1Page - Texas Instruments UCC3958PWPTR-4 Datasheet HTML 2Page - Texas Instruments UCC3958PWPTR-4 Datasheet HTML 3Page - Texas Instruments UCC3958PWPTR-4 Datasheet HTML 4Page - Texas Instruments UCC3958PWPTR-4 Datasheet HTML 5Page - Texas Instruments UCC3958PWPTR-4 Datasheet HTML 6Page - Texas Instruments UCC3958PWPTR-4 Datasheet HTML 7Page - Texas Instruments UCC3958PWPTR-4 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
FEATURES
• Protects Sensitive Lithium-Ion Cells Form
Over Charging and Over Discharging
• Dedicated for One Cell Applications
• Does Not Require External FETs or Sense
Resistors
• Internal Precision Trimmed Charge and
Discharge Voltage Limits
• Extremely Low Power Drain
• Low FET Switch Voltage Drop of 150mV
Typical for 3A Currents
• Short Circuit Current Protection (with User
Programmable Delay)
• 3A Current Capacity
• Thermal Shutdown
• User Controlled Enable Pin
Single Cell Lithium-Ion Battery Protection Circuit
BLOCK DIAGRAM
UDG-98050
UCC3958 -1/-2/-3/-4
PRELIMINARY
DESCRIPTION
UCC3958 is a monolithic BCMOS lithium-ion battery protection
circuit that is designed to enhance the useful operating life of
one cell rechargeable battery packs. Cell protection features
consist of internally trimmed charge and discharge voltage lim-
its, discharge current limit with a delayed shutdown and an ultra
low current sleep mode state when the cell is discharged. Addi-
tional features include an on chip MOSFET for reduced exter-
nal component count and a charge pump for reduced power
losses while charging or discharging a low cell voltage battery
pack. This protection circuit requires a minimum number of ex-
ternal components and is able to operate and safely shutdown
in the presence of a short circuit load.
6/98


Similar Part No. - UCC3958PWPTR-4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3958 TI-UCC3958 Datasheet
289Kb / 8P
[Old version datasheet]   Single Cell Lithium-Ion Battery Protection Circuit
UCC3958-1 TI-UCC3958-1 Datasheet
289Kb / 8P
[Old version datasheet]   Single Cell Lithium-Ion Battery Protection Circuit
UCC3958-2 TI-UCC3958-2 Datasheet
289Kb / 8P
[Old version datasheet]   Single Cell Lithium-Ion Battery Protection Circuit
UCC3958-3 TI-UCC3958-3 Datasheet
289Kb / 8P
[Old version datasheet]   Single Cell Lithium-Ion Battery Protection Circuit
UCC3958-4 TI-UCC3958-4 Datasheet
289Kb / 8P
[Old version datasheet]   Single Cell Lithium-Ion Battery Protection Circuit
More results

Similar Description - UCC3958PWPTR-4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3958 TI-UCC3958 Datasheet
289Kb / 8P
[Old version datasheet]   Single Cell Lithium-Ion Battery Protection Circuit
logo
Silicon Standard Corp.
SS6821 SSC-SS6821 Datasheet
157Kb / 10P
   Single-Cell Lithium-Ion Battery Protection IC
logo
E-CMOS Corporation
EC9523 E-CMOS-EC9523 Datasheet
846Kb / 10P
   Single Cell Lithium-ion/Lithium-polymer Battery Protection IC
logo
Shenzhen Huazhimei Semi...
HM5054A HMSEMI-HM5054A Datasheet
1Mb / 11P
   Single-cell lithium-ion battery
HM5055A HMSEMI-HM5055A Datasheet
2Mb / 11P
   Single-cell lithium-ion battery
logo
Texas Instruments
UCC3952- TI-UCC3952- Datasheet
35Kb / 5P
[Old version datasheet]   Enhanced Single Cell Lithium-Ion Battery Protection IC
logo
SHOUDING Shouding Semic...
SD8057T SHOUDING-SD8057T Datasheet
1Mb / 11P
   single-cell lithium-ion battery charger
logo
Analog Intergrations Co...
AIC1802 AIC-AIC1802 Datasheet
132Kb / 10P
   Two-Cell Lithium-Ion Battery Protection IC
AIC1811 AIC-AIC1811 Datasheet
118Kb / 8P
   One-Cell Lithium-Ion Battery Protection IC
AIC1821 AIC-AIC1821 Datasheet
207Kb / 7P
   ONE-CELL LITHIUM-ION BATTERY PROTECTION IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com