Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC3958PWPTR-2 Datasheet(PDF) 3 Page - Texas Instruments

Part # UCC3958PWPTR-2
Description  Single Cell Lithium-Ion Battery Protection Circuit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC3958PWPTR-2 Datasheet(HTML) 3 Page - Texas Instruments

  UCC3958PWPTR-2 Datasheet HTML 1Page - Texas Instruments UCC3958PWPTR-2 Datasheet HTML 2Page - Texas Instruments UCC3958PWPTR-2 Datasheet HTML 3Page - Texas Instruments UCC3958PWPTR-2 Datasheet HTML 4Page - Texas Instruments UCC3958PWPTR-2 Datasheet HTML 5Page - Texas Instruments UCC3958PWPTR-2 Datasheet HTML 6Page - Texas Instruments UCC3958PWPTR-2 Datasheet HTML 7Page - Texas Instruments UCC3958PWPTR-2 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
UCC3958 -1/-2/-3/-4
ELECTRICAL CHARACTERISTICS: Unless otherwise specified, PACK+ = 4V, –20°C < TA < 70°C. All voltages
measured with respect to BNEG. TA =TJ.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
BNEG/PACK - SWITCH
VBNEG -VPACK
NORM, ISWITCH = 2A
–100
–150
mV
NORM, ISWITCH = –2A
100
150
mV
VPACK+>VOV,ISWITCH = 20mA to 2A,
(OV State)
–100
–300
mV
VPACK+ = 2.5V, ISWITCH = –20mA to –2A,
(UV State)
100
600
mV
RDSON
NORM ISWITCH =2A
50
75
m
NORM ISWITCH = –2A
50
75
m
IBNEG – (Charger Leakage Current in OV)
VPACK+>VOV (OV State)
([VPACK+]–[VPACK–]=6V)
120
µA
BIAS Current
IPACK+VPACK+> VUV
720
µA
IPACK+
In Super Low Power Mode (VPACK+<VUV)
1
1.5
µA
VBAT
Minimum Operating Cell Voltage
1.5
V
Battery Sample Rate (TS)
712
17
ms
Short Circuit Protection
ITHLD
2.75
5.25
7.25
A
TDLY
CDLY = 0
350
µs
CDLY = 100pF
(Maximum Recommended Value)
2.5
ms
RRESET
Overcurrent Reset Resistance
7.5
M
LPWARN Output
LP Warn Threshold
2.55
2.65
2.75
V
TR
CLOAD = 100pF, 10% to 90% of PACK+
280
560
ns
TF
CLOAD = 100pF, 10% to 90% of PACK+
120
280
ns
VHIGH (VPACK+–VLPWARN)ISINK = 200µA, VUV <VPACK+<VTLO
0.3
0.4
V
VLOW
ISOURCE = 200µA, VTLO <VPACK+ <VUV
0.3
0.4
V
Measure Delay
6ms
OVUVB Output
TR
CLOAD = 100pF, Hi Z to 90% of PACK+
280
560
ns
TF
CLOAD = 100pF, Hi Z to 10% of PACK+
140
280
ns
VHIGH (VPACK+ –VOVUVB)ISOURCE = 200µA, VPACK+ ≥ VOV
0.3
0.4
V
VLOW
ISINK = 200µA, VPACK+ ≤ VUV
0.3
0.4
V
ZOUT
Output Tristated
10
M
Measure Delay
18
ms
CE Input
ISINK
150
nA
Note 1: Other threshold voltages are available.


Similar Part No. - UCC3958PWPTR-2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3958 TI-UCC3958 Datasheet
289Kb / 8P
[Old version datasheet]   Single Cell Lithium-Ion Battery Protection Circuit
UCC3958-1 TI-UCC3958-1 Datasheet
289Kb / 8P
[Old version datasheet]   Single Cell Lithium-Ion Battery Protection Circuit
UCC3958-2 TI-UCC3958-2 Datasheet
289Kb / 8P
[Old version datasheet]   Single Cell Lithium-Ion Battery Protection Circuit
UCC3958-3 TI-UCC3958-3 Datasheet
289Kb / 8P
[Old version datasheet]   Single Cell Lithium-Ion Battery Protection Circuit
UCC3958-4 TI-UCC3958-4 Datasheet
289Kb / 8P
[Old version datasheet]   Single Cell Lithium-Ion Battery Protection Circuit
More results

Similar Description - UCC3958PWPTR-2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3958 TI-UCC3958 Datasheet
289Kb / 8P
[Old version datasheet]   Single Cell Lithium-Ion Battery Protection Circuit
logo
Silicon Standard Corp.
SS6821 SSC-SS6821 Datasheet
157Kb / 10P
   Single-Cell Lithium-Ion Battery Protection IC
logo
E-CMOS Corporation
EC9523 E-CMOS-EC9523 Datasheet
846Kb / 10P
   Single Cell Lithium-ion/Lithium-polymer Battery Protection IC
logo
Shenzhen Huazhimei Semi...
HM5054A HMSEMI-HM5054A Datasheet
1Mb / 11P
   Single-cell lithium-ion battery
HM5055A HMSEMI-HM5055A Datasheet
2Mb / 11P
   Single-cell lithium-ion battery
logo
Texas Instruments
UCC3952- TI-UCC3952- Datasheet
35Kb / 5P
[Old version datasheet]   Enhanced Single Cell Lithium-Ion Battery Protection IC
logo
SHOUDING Shouding Semic...
SD8057T SHOUDING-SD8057T Datasheet
1Mb / 11P
   single-cell lithium-ion battery charger
logo
Analog Intergrations Co...
AIC1802 AIC-AIC1802 Datasheet
132Kb / 10P
   Two-Cell Lithium-Ion Battery Protection IC
AIC1811 AIC-AIC1811 Datasheet
118Kb / 8P
   One-Cell Lithium-Ion Battery Protection IC
AIC1821 AIC-AIC1821 Datasheet
207Kb / 7P
   ONE-CELL LITHIUM-ION BATTERY PROTECTION IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com