Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC3958DPTR-2 Datasheet(PDF) 6 Page - Texas Instruments

Part # UCC3958DPTR-2
Description  Single Cell Lithium-Ion Battery Protection Circuit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC3958DPTR-2 Datasheet(HTML) 6 Page - Texas Instruments

  UCC3958DPTR-2 Datasheet HTML 1Page - Texas Instruments UCC3958DPTR-2 Datasheet HTML 2Page - Texas Instruments UCC3958DPTR-2 Datasheet HTML 3Page - Texas Instruments UCC3958DPTR-2 Datasheet HTML 4Page - Texas Instruments UCC3958DPTR-2 Datasheet HTML 5Page - Texas Instruments UCC3958DPTR-2 Datasheet HTML 6Page - Texas Instruments UCC3958DPTR-2 Datasheet HTML 7Page - Texas Instruments UCC3958DPTR-2 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
UCC3958 -1/-2/-3/-4
Figure 6. SIngle Cell Lithium-Ion Battery Protector IC Application Diagram
UDG-97152
Controlled Charge/Discharge Mode
When the chip senses an over-voltage condition, it pre-
vents any additional charging, but allows discharge. This
is accomplished by activating a linear control loop which
controls the gate of the MOSFET based on the differen-
tial voltage across its drain to source terminals. The lin-
ear loop attempts to regulate the differential voltage
across the MOSFET to 100mV. When a light load is ap-
plied to the part, the loop adjusts the impedance of the
MOSFET to maintain 100mV across it. As the load in-
creases, the impedance of the MOSFET is decreased to
maintain the 100mV control. At heavy loads (still below
“over-current” limit level), the loop will not maintain regu-
lation and will drive the gate of the MOSFET to the bat-
tery voltage (not the charge-pump output voltage).
The
MOSFET RDSON in the over-voltage state will be slightly
higher than RDSON during normal operation. The voltage
drop (and associated power loss) across the internal
MOSFET in this mode of operation is lower than the typi-
cal solution of two external back-to-back MOSFETs,
where the body diode is conducting.
0
100
200
300
400
500
600
700
2.00
2.10
2.20
2.30
2.40
CELL VOLTAGE (V)
0.2Amp
1.0Amp
2.0Amp
Figure 5. Typical MOSFET Voltate Drop During
Charge in UV vs. Cell Voltage.
APPLICATION INFORMATION (continued)


Similar Part No. - UCC3958DPTR-2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3958 TI-UCC3958 Datasheet
289Kb / 8P
[Old version datasheet]   Single Cell Lithium-Ion Battery Protection Circuit
UCC3958-1 TI-UCC3958-1 Datasheet
289Kb / 8P
[Old version datasheet]   Single Cell Lithium-Ion Battery Protection Circuit
UCC3958-2 TI-UCC3958-2 Datasheet
289Kb / 8P
[Old version datasheet]   Single Cell Lithium-Ion Battery Protection Circuit
UCC3958-3 TI-UCC3958-3 Datasheet
289Kb / 8P
[Old version datasheet]   Single Cell Lithium-Ion Battery Protection Circuit
UCC3958-4 TI-UCC3958-4 Datasheet
289Kb / 8P
[Old version datasheet]   Single Cell Lithium-Ion Battery Protection Circuit
More results

Similar Description - UCC3958DPTR-2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3958 TI-UCC3958 Datasheet
289Kb / 8P
[Old version datasheet]   Single Cell Lithium-Ion Battery Protection Circuit
logo
Silicon Standard Corp.
SS6821 SSC-SS6821 Datasheet
157Kb / 10P
   Single-Cell Lithium-Ion Battery Protection IC
logo
E-CMOS Corporation
EC9523 E-CMOS-EC9523 Datasheet
846Kb / 10P
   Single Cell Lithium-ion/Lithium-polymer Battery Protection IC
logo
Shenzhen Huazhimei Semi...
HM5054A HMSEMI-HM5054A Datasheet
1Mb / 11P
   Single-cell lithium-ion battery
HM5055A HMSEMI-HM5055A Datasheet
2Mb / 11P
   Single-cell lithium-ion battery
logo
Texas Instruments
UCC3952- TI-UCC3952- Datasheet
35Kb / 5P
[Old version datasheet]   Enhanced Single Cell Lithium-Ion Battery Protection IC
logo
SHOUDING Shouding Semic...
SD8057T SHOUDING-SD8057T Datasheet
1Mb / 11P
   single-cell lithium-ion battery charger
logo
Analog Intergrations Co...
AIC1802 AIC-AIC1802 Datasheet
132Kb / 10P
   Two-Cell Lithium-Ion Battery Protection IC
AIC1811 AIC-AIC1811 Datasheet
118Kb / 8P
   One-Cell Lithium-Ion Battery Protection IC
AIC1821 AIC-AIC1821 Datasheet
207Kb / 7P
   ONE-CELL LITHIUM-ION BATTERY PROTECTION IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com