Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZNBG4000Q16 Datasheet(PDF) 7 Page - Zetex Semiconductors

Part # ZNBG4000Q16
Description  FET BIAS CONTROLLER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZNBG4000Q16 Datasheet(HTML) 7 Page - Zetex Semiconductors

Back Button ZNBG4000Q16 Datasheet HTML 2Page - Zetex Semiconductors ZNBG4000Q16 Datasheet HTML 3Page - Zetex Semiconductors ZNBG4000Q16 Datasheet HTML 4Page - Zetex Semiconductors ZNBG4000Q16 Datasheet HTML 5Page - Zetex Semiconductors ZNBG4000Q16 Datasheet HTML 6Page - Zetex Semiconductors ZNBG4000Q16 Datasheet HTML 7Page - Zetex Semiconductors ZNBG4000Q16 Datasheet HTML 8Page - Zetex Semiconductors ZNBG4000Q16 Datasheet HTML 9Page - Zetex Semiconductors ZNBG4000Q16 Datasheet HTML 10Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
ZNBG4000
ZNBG4000 ZNBG4001
ZNBG6000 ZNBG6001
APPLICATIONS INFORMATION (Continued)
The ZNBG devices have been designed to protect the external FETs from adverse operating
conditions. With a JFET connected to any bias circuit, the gate output voltage of the bias circuit
can not exceed the range -3.5V to 0.7V, under any conditions including powerup and powerdown
transients. Should the negative bias generator be shorted or overloaded so that the drain current
of the external FETs can no longer be controlled, the drain supply to FETs is shut down to avoid
damage to the FETs by excessive drain current.
The following diagrams show the ZNBG4000/1 and ZNBG6000/1 in typical LNB applications.
Within each FET gain stage the numbering system indicates how the bias stages relate to the
application circuits. This is important when RCAL values are used to set differing drain currents.
Dual standard or enhanced LNB block diagram
4-143


Similar Part No. - ZNBG4000Q16

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZNBG4000Q16 ZETEX-ZNBG4000Q16 Datasheet
406Kb / 10P
   FET BIAS CONTROLLER
logo
Diodes Incorporated
ZNBG4000Q16 DIODES-ZNBG4000Q16 Datasheet
419Kb / 10P
   ABSOLUTE MAXIMUM RATINGS
More results

Similar Description - ZNBG4000Q16

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZNBG3000 DIODES-ZNBG3000 Datasheet
216Kb / 9P
   FET BIAS CONTROLLER
logo
Aimtron Technology
AT1504 AIMTRON-AT1504 Datasheet
237Kb / 6P
   FET BIAS CONTROLLER
AT1506 AIMTRON-AT1506 Datasheet
237Kb / 6P
   FET BIAS CONTROLLER
logo
Unisonic Technologies
L8401 UTC-L8401_15 Datasheet
231Kb / 5P
   FET BIAS CONTROLLER
logo
Diodes Incorporated
ZNBG4000 DIODES-ZNBG4000 Datasheet
419Kb / 10P
   FET BIAS CONTROLLER
logo
Zetex Semiconductors
ZNBG4000 ZETEX-ZNBG4000 Datasheet
406Kb / 10P
   FET BIAS CONTROLLER
ZNBR4000 ZETEX-ZNBR4000 Datasheet
183Kb / 10P
   FET BIAS CONTROLLER
ZNBG2000 ZETEX-ZNBG2000 Datasheet
516Kb / 7P
   FET BIAS CONTROLLER
logo
Unisonic Technologies
L8001 UTC-L8001_17 Datasheet
181Kb / 6P
   FET BIAS CONTROLLER
L8002 UTC-L8002 Datasheet
176Kb / 6P
   FET BIAS CONTROLLER
logo
Diodes Incorporated
ZNBG2000 DIODES-ZNBG2000 Datasheet
525Kb / 7P
   FET BIAS CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com