Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZNBG4001Q16 Datasheet(PDF) 4 Page - Zetex Semiconductors

Part # ZNBG4001Q16
Description  FET BIAS CONTROLLER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZNBG4001Q16 Datasheet(HTML) 4 Page - Zetex Semiconductors

  ZNBG4001Q16 Datasheet HTML 1Page - Zetex Semiconductors ZNBG4001Q16 Datasheet HTML 2Page - Zetex Semiconductors ZNBG4001Q16 Datasheet HTML 3Page - Zetex Semiconductors ZNBG4001Q16 Datasheet HTML 4Page - Zetex Semiconductors ZNBG4001Q16 Datasheet HTML 5Page - Zetex Semiconductors ZNBG4001Q16 Datasheet HTML 6Page - Zetex Semiconductors ZNBG4001Q16 Datasheet HTML 7Page - Zetex Semiconductors ZNBG4001Q16 Datasheet HTML 8Page - Zetex Semiconductors ZNBG4001Q16 Datasheet HTML 9Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
JFET Drain Current v Rcal
020
40
60
100
0
2
4
6
8
10
Rcal (k)
80
12
14
16
JFET Drain Voltage v Drain Current
24
6
8
16
2.0
2.1
2.2
Drain Current (mA)
10
2.3
2.4
12
14
Vsub v External Load
0
0.2
0.4
0.6
1.0
-3.0
-2.5
-2.0
-1.5
-1.0
External Vsub Load (mA)
0.8
-0.5
0.0
TYPICAL CHARACTERISTICS
Vcc = 5V
Vcc = 5V
6V
8V
10V
Vcc = 5V
6V
8V
10V
Note:- Operation with loads > 200µA
is not guaranteed.
ZNBG4000
ZNBG4000 ZNBG4001
ZNBG6000 ZNBG6001
4-140


Similar Part No. - ZNBG4001Q16

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZNBG4001Q16 ZETEX-ZNBG4001Q16 Datasheet
406Kb / 10P
   FET BIAS CONTROLLER
logo
Diodes Incorporated
ZNBG4001Q16 DIODES-ZNBG4001Q16 Datasheet
419Kb / 10P
   ABSOLUTE MAXIMUM RATINGS
More results

Similar Description - ZNBG4001Q16

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZNBG3000 DIODES-ZNBG3000 Datasheet
216Kb / 9P
   FET BIAS CONTROLLER
logo
Aimtron Technology
AT1504 AIMTRON-AT1504 Datasheet
237Kb / 6P
   FET BIAS CONTROLLER
AT1506 AIMTRON-AT1506 Datasheet
237Kb / 6P
   FET BIAS CONTROLLER
logo
Unisonic Technologies
L8401 UTC-L8401_15 Datasheet
231Kb / 5P
   FET BIAS CONTROLLER
logo
Diodes Incorporated
ZNBG4000 DIODES-ZNBG4000 Datasheet
419Kb / 10P
   FET BIAS CONTROLLER
logo
Zetex Semiconductors
ZNBG4000 ZETEX-ZNBG4000 Datasheet
406Kb / 10P
   FET BIAS CONTROLLER
ZNBR4000 ZETEX-ZNBR4000 Datasheet
183Kb / 10P
   FET BIAS CONTROLLER
ZNBG2000 ZETEX-ZNBG2000 Datasheet
516Kb / 7P
   FET BIAS CONTROLLER
logo
Unisonic Technologies
L8001 UTC-L8001_17 Datasheet
181Kb / 6P
   FET BIAS CONTROLLER
L8002 UTC-L8002 Datasheet
176Kb / 6P
   FET BIAS CONTROLLER
logo
Diodes Incorporated
ZNBG2000 DIODES-ZNBG2000 Datasheet
525Kb / 7P
   FET BIAS CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com