Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS40140RHHT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40140RHHT
Description  DUAL OR 2-PHASE, STACKABLE CONTROLLER
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS40140RHHT Datasheet(HTML) 3 Page - Texas Instruments

  TPS40140RHHT Datasheet HTML 1Page - Texas Instruments TPS40140RHHT Datasheet HTML 2Page - Texas Instruments TPS40140RHHT Datasheet HTML 3Page - Texas Instruments TPS40140RHHT Datasheet HTML 4Page - Texas Instruments TPS40140RHHT Datasheet HTML 5Page - Texas Instruments TPS40140RHHT Datasheet HTML 6Page - Texas Instruments TPS40140RHHT Datasheet HTML 7Page - Texas Instruments TPS40140RHHT Datasheet HTML 8Page - Texas Instruments TPS40140RHHT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 65 page
background image
www.ti.com
2
DEVICE RATINGS
2.1
ABSOLUTE MAXIMUM RATINGS
2.2
RECOMMENDED OPERATING CONDITIONS
2.3
ELECTROSTATIC DISCHARGE (ESD) PROTECTION
2.4
PACKAGE DISSIPATION RATINGS
(1)
TPS40140
DUAL OR 2-PHASE, STACKABLE CONTROLLER
SLUS660A – SEPTEMBER 2005 – REVISED JULY 2006
over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
VDD, UVLO_CE1, UVLO_CE2
–0.3 to 16
SW1, SW2
–1 to 44
Input voltage range
SW1, SW2, transient < 50ns
–5
V
BOOT1, BOOT2, HDRV1, HDRV2
VSW + 6.0
All other pins
–0.3 to 6.0
Output current
RT
200
µA
Junction Temperature, TJ
Operating
–40 to 125
°C
Junction Temperature, TJ
Storage
–55 to 150
°C
over operating free-air temperature range (unless otherwise noted)
MIN
TYP
MAX
UNIT
VDD, UVLO_CE1, UVLO_CE1
–0.3
15
SW1, SW2
–1
40
Input voltage
V
BOOT1, BOOT2, HDRV1, HDRV2
VSW+5.5
All other pins
–0.3
5.5
Maximum output current
RT
25
µA
Operating free-air temperature
–40
85
°C
PARAMETER
MIN
TYP
MAX
UNIT
Human body model
3000
V
CDM
1500
V
THERMAL IMPEDANCE
TA = 25°C POWER RATING (W)
TA = 85°C POWER RATING (W)
JUNCTION-TO-AMBIENT (
°C/W)
48
2
0.8
(1)
For more information on the RHH package and the test method, refer to TI technical brief, literature number SLUA271.
Submit Documentation Feedback
DEVICE RATINGS
3


Similar Part No. - TPS40140RHHT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40140RHHT TI1-TPS40140RHHT Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
TPS40140RHHTG4 TI1-TPS40140RHHTG4 Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
More results

Similar Description - TPS40140RHHT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40140 TI1-TPS40140_16 Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
TPS53851 TI1-TPS53851 Datasheet
1Mb / 64P
[Old version datasheet]   DUAL OR 2-PHASE, STACKABLE CONTROLLER
TPS40140 TI-TPS40140_15 Datasheet
2Mb / 71P
[Old version datasheet]   TPS40140 Dual or 2-Phase, Stackable Controller
TPS40180 TI-TPS40180 Datasheet
1Mb / 52P
[Old version datasheet]   SINGLE PHASE STACKABLE CONTROLLER
logo
Microchip Technology
MIC21LV32 MICROCHIP-MIC21LV32 Datasheet
1Mb / 50P
   36V Dual Phase, Advanced COT Buck Controller Stackable for Multiphase Operation
02/28/20
logo
ON Semiconductor
NCP81243 ONSEMI-NCP81243_17 Datasheet
341Kb / 26P
   Dual Output 3 & 2 Phase Controller
June, 2017 ??Rev. 2
NCP81243 ONSEMI-NCP81243 Datasheet
338Kb / 26P
   Dual Output 3 & 2 Phase Controller
February, 2016 ??Rev. 0
logo
Texas Instruments
TPS40322 TI1-TPS40322_16 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI1-TPS40322 Datasheet
1,023Kb / 40P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com