Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS40140RHHR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40140RHHR
Description  DUAL OR 2-PHASE, STACKABLE CONTROLLER
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS40140RHHR Datasheet(HTML) 5 Page - Texas Instruments

  TPS40140RHHR Datasheet HTML 1Page - Texas Instruments TPS40140RHHR Datasheet HTML 2Page - Texas Instruments TPS40140RHHR Datasheet HTML 3Page - Texas Instruments TPS40140RHHR Datasheet HTML 4Page - Texas Instruments TPS40140RHHR Datasheet HTML 5Page - Texas Instruments TPS40140RHHR Datasheet HTML 6Page - Texas Instruments TPS40140RHHR Datasheet HTML 7Page - Texas Instruments TPS40140RHHR Datasheet HTML 8Page - Texas Instruments TPS40140RHHR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 65 page
background image
www.ti.com
TPS40140
DUAL OR 2-PHASE, STACKABLE CONTROLLER
SLUS660A – SEPTEMBER 2005 – REVISED JULY 2006
ELECTRICAL CHARACTERISTICS (continued)
T
J = –40°C to 85°C, (unless otherwise noted), VVDD = 7 V, VBP5 = 5 V, UVLO_CE1, UCLO_CE2: 10 kΩ, Pullup to BP5,
f
SW = 300 kHz, unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CURRENT SENSE AMPLIFIERS (CS1, CS2)
Differential input voltage
-60
60
mV
Input offset voltage
CS1, CS2, Trimmed
-2.0
0
2.0
mV
Ac
Gain transfer to PWM COMP
5 mV < VCS < 60 mV, VCSRT = 1.5 V
12
13
14
V/V
Input common mode(1)
0
5.8
V
CSA
Input bias current
100
nA
DIFFERENTIAL AMPLIFIER (DIFFO)
Gain
1.0 V < VOUT < 5.8 V
0.997
1
1.003
V/V
Input Common Mode Range(1)
0
5.8
V
Output Source Current(1)
VOUT– VVGSNS = 2 V, VDIFFO > 1.98 V,
2
VDD-VOUT > 2 V
Output Source Current(1)
VOUT– VVGSNS = 2 V, VDIFFO > 2.02 V VDD-VOUT
1
mA
=1 V
Output Sink Current(1)
VOUT– VVGSNS = 2 V,
2
VDIFFO > 2.02 V
Unity gain bandwidth(1)
5
8
MHz
Input Impedance, non inverting(1) VOUT to GND
60
k
Input Impedance, inverting(1)
GSNS to DIFFO
60
GATE DRIVERS
HDRV1, HDRV2 Source On
VBOOT1, VBOOT2 = 5 V, VSW1 = VSW2 = 0 V,
1
2
3
Resistance
Sourcing 100 mA
HDRV1, HDRV2 Sink On
VVREG = 5 V, VSW1 = VSW2 = 0 V,
0.5
1.2
2
Resistance
Sinking 100 mA
LDRV1, LDRV2 Source On
VVREG = 5 V, VSW1 = VSW2 = 0 V,
1
2
3
Resistance
Sourcing 100 mA
LDRV1, LDRV2 Sink On
VVREG = 5V, VSW1 = VSW2 = 0 V,
0.3
0.65
1
Resistance
Sinking 100 mA
tRISE HDRVx rise time(1)
CLOAD= 3.3 nF
25
75
tFALL HDRVx fall time(1)
CLOAD= 3.3nF
25
75
tRISE LDRVx rise time(1)
CLOAD= 3.3nF
25
75
ns
tFALL LDRVx fall time(1)
CLOAD= 3.3nF
20
60
Minimum Controllable On-Time
CLOAD= 3.3nF
50
OUTPUT UNDERVOLTAGE FAULT
VFB relative to VREF
-19%
-16.5%
-14%
Undervoltage delay(1)
3
µs
CURRENT LIMIT
IILIM
Output current
18.8
20
21.2
µA
POWER GOOD
PGOOD transition low threshold
VFB rising relative to VREF
10%
12.5%
15%
PGOOD transition low threshold
VFB falling relative to VREF
-15%
-12.5%
-10%
PGOOD trip hysteresis
2%
5%
PGOOD Delay(1)
10
µs
Low level output voltage, VOL
IPGOOD = 4 mA
0.35
0.4
V
PGOOD Bias Current
VPGOOD= 5.0 V
-2
1
2
µA
(1)
Ensured by design. Not 100% production tested.
Submit Documentation Feedback
DEVICE RATINGS
5


Similar Part No. - TPS40140RHHR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40140RHHR TI1-TPS40140RHHR Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
TPS40140RHHRG4 TI1-TPS40140RHHRG4 Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
More results

Similar Description - TPS40140RHHR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40140 TI1-TPS40140_16 Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
TPS53851 TI1-TPS53851 Datasheet
1Mb / 64P
[Old version datasheet]   DUAL OR 2-PHASE, STACKABLE CONTROLLER
TPS40140 TI-TPS40140_15 Datasheet
2Mb / 71P
[Old version datasheet]   TPS40140 Dual or 2-Phase, Stackable Controller
TPS40180 TI-TPS40180 Datasheet
1Mb / 52P
[Old version datasheet]   SINGLE PHASE STACKABLE CONTROLLER
logo
Microchip Technology
MIC21LV32 MICROCHIP-MIC21LV32 Datasheet
1Mb / 50P
   36V Dual Phase, Advanced COT Buck Controller Stackable for Multiphase Operation
02/28/20
logo
ON Semiconductor
NCP81243 ONSEMI-NCP81243_17 Datasheet
341Kb / 26P
   Dual Output 3 & 2 Phase Controller
June, 2017 ??Rev. 2
NCP81243 ONSEMI-NCP81243 Datasheet
338Kb / 26P
   Dual Output 3 & 2 Phase Controller
February, 2016 ??Rev. 0
logo
Texas Instruments
TPS40322 TI1-TPS40322_16 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI1-TPS40322 Datasheet
1,023Kb / 40P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com