Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM79LXX Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LM79LXX
Description  100mA Negative Voltage Regulator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

LM79LXX Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LM79LXX Datasheet HTML 1Page - List of Unclassifed Manufacturers LM79LXX Datasheet HTML 2Page - List of Unclassifed Manufacturers LM79LXX Datasheet HTML 3Page - List of Unclassifed Manufacturers LM79LXX Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Bay Linear, Inc
2478 Armstrong Street, Livermore, CA 94550 Tel: (925) 989-7144, Fax: (925) 940-9556
www.baylinear.com
100mA Negative Voltage Regulator
LM79LXX
Packaging Information
Ordering Information
Device
Operating
Voltage
Temp.
Package
LM79l05
7 to 20
0 to 125
°C
TO-92
LM79L12
14.5 to 27
0 to 125
°C
TO-92
LM79L15
17.5 to 30
0 to 125
°C
TO-92
LM79L18
20.5 to 33
0 to 125
°C
TO-92
LM79L24
27 to 38
0 to 125
°C
TO-92
Description
The Bay Linear LM79LXX is integrated linear negative
regulator with three terminals. The LM79LXX offer several
fixed output voltages making them useful in wide range of
applications. These applications include on-card regulation for
elimination of noise and distribution problems associated with
single-point regulation. In addition they can be used with
power pass elements to make high-current voltage regulators.
Each of these regulators can deliver up to 100mA of output
current.
When used in replacement for a Zener diode-resistor
combination, an effective improvement in output impedance
can be obtained together with lower-bias current.
The LM79LXX is available in the plastic TO-92 (Z) package.
Features
Output Current of 100mA
Output Voltage Tolerance of 5%
Internal thermal overload protection
Internal Short-Circuit Limited
No External Component
Output Voltage- 5.0V, -12V, -15V, -18V, -
24V
Offer in plastic TO-92
Direct Replacement for MC79L00
Applications
Post regulator for switching DC/DC
converter
Bias supply for analog circuits
Bay Linear
Bay Linear
Bay Linear
Bay Linear
Linear Excellence
Bottom View
TO-92 (N)
1
3
2
1.
Common
2.
Input
3.
Output
Bottom View
TO-92 (N)
1
3
2
1.
2.
Input
3.


Similar Part No. - LM79LXX

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
LM79LXX HTC-LM79LXX Datasheet
235Kb / 10P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
logo
Boca Semiconductor Corp...
LM79LXXA BOCA-LM79LXXA Datasheet
246Kb / 6P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATORS
logo
National Semiconductor ...
LM79LXXAC NSC-LM79LXXAC Datasheet
209Kb / 8P
   3-Terminal Negative Regulators
logo
Cystech Electonics Corp...
LM79LXXM3 CYSTEKEC-LM79LXXM3 Datasheet
490Kb / 8P
   Low Current Negative Voltage Regulator
More results

Similar Description - LM79LXX

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM79L00 GAMMA-GM79L00 Datasheet
159Kb / 9P
   100mA NEGATIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS79L00 TSC-TS79L00_14 Datasheet
165Kb / 7P
   3-Terminal 100mA Negative Voltage Regulator
TS79L00 TSC-TS79L00_08 Datasheet
133Kb / 9P
   3-Terminal 100mA Negative Voltage Regulator
logo
ADDtek Corp
AMC79L05 ADDTEK-AMC79L05 Datasheet
90Kb / 6P
   100mA / 3-TERMINAL NEGATIVE VOLTAGE REGULATOR
JUNE 2006
logo
List of Unclassifed Man...
AMC79L05 ETC1-AMC79L05 Datasheet
387Kb / 6P
   100mA / 3-TERMINAL NEGATIVE VOLTAGE REGULATOR
logo
KODENSHI_AUK CORP.
SN79L05 KODENSHI-SN79L05 Datasheet
511Kb / 16P
   3 Terminal Negative Voltage Regulator [100mA]
logo
Panasonic Semiconductor
AN79L00 PANASONIC-AN79L00 Datasheet
66Kb / 9P
   3-pin Negative Output Voltage Regulator 100mA Type
logo
NTE Electronics
NTE1903 NTE-NTE1903 Datasheet
23Kb / 2P
   Integrated Circuit Negative 3 Terminal Voltage Regulator, -12V, 100mA
NTE1979 NTE-NTE1979 Datasheet
28Kb / 2P
   Integrated Circuit Negative 3 Terminal Voltage Regulator,-8V, 100mA
NTE1909 NTE-NTE1909 Datasheet
23Kb / 2P
   Integrated Circuit Negative 3 Terminal Voltage Regulator, -24V, 100mA
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com