Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS41C16128-45KI Datasheet(PDF) 3 Page - Integrated Silicon Solution, Inc

Part # IS41C16128-45KI
Description  128K x 16 (2-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS41C16128-45KI Datasheet(HTML) 3 Page - Integrated Silicon Solution, Inc

  IS41C16128-45KI Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS41C16128-45KI Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS41C16128-45KI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS41C16128-45KI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS41C16128-45KI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS41C16128-45KI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS41C16128-45KI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS41C16128-45KI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS41C16128-45KI Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
IS41C16128
Integrated Silicon Solution, Inc.
3
PRELIMINARY DR002-1D
08/20/98
ISSI®
TRUTH TABLE
Function
RAS
RAS
RAS
RAS
RAS
LCAS
LCAS
LCAS
LCAS
LCAS UCAS
UCAS
UCAS
UCAS
UCAS
WE
WE
WE
WE
WE
OE
OE
OE
OE
OE
Address tR/tC
I/O
Standby
H
H
H
X
X
X
High-Z
Read: Word
L
L
L
H
L
ROW/COL
DOUT
Read: Lower Byte
L
L
H
H
L
ROW/COL
Lower Byte, DOUT
Upper Byte, High-Z
Read: Upper Byte
L
H
L
H
L
ROW/COL
Lower Byte, High-Z
Upper Byte, DOUT
Write: Word (Early Write)
L
L
L
L
X
ROW/COL
DIN
Write: Lower Byte (Early Write)
L
L
H
L
X
ROW/COL
Lower Byte, DIN
Upper Byte, High-Z
Write: Upper Byte (Early Write)
L
H
L
L
X
ROW/COL
Lower Byte, High-Z
Upper Byte, DIN
Read-Write(1,2)
LL
L
H
→LL→H
ROW/COL
DOUT, DIN
EDO Page-Mode Read(2)
1st Cycle:
L
H
→LH→L
H
L
ROW/COL
DOUT
2nd Cycle:
L
H
→LH→L
H
L
NA/COL
DOUT
Any Cycle:
L
L
→HL→H
H
L
NA/NA
DOUT
EDO Page-Mode Write(1)
1st Cycle:
L
H
→LH→L
L
X
ROW/COL
DIN
2nd Cycle:
L
H
→LH→L
L
X
NA/COL
DIN
EDO Page-Mode
1st Cycle:
L
H
→LH→LH→LL→H
ROW/COL
DOUT, DIN
Read-Write(1,2)
2nd Cycle:
L
H
→LH→LH→LL→H
NA/COL
DOUT, DIN
Hidden Refresh2)
Read L
→H→L
L
L
H
L
ROW/COL
DOUT
Write L
→H→L
L
L
L
X
ROW/COL
DOUT
RAS-Only Refresh
L
H
H
X
X
ROW/NA
High-Z
CBR Refresh(3)
H
→L
L
L
X
X
X
High-Z
Notes:
1. These WRITE cycles may also be BYTE WRITE cycles (either
LCAS or UCAS active).
2. These READ cycles may also be BYTE READ cycles (either
LCAS or UCAS active).
3. At least one of the two
CAS signals must be active (LCAS or UCAS).


Similar Part No. - IS41C16128-45KI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS41C16100 ISSI-IS41C16100 Datasheet
123Kb / 20P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41C16100 ISSI-IS41C16100 Datasheet
169Kb / 23P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41C16100-50K ISSI-IS41C16100-50K Datasheet
123Kb / 20P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41C16100-50K ISSI-IS41C16100-50K Datasheet
169Kb / 23P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41C16100-50KI ISSI-IS41C16100-50KI Datasheet
123Kb / 20P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
More results

Similar Description - IS41C16128-45KI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC41C16100A ICSI-IC41C16100A Datasheet
231Kb / 21P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IC41C16100S ICSI-IC41C16100S Datasheet
672Kb / 21P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41C16100 ISSI-IS41C16100_05 Datasheet
169Kb / 23P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Circuit Solu...
IS41LV16100S ICSI-IS41LV16100S Datasheet
533Kb / 20P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41LV16100A ISSI-IS41LV16100A Datasheet
144Kb / 22P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41C16100 ISSI-IS41C16100 Datasheet
123Kb / 20P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41LV16100B ISSI-IS41LV16100B Datasheet
143Kb / 22P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
41LV16100B ISSI-41LV16100B Datasheet
145Kb / 22P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Circuit Solu...
IC41LV44002A ICSI-IC41LV44002A Datasheet
297Kb / 20P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41LV16256 ICSI-IS41LV16256 Datasheet
215Kb / 20P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com