Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS41C16128-50KI Datasheet(PDF) 6 Page - Integrated Silicon Solution, Inc

Part # IS41C16128-50KI
Description  128K x 16 (2-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS41C16128-50KI Datasheet(HTML) 6 Page - Integrated Silicon Solution, Inc

Back Button IS41C16128-50KI Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS41C16128-50KI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS41C16128-50KI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS41C16128-50KI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS41C16128-50KI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS41C16128-50KI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS41C16128-50KI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS41C16128-50KI Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS41C16128-50KI Datasheet HTML 10Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
IS41C16128
6
Integrated Silicon Solution, Inc.
PRELIMINARY DR002-1D
08/20/98
ISSI®
ELECTRICAL CHARACTERISTICS(1) (Recommended Operation Conditions unless otherwise noted.)
Symbol Parameter
Test Condition
Speed
Min.
Max.
Unit
IIL
Input Leakage Current
Any input 0V < VIN < 5.5V
–10
10
µA
Other inputs not under test = 0V
IIO
Output Leakage Current
Output is disabled (Hi-Z)
–10
10
µA
0V < VOUT < 5.5V
VOH
Output High Voltage Level
IOH = –2.5 mA
2.4
V
VOL
Output Low Voltage Level
IOL = +2.1 mA
0.4
V
ICC1
Stand-by Current: TTL
RAS, LCAS, UCAS ≥ VIH
—2
mA
ICC2
Stand-by Current: CMOS
RAS, LCAS, UCAS ≥ VCC – 0.2V
1
mA
ICC3
Operating Current:
RAS, LCAS, UCAS,
-35
230
mA
Random Read/Write(2,3,4)
Address Cycling, tRC = tRC (min.)
-40
130
Average Power Supply Current
-45
120
-50
110
-60
100
ICC4
Operating Current:
RAS = VIL, LCAS, UCAS,
-35
220
mA
EDO Page Mode(2,3,4)
Cycling tPC = tPC (min.)
-40
90
Average Power Supply Current
-45
85
-50
80
-60
70
ICC5
Refresh Current:
RAS Cycling, LCAS, UCAS ≥ VIH
-35
230
mA
RAS-Only(2,3)
tRC = tRC (min.)
-40
130
Average Power Supply Current
-45
120
-50
100
-60
100
ICC6
Refresh Current:
RAS, LCAS, UCAS Cycling
-35
230
mA
CBR(2,3,5)
tRC = tRC (min.)
-40
130
Average Power Supply Current
-45
120
-50
100
-60
100
Notes:
1. An initial pause of 200
µs is required after power-up followed by eight RAS refresh cycles (RAS-Only or CBR) before proper device
operation is assured. The eight
RAS cycles wake-up should be repeated any time the tREF refresh requirement is exceeded.
2. Dependent on cycle rates.
3. Specified values are obtained with minimum cycle time and the output open.
4. Column-address is changed once each EDO page cycle.
5. Enables on-chip refresh and address counters.


Similar Part No. - IS41C16128-50KI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS41C16100 ISSI-IS41C16100 Datasheet
123Kb / 20P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41C16100 ISSI-IS41C16100 Datasheet
169Kb / 23P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41C16100-50K ISSI-IS41C16100-50K Datasheet
123Kb / 20P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41C16100-50K ISSI-IS41C16100-50K Datasheet
169Kb / 23P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41C16100-50KI ISSI-IS41C16100-50KI Datasheet
123Kb / 20P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
More results

Similar Description - IS41C16128-50KI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC41C16100A ICSI-IC41C16100A Datasheet
231Kb / 21P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IC41C16100S ICSI-IC41C16100S Datasheet
672Kb / 21P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41C16100 ISSI-IS41C16100_05 Datasheet
169Kb / 23P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Circuit Solu...
IS41LV16100S ICSI-IS41LV16100S Datasheet
533Kb / 20P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41LV16100A ISSI-IS41LV16100A Datasheet
144Kb / 22P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41C16100 ISSI-IS41C16100 Datasheet
123Kb / 20P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41LV16100B ISSI-IS41LV16100B Datasheet
143Kb / 22P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
41LV16100B ISSI-41LV16100B Datasheet
145Kb / 22P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Circuit Solu...
IC41LV44002A ICSI-IC41LV44002A Datasheet
297Kb / 20P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41LV16256 ICSI-IS41LV16256 Datasheet
215Kb / 20P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com