Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS41C16128-60K Datasheet(PDF) 8 Page - Integrated Silicon Solution, Inc

Part # IS41C16128-60K
Description  128K x 16 (2-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS41C16128-60K Datasheet(HTML) 8 Page - Integrated Silicon Solution, Inc

Back Button IS41C16128-60K Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS41C16128-60K Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS41C16128-60K Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS41C16128-60K Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS41C16128-60K Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS41C16128-60K Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS41C16128-60K Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS41C16128-60K Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS41C16128-60K Datasheet HTML 12Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
IS41C16128
8
Integrated Silicon Solution, Inc.
PRELIMINARY DR002-1D
08/20/98
ISSI®
AC CHARACTERISTICS (Continued)(1,2,3,4,5,6) (Recommended Operating Conditions unless otherwise noted.)
-35
-40
-45
-50
-60
Symbol
Parameter
Min. Max.
Min. Max.
Min. Max.
Min. Max.
Min. Max.
Units
tACH
Column-Address Setup Time to
CAS
15
15
15
15
15
ns
Precharge during WRITE Cycle
tOEH
OE Hold Time from WE during
8
8
8
10
15
ns
READ-MODIFY-WRITE cycle(18)
tDS
Data-In Setup Time(15, 22)
0—
0—
0—
0—
0—
ns
tDH
Data-In Hold Time(15, 22)
6—
6—
7—
8—
10
ns
tRWC
READ-MODIFY-WRITE Cycle Time
80
100
115
125
140
ns
tRWD
RAS to WE Delay Time during
45
50
60
70
80
ns
READ-MODIFY-WRITE Cycle(14)
tCWD
CAS to WE Delay Time(14,20)
25
30
32
34
36
ns
tAWD
Column-Address to
WE Delay Time(14)
30
30
40
42
49
ns
tPC
EDO Page Mode READ or WRITE
12
15
17
20
25
ns
Cycle Time(24)
tRASP
RAS Pulse Width in EDO Page Mode
35
100K
40
100K
45
100K
50
100K
60
100K
ns
tCPA
Access Time from
CAS Precharge(15)
—21
23
—25
27
—34
ns
tPRWC
EDO Page Mode READ-WRITE
40
45
46
47
56
ns
Cycle Time(24)
tCOH
Data Output Hold after
CAS LOW
3—
3—
3—
3—
3—
ns
tOFF
Output Buffer Turn-Off Delay from
3
15
3
15
3
15
3
15
3
15
ns
CAS or RAS(13,15,19, 29)
tWHZ
Output Disable Delay from
WE
315
3
15
315
3
15
315
ns
tCLCH
Last
CAS going LOW to First CAS
10
10
10
10
10
ns
returning HIGH(23)
tCSR
CAS Setup Time (CBR REFRESH)(30,20)
8
10
10
10
10
ns
tCHR
CAS Hold Time (CBR REFRESH)(30,21)
8
10
10
10
10
ns
tORD
OE Setup Time prior to RAS during
0
0
0
0
0
ns
HIDDEN REFRESH Cycle
tREF
Refresh Period (512 Cycles)
8
8
8
8
8
ms
tT
Transition Time (Rise or Fall)(2, 3)
150
1
50
150
1
50
150
ns


Similar Part No. - IS41C16128-60K

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS41C16100 ISSI-IS41C16100 Datasheet
123Kb / 20P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41C16100 ISSI-IS41C16100 Datasheet
169Kb / 23P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41C16100-50K ISSI-IS41C16100-50K Datasheet
123Kb / 20P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41C16100-50K ISSI-IS41C16100-50K Datasheet
169Kb / 23P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41C16100-50KI ISSI-IS41C16100-50KI Datasheet
123Kb / 20P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
More results

Similar Description - IS41C16128-60K

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC41C16100A ICSI-IC41C16100A Datasheet
231Kb / 21P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IC41C16100S ICSI-IC41C16100S Datasheet
672Kb / 21P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41C16100 ISSI-IS41C16100_05 Datasheet
169Kb / 23P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Circuit Solu...
IS41LV16100S ICSI-IS41LV16100S Datasheet
533Kb / 20P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41LV16100A ISSI-IS41LV16100A Datasheet
144Kb / 22P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41C16100 ISSI-IS41C16100 Datasheet
123Kb / 20P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41LV16100B ISSI-IS41LV16100B Datasheet
143Kb / 22P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
41LV16100B ISSI-41LV16100B Datasheet
145Kb / 22P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Circuit Solu...
IC41LV44002A ICSI-IC41LV44002A Datasheet
297Kb / 20P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41LV16256 ICSI-IS41LV16256 Datasheet
215Kb / 20P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com