Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RC01 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # RC01
Description  General purpose chip resistors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RC01 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  RC01 Datasheet HTML 1Page - List of Unclassifed Manufacturers RC01 Datasheet HTML 2Page - List of Unclassifed Manufacturers RC01 Datasheet HTML 3Page - List of Unclassifed Manufacturers RC01 Datasheet HTML 4Page - List of Unclassifed Manufacturers RC01 Datasheet HTML 5Page - List of Unclassifed Manufacturers RC01 Datasheet HTML 6Page - List of Unclassifed Manufacturers RC01 Datasheet HTML 7Page - List of Unclassifed Manufacturers RC01 Datasheet HTML 8Page - List of Unclassifed Manufacturers RC01 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
2002 Apr 09 Rev.9
3
Phycomp
Product specification
General purpose chip resistors
sizes 1206, 0805, 0603 and 0402
RC01/11/21/31
5%
ORDERING INFORMATION
Table 1
Ordering code indicating resistor type and packing
Notes
1.
The jumper has a maximum resistance Rmax =50m
W and a rated current IR =2A.
2.
The jumper has a maximum resistance Rmax =50m
W and a rated current IR =1A.
TYPE
TOL.
(%)
ORDERING CODE 2322 ... .....
PAPER TAPE ON REEL(1)
BULK CASE
5000
units
10000
units
20000
units
50 000
units
10000
units
25000
units
RC01
–5
711 61...
711 51...
711 81...
--
-
RC11
–5
730 61...
730 71...
730 81...
-
731 81...
-
RC21
–5
702 60...
702 70...
702 81...
--
702 80...
RC31
–5
-
705 70...
-
705 87...
--
Jumper 0
W
RC01(1)
-
711 91032
711 91005
711 92004
--
-
RC11(1)
-
730 91002
730 91003
730 92002
-
731 91006
-
RC21(2)
-
702 96001
702 97001
702 92002
--
702 91002
RC31(2)
--
705 91001
-
705 91007
--
Ordering code (12NC)
œ The resistors have a 12-digit
ordering code starting with 2322
œ The subsequent 5 digits indicate
the resistor type and packing;
seeTable1.
œ The remaining 3 digits indicate the
resistance value:
– The first 2 digits indicate the
resistance value.
– The last digit indicates the
resistance decade in
accordance with Table 2.
Table 2
Last digit of 12NC
RESISTANCE
DECADE
LAST DIGIT
1to 9.1
W
8
10 to 91.0
W
9
100 to 910
W
1
1to 9.1 k
W
2
10 to 91.0 k
W
3
100 to 910 k
W
4
1to 9.1 M
W
5
10 M
W
6
ORDERING EXAMPLE
The ordering code of a RC11 resistor,
value 4700
W with –5% tolerance,
supplied on paper tape of 5 000 units
per reel is: 2322 730 61472.


Similar Part No. - RC01

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
RC01 PHILIPS-RC01 Datasheet
80Kb / 11P
   Standard chip resistors
1997 Feb 26
logo
Solid States Devices, I...
RC0100 SSDI-RC0100 Datasheet
30Kb / 1P
   HIGH VOLTAGE RECTIFIER
logo
YAGEO Corporation
RC0100 YAGEO-RC0100 Datasheet
546Kb / 10P
   Chip Resistor Surface Mount
May. 11, 2022 V.4
RC0100 YAGEO-RC0100 Datasheet
438Kb / 11P
   High component and equipment
V.12 02, 2022
RC0100BK-071ML YAGEO-RC0100BK-071ML Datasheet
1,007Kb / 10P
   GENERAL PURPOSE CHIP RESISTORS
More results

Similar Description - RC01

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RC0075BR-0797R6L YAGEO-RC0075BR-0797R6L Datasheet
1,007Kb / 10P
   GENERAL PURPOSE CHIP RESISTORS
RC0402FR-07620RL YAGEO-RC0402FR-07620RL Datasheet
309Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0805FR-078K2L YAGEO-RC0805FR-078K2L Datasheet
315Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0603FR-076K8L YAGEO-RC0603FR-076K8L Datasheet
402Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC2512JK-0747KL YAGEO-RC2512JK-0747KL Datasheet
432Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0603FR-0718RL YAGEO-RC0603FR-0718RL Datasheet
402Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC2512JK-0710RL YAGEO-RC2512JK-0710RL Datasheet
299Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0402JR-0727KL YAGEO-RC0402JR-0727KL Datasheet
309Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0201FR-0722KL YAGEO-RC0201FR-0722KL Datasheet
314Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
1018594 YAGEO-1018594 Datasheet
309Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com