Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3A4626TEX Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI3A4626TEX
Description  3.0V, SOTiny Single-Supply 0.4ohm SPST (NO) CMOS Analog Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3A4626TEX Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI3A4626TEX Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3A4626TEX Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3A4626TEX Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3A4626TEX Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3A4626TEX Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3A4626TEX Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3A4626TEX Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3A4626TEX Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
PI3A4626
3.0V, SOTinySingle-Supply
0.4Ω SPST (NO) CMOS Analog Switch
4
PS8714A
06/27/04
Notes:
1. The algebraic convention, where most negative value is a minimum and most positive is a maximum, is used in this data sheet.
2. Typical values are for DESIGN AID ONLY, not guaranteed or subject to production testing.
3. Guaranteed by design.
4. ΔRON = RON max. - RON min.
5. Flatness is defined as the difference between the maximum and minimum value of On-Resistance measured.
Electrical Specifications - Single +2.5V Supply
(VCC = +2.5V ± 10%, GND = 0V, VIH = 1.4V, VIL = 0.5V)
Description
Parameters
Test Conditions
Temp.(°C) Min.(1) Typ.(2) Max.(1)
Units
Analog Switch
Analog Signal Range(3)
VANALOG
0
VCC
V
On-Resistance
RON
VCC = 2.5V, ICOM = –8mA,
VNO or VNC = 1.8V
25
0.4
Full
0.4
On-Resistance Match
Between Channels (4)
∆RON
VCC = 2.5V, ICOM = –8mA,
VNO or VNC = 0.8V, 1.8V
25
0.05
Full
0.06
On-Resistance Flatness(5)
RFLAT(ON)
25
0.1
Full
0.1
Dynamic
Turn-On Time
tON
VCC = 2.5V,
VNO or VNC = 1.8V, Figure 1
25
10
ns
Full
15
Turn-Off Time
tOFF
25
10
Full
10
Charge Injection(3)
Q
CL = 1nF, VGEN = 0V,
RGEN = 0V, Figure 2
25
42
pC
Logic Input
Input HIGH Voltage
VIH
Guaranteed logic high level
Full
1.4
V
Input LOW Voltage
VIL
Guaranteed logic Low level
Full
0.5
Input HIGH Current
IINH
VIN = 1.4V, all others = 0.5V
Full
–1
1
µA
Input HIGH Current
IINL
VIN = 0.5V, all others = 1.4V
Full
–1
1


Similar Part No. - PI3A4626TEX

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3A4624 PERICOM-PI3A4624 Datasheet
512Kb / 8P
   3.0V, SOTiny 0.4 Single-Supply SPDT Analog Switch
PI3A4624TEX PERICOM-PI3A4624TEX Datasheet
512Kb / 8P
   3.0V, SOTiny 0.4 Single-Supply SPDT Analog Switch
PI3A4624TX PERICOM-PI3A4624TX Datasheet
512Kb / 8P
   3.0V, SOTiny 0.4 Single-Supply SPDT Analog Switch
PI3A4624ZCEX PERICOM-PI3A4624ZCEX Datasheet
512Kb / 8P
   3.0V, SOTiny 0.4 Single-Supply SPDT Analog Switch
More results

Similar Description - PI3A4626TEX

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3A4624 PERICOM-PI3A4624 Datasheet
512Kb / 8P
   3.0V, SOTiny 0.4 Single-Supply SPDT Analog Switch
logo
Vishay Siliconix
DG2715 VISHAY-DG2715_11 Datasheet
120Kb / 9P
   Low-Voltage, 0.4ohm RON, Single SPST Analog Switch
Rev. C, 28-Feb-11
logo
Pericom Semiconductor C...
PI5A4626 PERICOM-PI5A4626 Datasheet
210Kb / 9P
   SOTINY??Low-Voltage, Single-Supply 1-Ohm SPST CMOS Analog Switches
PI3A3159 PERICOM-PI3A3159 Datasheet
506Kb / 8P
   3.0V, SOTiny 0.4??SPDT Analog Switch
logo
Fairchild Semiconductor
FSA2156 FAIRCHILD-FSA2156 Datasheet
677Kb / 12P
   Low-Voltage SPST 0.4OHM Analog Switch
logo
Pericom Semiconductor C...
PI5A4594A PERICOM-PI5A4594A Datasheet
128Kb / 6P
   SOTINY Low-Voltage, Single-Supply, 8-Ohm SPST CMOS Analog Switches
PI3A3160 PERICOM-PI3A3160 Datasheet
523Kb / 8P
   3.0V, SOTiny??0.4??Dual SPDT Analog Switch
PI3A125 PERICOM-PI3A125 Datasheet
193Kb / 8P
   SOTINY Low Voltage SPST Analog Switch/Bus Switch
logo
ON Semiconductor
NS5B1G385 ONSEMI-NS5B1G385 Datasheet
144Kb / 8P
   Single (NO) Normally Open SPST Analog Switch
March, 2009 ??Rev. 0
NLAS325 ONSEMI-NLAS325 Datasheet
123Kb / 12P
   Dual SPST Analog Switch Low Voltage Single Supply
January, 2002 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com