Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RC0402JR135R6L Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # RC0402JR135R6L
Description  GENERAL PURPOSE CHIP RESISTORS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RC0402JR135R6L Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button RC0402JR135R6L Datasheet HTML 2Page - List of Unclassifed Manufacturers RC0402JR135R6L Datasheet HTML 3Page - List of Unclassifed Manufacturers RC0402JR135R6L Datasheet HTML 4Page - List of Unclassifed Manufacturers RC0402JR135R6L Datasheet HTML 5Page - List of Unclassifed Manufacturers RC0402JR135R6L Datasheet HTML 6Page - List of Unclassifed Manufacturers RC0402JR135R6L Datasheet HTML 7Page - List of Unclassifed Manufacturers RC0402JR135R6L Datasheet HTML 8Page - List of Unclassifed Manufacturers RC0402JR135R6L Datasheet HTML 9Page - List of Unclassifed Manufacturers RC0402JR135R6L Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
www.yageo.com
Sep 03, 2004 V.2
Product specification
Chip Resistor Surface Mount
6
10
SERIES
RC
0402 (Pb Free)
CCB509
10−6
10−5
10−4
10−3
10−2
10−1
1
ti (s)
Pmax
(V)
^
10−1
1
10
102
103
single pulse
Fig. 6 Pulse on a regular basis for type: RC0402; maximum permissible peak pulse power as a function of pulse duration for single
pulse and repetitive pulse tp/ti = 1000
200
50
0
100
10−6
10−5
10−4
10−3
10−2
10−1
1
CCB507
150
ti (s)
Vmax
(V)
^
Fig. 7 Pulse on a regular basis for type: RC0402; maximum permissible peak pulse voltage as a function of pulse duration


Similar Part No. - RC0402JR135R6L

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RC0402JR13180KL YAGEO-RC0402JR13180KL Datasheet
309Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
More results

Similar Description - RC0402JR135R6L

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RC0075BR-0797R6L YAGEO-RC0075BR-0797R6L Datasheet
1,007Kb / 10P
   GENERAL PURPOSE CHIP RESISTORS
logo
List of Unclassifed Man...
RC01 ETC1-RC01 Datasheet
629Kb / 15P
   General purpose chip resistors
logo
YAGEO Corporation
RC0402FR-07620RL YAGEO-RC0402FR-07620RL Datasheet
309Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0805FR-078K2L YAGEO-RC0805FR-078K2L Datasheet
315Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0603FR-076K8L YAGEO-RC0603FR-076K8L Datasheet
402Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC2512JK-0747KL YAGEO-RC2512JK-0747KL Datasheet
432Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0603FR-0718RL YAGEO-RC0603FR-0718RL Datasheet
402Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC2512JK-0710RL YAGEO-RC2512JK-0710RL Datasheet
299Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0402JR-0727KL YAGEO-RC0402JR-0727KL Datasheet
309Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0201FR-0722KL YAGEO-RC0201FR-0722KL Datasheet
314Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
1018594 YAGEO-1018594 Datasheet
309Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com