Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

21-0102 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # 21-0102
Description  PACKAGE OUTLINE, 12,16L QFN, 3x3x0.90 MM
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

21-0102 Datasheet(HTML) 1 Page - Dallas Semiconductor

  21-0102 Datasheet HTML 1Page - Dallas Semiconductor 21-0102 Datasheet HTML 2Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
G
1
2
21-0102
PACKAGE OUTLINE, 12,16L QFN, 3x3x0.90 MM


Similar Part No. - 21-0102

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
21-0104 MAXIM-21-0104 Datasheet
40Kb / 1P
   PACKAGE OUTLINE, 12BUMPS, 3*4ARRAY, UCSP(B)PKG.
Rev G
21-0108 MAXIM-21-0108 Datasheet
71Kb / 2P
   PACKAGE OUTLINE, TSSOP 4.4MM BODY, EXPOSED PAD
Rev K
21-0109B MAXIM-21-0109B Datasheet
35Kb / 1P
   PACKAGE OUTLINE, 10L uMAX, EXPOSED PAD
Rev B
More results

Similar Description - 21-0102

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
21-0136F MAXIM-21-0136F Datasheet
55Kb / 2P
   PACKAGE OUTLINE 12,16L THIN QFN, 3x3x0.8mm
Rev F
21-0144 MAXIM-21-0144_12 Datasheet
128Kb / 2P
   PACKAGE OUTLINE 32,44,48,56L THIN QFN, 7*7*0.75MM
REV .K
21-0141 MAXIM-21-0141 Datasheet
104Kb / 2P
   PACKAGE OUTLINE, 36,40,48L THIN QFN, 6*6*0.75MM
Rev N
21-0140 MAXIM-21-0140 Datasheet
59Kb / 2P
   PACKAGE OUTLINE, 16,20,28,32,40L THIN QFN, 5*5*0.75MM
REV .Q
21-0181 MAXIM-21-0181 Datasheet
66Kb / 2P
   PACKAGE OUTLINE, 43L THIN QFN, 3.5*9*0.8MM
REV .C
logo
Silicon Laboratories
SI4455 SILABS-SI4455 Datasheet
1Mb / 40P
   20-Pin 3x3 mm QFN package
logo
Maxim Integrated Produc...
21-0056C MAXIM-21-0056C Datasheet
17Kb / 1P
   PACKAGE OUTLINE, SSOP, 5.3 MM
Rev C
21-0146A MAXIM-21-0146A Datasheet
40Kb / 1P
   PACKAGE OUTLINE 52L TQFP, 10x10x1.0 MM
Rev A
logo
M/A-COM Technology Solu...
XP1050-QJ MA-COM-XP1050-QJ_15 Datasheet
820Kb / 8P
   Lead-Free 6 mm 24-lead QFN Package
logo
Maxim Integrated Produc...
21-0576 MAXIM-21-0576 Datasheet
56Kb / 2P
   PACKAGE OUTLINE, 20L 4*4*0.85MM QFN PKG, WITH DIMPLE LEADS
REV .A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com