Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2155G Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # DS2155G
Description  T1/E1/J1 Single-Chip Transceiver
Download  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2155G Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button DS2155G Datasheet HTML 7Page - Maxim Integrated Products DS2155G Datasheet HTML 8Page - Maxim Integrated Products DS2155G Datasheet HTML 9Page - Maxim Integrated Products DS2155G Datasheet HTML 10Page - Maxim Integrated Products DS2155G Datasheet HTML 11Page - Maxim Integrated Products DS2155G Datasheet HTML 12Page - Maxim Integrated Products DS2155G Datasheet HTML 13Page - Maxim Integrated Products DS2155G Datasheet HTML 14Page - Maxim Integrated Products DS2155G Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 240 page
background image
DS2155
11 of 240
§ RCL, RLOS, RRA, and RAIS alarms interrupt on
change-of-state
§ Flexible signaling support
Software or hardware based
Interrupt generated on change of signaling data
Receive signaling freeze on loss-of-sync,
carrier loss, or frame slip
§ Addition of hardware pins to indicate carrier loss
and signaling freeze
§ Automatic RAI generation to ETS 300 011
specifications
§ Access to Sa and Si bits
§ Option to extend carrier loss criteria to a 1ms
period as per ETS 300 233
§ Japanese J1 support
Ability to calculate and check CRC6 according
to the Japanese standard
Ability to generate Yellow Alarm according to
the Japanese standard
TDM Bus
§ Dual two-frame independent receive and transmit
elastic stores
Independent control and clocking
Controlled slip capability with status
Minimum delay mode supported
§ 16.384MHz maximum backplane burst rate
§ Supports T1 to CEPT (E1) conversion
§ Programmable output clocks for fractional T1, E1,
H0, and H12 applications
§ Interleaving PCM bus operation
§ Hardware signaling capability
Receive signaling reinsertion to a backplane
multiframe sync
Availability of signaling in a separate PCM
data stream
Signaling freezing
§ Ability to pass the T1 F-bit position through the
elastic stores in the 2.048MHz backplane mode
§ Access to the data streams in between the
framer/formatter and the elastic stores
§ User-selectable synthesized clock output
HDLC Controllers
§ Two independent HDLC controllers
§ Fast load and unload features for FIFOs
§ SS7 support for FISU transmit and receive
§ Independent 128-byte Rx and Tx buffers with
interrupt support
§ Access FDL, Sa, or single/multiple DS0 channels
§ DS0 access includes Nx64 or Nx56
§ Compatible with polled or interrupt driven
environments
§ Bit-oriented code (BOC) support


Similar Part No. - DS2155G

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2155G DALLAS-DS2155G Datasheet
1Mb / 238P
   T1/E1/J1 Single-Chip Transceiver
logo
Maxim Integrated Produc...
DS2155G MAXIM-DS2155G Datasheet
1Mb / 238P
   T1/E1/J1 Single-Chip Transceiver
REV: 080607
logo
Dallas Semiconductor
DS2155G++ DALLAS-DS2155G+ Datasheet
1Mb / 238P
   T1/E1/J1 Single-Chip Transceiver
logo
Maxim Integrated Produc...
DS2155G++ MAXIM-DS2155G+ Datasheet
1Mb / 238P
   T1/E1/J1 Single-Chip Transceiver
REV: 080607
logo
Dallas Semiconductor
DS2155GN DALLAS-DS2155GN Datasheet
1Mb / 238P
   T1/E1/J1 Single-Chip Transceiver
More results

Similar Description - DS2155G

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MT9074 ZARLINK-MT9074_05 Datasheet
1Mb / 151P
   T1/E1/J1 Single Chip Transceiver
logo
Mitel Networks Corporat...
MT9074 MITEL-MT9074 Datasheet
372Kb / 122P
   T1/E1/J1 Single Chip Transceiver
logo
Dallas Semiconductor
DS2155 DALLAS-DS2155_06 Datasheet
1Mb / 238P
   T1/E1/J1 Single-Chip Transceiver
logo
Maxim Integrated Produc...
DS2155 MAXIM-DS2155_V01 Datasheet
1Mb / 238P
   T1/E1/J1 Single-Chip Transceiver
REV: 080607
DS26521 MAXIM-DS26521 Datasheet
1Mb / 258P
   Single T1/E1/J1 Transceiver
REV: 111606
logo
Mitel Networks Corporat...
MT9076 MITEL-MT9076 Datasheet
416Kb / 160P
   T1/E1/J1 3.3V Single Chip Transceiver
logo
Zarlink Semiconductor I...
MT9076B ZARLINK-MT9076B Datasheet
1Mb / 172P
   T1/E1/J1 3.3 V Single Chip Transceiver
logo
Maxim Integrated Produc...
DS26528 MAXIM-DS26528 Datasheet
1Mb / 269P
   Octal T1/E1/J1 Transceiver
REV: 012405
DS26524 MAXIM-DS26524_07 Datasheet
1Mb / 273P
   Quad T1/E1/J1 Transceiver
REV: 112907
DS21Q55 MAXIM-DS21Q55 Datasheet
1Mb / 237P
   Quad T1/E1/J1 Transceiver
REV: 042204
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com