Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS21352 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # DS21352
Description  T1/E1/J1 Single-Chip Transceiver
Download  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS21352 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button DS21352 Datasheet HTML 4Page - Maxim Integrated Products DS21352 Datasheet HTML 5Page - Maxim Integrated Products DS21352 Datasheet HTML 6Page - Maxim Integrated Products DS21352 Datasheet HTML 7Page - Maxim Integrated Products DS21352 Datasheet HTML 8Page - Maxim Integrated Products DS21352 Datasheet HTML 9Page - Maxim Integrated Products DS21352 Datasheet HTML 10Page - Maxim Integrated Products DS21352 Datasheet HTML 11Page - Maxim Integrated Products DS21352 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 240 page
background image
DS2155
8 of 240
2. DATA SHEET REVISION HISTORY
10-9-03
Add revision history table: The previous version of the DS2155 data sheet (12-06-02) did
not incorporate a revision history table and did not describe new features added to B1
revision of the DS2155.
THE FOLLOWING WERE INADVERTENTLY REMOVED FROM THE
PREVIOUS VERSION OF THE DS2155 DATA SHEET
Add CSBGA package information to Ordering Information table on front page
Add CSBGA package thermal characteristics to Operating Parameters section
Add Transmit Line Build Out Control register (TLBC) description
Add Transmit Line Build Out Control register (TLBC) to Port Map
Add Transmit Line Build Out Control register (TLBC) description to LIU TRANSMIT
section
THE FOLLOWING ARE CORRECTIONS TO ERRORS IN THE PREVIOUS
VERSION OF THE DS2155 DATA SHEET
Correct Device ID in Device Identification Register
Correct Device ID in JTAG ID Code table
Correct minimum value for tDHW in AC CHARACTERISTICS: MULTIPLEXED
PARALLEL PORT table. tDHW was changed from 5ns to 0ns
Correct minimum value for tDDR in AC CHARACTERISTICS: MULTIPLEXED
PARALLEL PORT table. tDDR was changed from unstated to 20ns
Corrections to AC CHARACTERISTICS: TRANSMIT SIDE timing table.
1. tCP, tCH, tCL, tLP, tLH, tLL, and tSP typical values have been restated to reflect various IBO
modes.
2. tCH, tCL, tLH, tLL minimum values have been changed from 75ns to 20ns.
3. tSP, tLL minimum values have been changed from 50ns to 20ns.
4. tD3 minimum values have been changed from 75ns to 22ns.
Corrections to AC CHARACTERISTICS: RECEIVE SIDE timing table.
1. tCP, tCH, tCL, tLP, tLH, tLL, and tSP typical values have been restated to reflect various IBO
modes.
2. tCH, tCL, minimum values have been changed from 75ns to 20ns.
3. tSH, tSL minimum values have been changed from 50ns to 20ns.
4. tSH, tSL typical values have been added.
5. tD3, tD4 minimum values have been changed from 50ns to 22ns.
Correct Transmit Signaling Registers (E1 Mode, CCS Format) table in Transmit Signaling
section
The definition of the EGL bit in the LIC1 register has been corrected for both T1 and E1
mode.
T1 Mode: EGL = 1 was changed from 15dB to –15dB
E1 Mode: EGL = 0 was changed from –10dB to –12dB
THE FOLLOWING ARE FORMAT CHANGES AND ADDED OR REMOVED
TEXT, TABLES OR DIAGRAMS


Similar Part No. - DS21352

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS21352 DALLAS-DS21352 Datasheet
1Mb / 137P
   3.3V DS21352 and 5V DS21552 T1 Single-Chip Transceivers
logo
Pulse A Technitrol Comp...
DS21352 PULSE-DS21352 Datasheet
1Mb / 5P
   T1/E1/CEPT/ISDN-PRI TRANSFORMERS
logo
Maxim Integrated Produc...
DS21352DK MAXIM-DS21352DK Datasheet
1Mb / 21P
   T1 Single-Chip Transceiver Design Kit Daughter Card
REV: 110106
logo
Dallas Semiconductor
DS21352L DALLAS-DS21352L Datasheet
1Mb / 137P
   3.3V DS21352 and 5V DS21552 T1 Single-Chip Transceivers
logo
Maxim Integrated Produc...
DS21352L MAXIM-DS21352L Datasheet
1Mb / 137P
   T1 Single-Chip Transceivers
120501
More results

Similar Description - DS21352

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MT9074 ZARLINK-MT9074_05 Datasheet
1Mb / 151P
   T1/E1/J1 Single Chip Transceiver
logo
Mitel Networks Corporat...
MT9074 MITEL-MT9074 Datasheet
372Kb / 122P
   T1/E1/J1 Single Chip Transceiver
logo
Dallas Semiconductor
DS2155 DALLAS-DS2155_06 Datasheet
1Mb / 238P
   T1/E1/J1 Single-Chip Transceiver
logo
Maxim Integrated Produc...
DS2155 MAXIM-DS2155_V01 Datasheet
1Mb / 238P
   T1/E1/J1 Single-Chip Transceiver
REV: 080607
DS26521 MAXIM-DS26521 Datasheet
1Mb / 258P
   Single T1/E1/J1 Transceiver
REV: 111606
logo
Mitel Networks Corporat...
MT9076 MITEL-MT9076 Datasheet
416Kb / 160P
   T1/E1/J1 3.3V Single Chip Transceiver
logo
Zarlink Semiconductor I...
MT9076B ZARLINK-MT9076B Datasheet
1Mb / 172P
   T1/E1/J1 3.3 V Single Chip Transceiver
logo
Maxim Integrated Produc...
DS26528 MAXIM-DS26528 Datasheet
1Mb / 269P
   Octal T1/E1/J1 Transceiver
REV: 012405
DS26524 MAXIM-DS26524_07 Datasheet
1Mb / 273P
   Quad T1/E1/J1 Transceiver
REV: 112907
DS21Q55 MAXIM-DS21Q55 Datasheet
1Mb / 237P
   Quad T1/E1/J1 Transceiver
REV: 042204
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com