Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKP479 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # MKP479
Description  AC and Pulse Polypropylene Film Capacitors MKP Radial Epoxy Lacquered Type
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP479 Datasheet(HTML) 5 Page - Vishay Siliconix

  MKP479 Datasheet HTML 1Page - Vishay Siliconix MKP479 Datasheet HTML 2Page - Vishay Siliconix MKP479 Datasheet HTML 3Page - Vishay Siliconix MKP479 Datasheet HTML 4Page - Vishay Siliconix MKP479 Datasheet HTML 5Page - Vishay Siliconix MKP479 Datasheet HTML 6Page - Vishay Siliconix MKP479 Datasheet HTML 7Page - Vishay Siliconix MKP479 Datasheet HTML 8Page - Vishay Siliconix MKP479 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
www.vishay.com
For technical questions contact: filmcaps.roeselare@vishay.com
Document Number: 28123
182
Revision: 21-Nov-05
MKP 479
Vishay BCcomponents
AC and Pulse Polypropylene
Film Capacitors MKP Radial Epoxy
Lacquered Type
URdc = 160 V; URac = 100 V; Up-p = 280 V (lock lead)
C
(µF)
DIMENSIONS
wmax
× h
max × lmax
(mm)
MASS
(g)
CATALOG NUMBER 2222 479 ..... AND PACKAGING
LOOSE IN BOX
lt
= 4.0 + 1.0/− 0.5 mm
C-tol = ± 5 %
last 5 digits of
catalog number
SPQ
Pitch
= 10.0 ± 1.0 mm; d
t = 0.60 ± 0.06 mm
0.075
6.0
× 18.0 × 12.5
0.9
90089
1400
0.082
90091
0.091
90092
0.1
90093
0.11
90094
0.12
90095
0.13
90096
0.15
6.5
× 18.5 × 12.5
1.0
90097
1250
0.16
90098
Pitch = 15.0 ± 1.0 mm; dt = 0.80 ± 0.08 mm
0.18
6.0
× 18.0 × 18.5
1.2
90099
1500
0.20
6.5
× 18.5 × 18.5
1.3
90101
1250
0.22
90102
0.24
7.0
× 19.0 × 18.5
1.4
90103
1250
0.27
90104
0.30
90105
0.33
90106
0.36
90107
0.39
90108
0.43
7.5
× 19.5 × 18.5
1.5
90109
1000
0.47
90111
0.51
8.0
× 20.0 × 18.5
1.6
90112
1000
0.56
90113
0.62
8.5
× 20.5 × 18.5
1.7
90114
900
0.68
9.0
× 21.0 × 18.5
1.8
90115
800
0.75
9.5
× 21.5 × 18.5
1.9
90116
800
Pitch = 22.5 ± 1.0 mm; dt = 0.80 ± 0.08 mm
0.82
7.0
× 23.0 × 26.0
1.8
90117
850
0.91
7.5
× 23.5 × 26.0
1.9
90118
750
1
90119
1.1
8.0
× 24.0 × 26.0
2.0
90121
700
1.2
8.5
× 24.5 × 26.0
2.1
90122
650
1.3
90036
1.5
9.5
× 25.5 × 26.0
2.4
90037
550
1.6
90038
1.8
10.0
× 26.0 × 26.0
2.5
90039
500
Pitch = 27.5 ± 1.0 mm; dt = 0.80 ± 0.08 mm
2
10.0
× 26.0 × 30.0
5.0
90041
400
2.2
10.5
× 26.5 × 30.0
5.0
90042
400
2.4
11.0
× 27.0 × 30.0
5.5
90123
350
2.7
11.5
× 27.5 × 30.0
5.5
90124
350
3
12.0
× 28.0 × 30.0
6.0
90125
350
3.3
13.0
× 29.0 × 30.0
6.5
90126
300
3.6
13.5
× 29.5 × 30.0
7.0
90127
250
3.9
14.0
× 30.0 × 30.0
7.0
90128
250


Similar Part No. - MKP479

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MKP416 ETC1-MKP416 Datasheet
1Mb / 40P
   Metallized polypropylene filter capacitors
logo
Vishay Siliconix
MKP416 VISHAY-MKP416 Datasheet
346Kb / 12P
   Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 21-Nov-05
logo
List of Unclassifed Man...
MKP417 ETC1-MKP417 Datasheet
1Mb / 40P
   Metallized polypropylene filter capacitors
logo
Vishay Siliconix
MKP417 VISHAY-MKP417 Datasheet
346Kb / 12P
   Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 21-Nov-05
logo
List of Unclassifed Man...
MKP418 ETC1-MKP418 Datasheet
1Mb / 40P
   Metallized polypropylene filter capacitors
More results

Similar Description - MKP479

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
KP375 VISHAY-KP375 Datasheet
223Kb / 24P
   AC and Pulse Polypropylene Film Capacitors KP/MKP Radial Epoxy Lacquered Type
Revision: 30-Nov-05
KP374 VISHAY-KP374 Datasheet
121Kb / 8P
   AC and Pulse Polypropylene Film Foil Capacitors KP Radial Epoxy Lacquered Type
Revision: 26-Jul-06
MMKP483 VISHAY-MMKP483 Datasheet
216Kb / 21P
   AC and Pulse Double Metallized Polypropylene Film Capacitors MMKP Radial Epoxy Lacquered Type
01-Sep-03
MKP378 VISHAY-MKP378 Datasheet
115Kb / 9P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP/MKP Radial Potted Type
Revision: 21-Nov-05
MKP385 VISHAY-MKP385_08 Datasheet
136Kb / 15P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 13-Oct-08
MKP1840310104M VISHAY-MKP1840310104M Datasheet
133Kb / 13P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 01-Jul-10
MKP385 VISHAY-MKP385_15 Datasheet
181Kb / 18P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 03-Jun-15
MKP379 VISHAY-MKP379 Datasheet
142Kb / 12P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 10-Sep-03
MKP380 VISHAY-MKP380 Datasheet
244Kb / 8P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 21-Nov-05
1840310-4 VISHAY-1840310-4 Datasheet
86Kb / 4P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 30-Nov-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com