Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADN2892 Datasheet(PDF) 7 Page - Analog Devices

Part # ADN2892
Description  3.3 V 4.25 Gb/s Limiting Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2892 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADN2892 Datasheet HTML 3Page - Analog Devices ADN2892 Datasheet HTML 4Page - Analog Devices ADN2892 Datasheet HTML 5Page - Analog Devices ADN2892 Datasheet HTML 6Page - Analog Devices ADN2892 Datasheet HTML 7Page - Analog Devices ADN2892 Datasheet HTML 8Page - Analog Devices ADN2892 Datasheet HTML 9Page - Analog Devices ADN2892 Datasheet HTML 10Page - Analog Devices ADN2892 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Preliminary Technical Data
ADN2892
Rev. PrA | Page 7 of 12
TYPICAL PERFORMANCE CHARACTERISTICS
0
0
0.1
0.2
0.3
0.4
0.5
RSSI_IN (mA)
0.6
0.7
0.8
0.9
1.0
0.88
0.96
0.80
0.72
0.64
0.56
0.48
0.40
0.32
0.24
0.16
0.08
Figure 3. RSSI Output vs. Average PIN Photodiode Current
LOS Trip Point -vs- RTHRADJ
0
10
20
30
40
50
10
100
1000
10000
100000
ohms
Figure 4. LOS Trip Point vs. Threshold Adjust Resistor
0
10
20
30
40
50
60
100k
1M
SUPPLY-NOISE FREQUENCY (Hz)
10M
70
Figure 5. Typical PSRR vs. Supply-Noise Frequency
Figure 6. S11 Plot—TBD
Figure 7.S22 Plot—TBD


Similar Part No. - ADN2892

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2892 AD-ADN2892 Datasheet
454Kb / 16P
   3.3 V, 4.25 Gbps, Limiting Amplifier
ADN2892ACPZ-500RL7 AD-ADN2892ACPZ-500RL7 Datasheet
451Kb / 16P
   3.3 V, 4.25 Gbps, Limiting Amplifier
REV. A
ADN2892ACPZ-500RL7 AD-ADN2892ACPZ-500RL7 Datasheet
454Kb / 16P
   3.3 V, 4.25 Gbps, Limiting Amplifier
ADN2892ACPZ-RL AD-ADN2892ACPZ-RL Datasheet
451Kb / 16P
   3.3 V, 4.25 Gbps, Limiting Amplifier
REV. A
ADN2892ACPZ-RL7 AD-ADN2892ACPZ-RL7 Datasheet
451Kb / 16P
   3.3 V, 4.25 Gbps, Limiting Amplifier
REV. A
More results

Similar Description - ADN2892

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2890ACPZ-RL7 AD-ADN2890ACPZ-RL7 Datasheet
273Kb / 12P
   3.3 V 2.7 Gb/s Limiting Amplifier
REV. 0
ADN2890 AD-ADN2890 Datasheet
263Kb / 12P
   3.3 V 2.7 Gb/s Limiting Amplifier
REV. 0
ADN2890 AD-ADN2890_15 Datasheet
269Kb / 12P
   3.3 V 2.7 Gb/s Limiting Amplifier
REV. A
ADN2892 AD-ADN2892_15 Datasheet
440Kb / 16P
   3.3 V, 4.25 Gbps, Limiting Amplifier
REV. B
ADN2892 AD-ADN2892_17 Datasheet
454Kb / 16P
   3.3 V, 4.25 Gbps, Limiting Amplifier
ADN2892ACPZ-500RL7 AD-ADN2892ACPZ-500RL7 Datasheet
451Kb / 16P
   3.3 V, 4.25 Gbps, Limiting Amplifier
REV. A
logo
TriQuint Semiconductor
TIA56 TRIQUINT-TIA56_15 Datasheet
259Kb / 1P
   43 Gb/s Limiting Transimpedance Amplifier
logo
Analog Devices
ADN2891 AD-ADN2891 Datasheet
602Kb / 16P
   3.3 V, 3.2 Gbps, Limiting Amplifier
REV. A
ADN2891ACP AD-ADN2891ACP Datasheet
611Kb / 16P
   3.3 V, 3.2 Gbps, Limiting Amplifier
REV. A
ADN2891 AD-ADN2891_15 Datasheet
611Kb / 16P
   3.3 V, 3.2 Gbps, Limiting Amplifier
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com