Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADN2892 Datasheet(PDF) 9 Page - Analog Devices

Part # ADN2892
Description  3.3 V 4.25 Gb/s Limiting Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2892 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADN2892 Datasheet HTML 4Page - Analog Devices ADN2892 Datasheet HTML 5Page - Analog Devices ADN2892 Datasheet HTML 6Page - Analog Devices ADN2892 Datasheet HTML 7Page - Analog Devices ADN2892 Datasheet HTML 8Page - Analog Devices ADN2892 Datasheet HTML 9Page - Analog Devices ADN2892 Datasheet HTML 10Page - Analog Devices ADN2892 Datasheet HTML 11Page - Analog Devices ADN2892 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Preliminary Technical Data
ADN2892
Rev. PrA | Page 9 of 12
APPLICATIONS INFORMATION
PCB DESIGN GUIDELINES
Proper RF PCB design techniques must be used for optimal
performance.
Power Supply Connections and Ground Planes
Use of one low impedance ground plane is recommended. The
VEE pins should be soldered directly to the ground plane to
reduce series inductance. If the ground plane is an internal
plane and connections to the ground plane are made through
vias, multiple vias can be used in parallel to reduce the series
inductance, especially on Pin 9, which is the ground return for
the output buffers. The exposed pad should be connected to the
GND plane using filled vias so that solder does not leak through
the vias during reflow. Using filled vias under the package
greatly enhances the reliability of the connectivity of the
exposed pad to the GND plane during reflow.
Use of a 10 µF electrolytic capacitor between VCC and VEE is
recommended at the location where the 3.3 V supply enters the
PCB. When using 0.1 µF and 1 nF ceramic chip capacitors, they
should be placed between the IC power supply VCC and VEE,
as close as possible to the ADN2892 VCC pins.
If connections to the supply and ground are made through vias,
the use of multiple vias in parallel helps to reduce series
inductance, especially on Pin 12, which supplies power to the
high speed OUTP/ OUTN output buffers. Refer to the
schematic in Figure 8 for recommended connections.
DRVCC
AVCC 1
2
3
4
12
11
10
9
OUTP
OUTN
DRVEE
PIN
NIN
AVEE
C1
C2
C3
C4
VCC
4.7k - 10k
on host board
ADN2882
VCC
To Host Board
RSSI measurement
to ADC
C10
R1
VCC
VCC
VCC
C5
C6
C7 C8
0.1
µF
R2
R3
C9
connect
exposed
pad to
GND
C1-C4, C11: 0.01
µF X5R/X7R dielectric, 0201 case
C5,C7,C9,C10,C12: 0.1
µF X5R/X7R dielectric, 0402 case
C6, C8: 1nF X5R/X7R dielectric, 0201 case
C12
to ADuC7020
Figure 8. Typical ADN2892 Applications Circuit


Similar Part No. - ADN2892

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2892 AD-ADN2892 Datasheet
454Kb / 16P
   3.3 V, 4.25 Gbps, Limiting Amplifier
ADN2892ACPZ-500RL7 AD-ADN2892ACPZ-500RL7 Datasheet
451Kb / 16P
   3.3 V, 4.25 Gbps, Limiting Amplifier
REV. A
ADN2892ACPZ-500RL7 AD-ADN2892ACPZ-500RL7 Datasheet
454Kb / 16P
   3.3 V, 4.25 Gbps, Limiting Amplifier
ADN2892ACPZ-RL AD-ADN2892ACPZ-RL Datasheet
451Kb / 16P
   3.3 V, 4.25 Gbps, Limiting Amplifier
REV. A
ADN2892ACPZ-RL7 AD-ADN2892ACPZ-RL7 Datasheet
451Kb / 16P
   3.3 V, 4.25 Gbps, Limiting Amplifier
REV. A
More results

Similar Description - ADN2892

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2890ACPZ-RL7 AD-ADN2890ACPZ-RL7 Datasheet
273Kb / 12P
   3.3 V 2.7 Gb/s Limiting Amplifier
REV. 0
ADN2890 AD-ADN2890 Datasheet
263Kb / 12P
   3.3 V 2.7 Gb/s Limiting Amplifier
REV. 0
ADN2890 AD-ADN2890_15 Datasheet
269Kb / 12P
   3.3 V 2.7 Gb/s Limiting Amplifier
REV. A
ADN2892 AD-ADN2892_15 Datasheet
440Kb / 16P
   3.3 V, 4.25 Gbps, Limiting Amplifier
REV. B
ADN2892 AD-ADN2892_17 Datasheet
454Kb / 16P
   3.3 V, 4.25 Gbps, Limiting Amplifier
ADN2892ACPZ-500RL7 AD-ADN2892ACPZ-500RL7 Datasheet
451Kb / 16P
   3.3 V, 4.25 Gbps, Limiting Amplifier
REV. A
logo
TriQuint Semiconductor
TIA56 TRIQUINT-TIA56_15 Datasheet
259Kb / 1P
   43 Gb/s Limiting Transimpedance Amplifier
logo
Analog Devices
ADN2891 AD-ADN2891 Datasheet
602Kb / 16P
   3.3 V, 3.2 Gbps, Limiting Amplifier
REV. A
ADN2891ACP AD-ADN2891ACP Datasheet
611Kb / 16P
   3.3 V, 3.2 Gbps, Limiting Amplifier
REV. A
ADN2891 AD-ADN2891_15 Datasheet
611Kb / 16P
   3.3 V, 3.2 Gbps, Limiting Amplifier
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com