Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCS2552 Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCS2552
Description  750 MHz Voltage Feedback Op Amp with Fast Enable Feature
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS2552 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCS2552 Datasheet HTML 5Page - ON Semiconductor NCS2552 Datasheet HTML 6Page - ON Semiconductor NCS2552 Datasheet HTML 7Page - ON Semiconductor NCS2552 Datasheet HTML 8Page - ON Semiconductor NCS2552 Datasheet HTML 9Page - ON Semiconductor NCS2552 Datasheet HTML 10Page - ON Semiconductor NCS2552 Datasheet HTML 11Page - ON Semiconductor NCS2552 Datasheet HTML 12Page - ON Semiconductor NCS2552 Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
NCS2552
http://onsemi.com
9
Figure 11. THD, HD2, HD3 vs. Frequency
Figure 12. THD, HD2, HD3 vs. Output Voltage
Figure 13. Input Referred Voltage Noise vs.
Frequency
Figure 14. CMRR vs. Frequency
Figure 15. PSRR vs. Frequency
−60
−65
−80
110
FREQUENCY (MHz)
−55
−70
−40
HD2
HD3
THD
−50
−70
−75
−80
03
VOUT (VPP)
−60
0.5
2.5
3.5
2
−65
−55
1.5
4
THD
HD2
0.08
−0.02
−0.04
−0.08
−0.8
0.2
OFFSET VOLTAGE (V)
0.02
−0.6
0
0.6
−0.2
0
0.04
−0.4
0.8
0.4
−40
−45
4.5
1
HD3
10
0
10
1k
FREQUENCY (Hz)
100
10k
1M
30
20
40
50
VS = ±5V
−60
−70
10k
1M
FREQUENCY (Hz)
100k
10M
100M
−40
−50
−30
−20
Figure 16. Differential Gain
−10
0
−75
−45
−50
100
Gain = +2
VOUT = 2 VPP
VS = ±5V
RF = 150W
RL = 150W
Gain = +2
Freq = 5 MHz
VS = ±5V
RF = 150W
RL = 150W
VS = ±5V
Gain = +2
VS = ±5V
RF = 150W
RL = 150W
−0.06
0.06
3.58MHz
4.43MHz
10MHz
20MHz
−50
−55
10k
1M
FREQUENCY (Hz)
100k
10M
100M
−40
−45
−35
−30
VS = ±5V
−25
−20


Similar Part No. - NCS2552

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2552 ONSEMI-NCS2552 Datasheet
3Mb / 4P
   Low Power,High Speed,Current Feedback Op Amps
Rev.1, Apr-2006
NCS2552 ONSEMI-NCS2552 Datasheet
272Kb / 13P
   750 MHz Voltage Feedback Op Amp with Fast Enable Feature
May, 2006 ??Rev. 1
NCS2552SNT1G ONSEMI-NCS2552SNT1G Datasheet
272Kb / 13P
   750 MHz Voltage Feedback Op Amp with Fast Enable Feature
May, 2006 ??Rev. 1
More results

Similar Description - NCS2552

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2552SNT1G ONSEMI-NCS2552SNT1G Datasheet
272Kb / 13P
   750 MHz Voltage Feedback Op Amp with Fast Enable Feature
May, 2006 ??Rev. 1
NCS2540 ONSEMI-NCS2540 Datasheet
346Kb / 13P
   Triple 750 MHz Voltage Feedback Op Amp with Enable Feature
May, 2006 ??Rev. 1
NCS2540 ONSEMI-NCS2540_07 Datasheet
366Kb / 14P
   Triple 750 MHz Voltage Feedback Op Amp with Enable Feature
February, 2007 ??Rev. 2
NCS2550 ONSEMI-NCS2550 Datasheet
289Kb / 12P
   750 MHz Voltage Feedback Op Amp
May, 2006 ??Rev. 2
NCS2501 ONSEMI-NCS2501 Datasheet
250Kb / 16P
   1.1 mA 200 MHz Current Feedback Op Amp with Enable Feature
May, 2005 ??Rev. 1
NCS2502 ONSEMI-NCS2502 Datasheet
300Kb / 16P
   650 uA 110 MHz Current Feedback Op Amp with Enable Feature
November, 2005 ??Rev. 2
NCS2510 ONSEMI-NCS2510 Datasheet
216Kb / 14P
   1.0 GHz Current Feedback Op Amp with Enable Feature
July, 2005 ??Rev. P0
NCS2530 ONSEMI-NCS2530_07 Datasheet
358Kb / 16P
   Triple 1.1 mA 200 MHz Current Feedback Op Amp with Enable Feature
January, 2007 ??Rev. 1
NCS2530 ONSEMI-NCS2530 Datasheet
329Kb / 14P
   Triple 1.1 mA 200 MHz Current Feedback Op Amp with Enable Feature
June, 2005 ??Rev. 0
NCS2535 ONSEMI-NCS2535 Datasheet
230Kb / 12P
   Triple 1.0 GHz Current Feedback Op Amp with Enable Feature
July, 2005 ??Rev. P0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com