Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDM41028SA15TSOATR Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # PDM41028SA15TSOATR
Description  1 Megabit Static RAM 256K x 4-Bit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PDM41028SA15TSOATR Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  PDM41028SA15TSOATR Datasheet HTML 1Page - List of Unclassifed Manufacturers PDM41028SA15TSOATR Datasheet HTML 2Page - List of Unclassifed Manufacturers PDM41028SA15TSOATR Datasheet HTML 3Page - List of Unclassifed Manufacturers PDM41028SA15TSOATR Datasheet HTML 4Page - List of Unclassifed Manufacturers PDM41028SA15TSOATR Datasheet HTML 5Page - List of Unclassifed Manufacturers PDM41028SA15TSOATR Datasheet HTML 6Page - List of Unclassifed Manufacturers PDM41028SA15TSOATR Datasheet HTML 7Page - List of Unclassifed Manufacturers PDM41028SA15TSOATR Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
PDM41028
4
Rev. 2.2 - 4/29/98
Capacitance(1) (T
A = +25°C, f = 1.0 MHz)
NOTE:1. This parameter is determined by device characterization but is not production tested.
AC Test Conditions
Symbol
Parameter
Max.
Unit
CIN
Input Capacitance
8
pF
COUT
Output Capacitance
8
pF
Input pulse levels
VSS to 3.0V
Input rise and fall times
3 ns
Input timing reference levels
1.5V
Output reference levels
1.5V
Output load
See Figures 1 and 2
Figure 1. Output Load Equivalent
Figure 2. Output Load Equivalent
(for tLZCE, tHZCE, tLZWE, tHZWE, tLZOE,
tHZOE)
+5V
480
255
DOUT
5 pf
+5V
480
255
DOUT
30 pF
Figure 4.
5
4
3
2
1
0
0
30
60
90
120
Typical Delta tAA vs Capacitive Loading
Additional Lumped Capacitive Loading (pF)


Similar Part No. - PDM41028SA15TSOATR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PDM41024 ETC-PDM41024 Datasheet
294Kb / 8P
   1 Megabit Static RAM 128K x 8-Bit
PDM41024LA10SO ETC-PDM41024LA10SO Datasheet
294Kb / 8P
   1 Megabit Static RAM 128K x 8-Bit
PDM41024LA10SOA ETC-PDM41024LA10SOA Datasheet
294Kb / 8P
   1 Megabit Static RAM 128K x 8-Bit
PDM41024LA10SOATR ETC-PDM41024LA10SOATR Datasheet
294Kb / 8P
   1 Megabit Static RAM 128K x 8-Bit
PDM41024LA10SOATY ETC-PDM41024LA10SOATY Datasheet
294Kb / 8P
   1 Megabit Static RAM 128K x 8-Bit
More results

Similar Description - PDM41028SA15TSOATR

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C197D CYPRESS-CY7C197D Datasheet
239Kb / 8P
   256K (256K x 1) Static RAM
logo
Integrated Device Techn...
IDT71028S70 IDT-IDT71028S70 Datasheet
56Kb / 7P
   CMOS STATIC RAM 1 MEG (256K x 4-BIT)
IDT71028 IDT-IDT71028 Datasheet
59Kb / 7P
   CMOS STATIC RAM 1 MEG (256K x 4-BIT)
logo
Cypress Semiconductor
CY7C106D CYPRESS-CY7C106D Datasheet
901Kb / 11P
   1-Mbit (256K x 4) Static RAM
logo
List of Unclassifed Man...
PDM41024 ETC-PDM41024 Datasheet
294Kb / 8P
   1 Megabit Static RAM 128K x 8-Bit
logo
Cypress Semiconductor
CY7C106BN CYPRESS-CY7C106BN_06 Datasheet
349Kb / 8P
   256K x 4 Static RAM
CY7C106B CYPRESS-CY7C106B Datasheet
161Kb / 10P
   256K x 4 Static RAM
CY7C106BN CYPRESS-CY7C106BN Datasheet
363Kb / 8P
   256K x 4 Static RAM
CY7C106BN CYPRESS-CY7C106BN_11 Datasheet
406Kb / 9P
   256K x 4 Static RAM
logo
Integrated Device Techn...
IDT61298SA IDT-IDT61298SA_07 Datasheet
79Kb / 8P
   CMOS Static RAM 256K (64K x 4-Bit)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com