Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1406UF Datasheet(PDF) 2 Page - Voltage Multipliers Inc.

Part # 1406UF
Description  200 V - 1,000 V Single Phase Bridge 12.0 A Forward Current 70 ns - 3000 ns Recovery Time
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VMI [Voltage Multipliers Inc.]
Direct Link  http://www.voltagemultipliers.com
Logo VMI - Voltage Multipliers Inc.

1406UF Datasheet(HTML) 2 Page - Voltage Multipliers Inc.

  1406UF Datasheet HTML 1Page - Voltage Multipliers Inc. 1406UF Datasheet HTML 2Page - Voltage Multipliers Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
240
1
10
100
1000
25
50
75
100
125
150
Temperature (C)
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9
2.1
2.3
03
69
12
15
Forward Current (A)
0
2
4
6
8
10
12
14
25
50
75
100
125
150
Ambient Temperature (C)
MAXIMUM FORWARD CURRENT
VS. TEMPERATURE
1402 - 1410 • 1402F - 1410F • 1402UF - 1410UF
TYPICAL FORWARD VOLTAGE
VS. FORWARD CURRENT AT 25°C
REVERSE CURRENT
VS. TEMPERATURE AT Vrwm
1400
1402F
1406-10F
1400UF
Ambient Temperature (°C)
Temperature (°C)


Similar Part No. - 1406UF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1406-1 ETC2-1406-1 Datasheet
430Kb / 1P
   MICRO PINS
1406-2 ETC2-1406-2 Datasheet
430Kb / 1P
   MICRO PINS
logo
Festo Corporation.
14060 FESTO-14060 Datasheet
87Kb / 1P
   Flat cylinder
logo
Heyco.
14060 HEYCO-14060 Datasheet
137Kb / 1P
   Pry Out Bushings
logo
PHOENIX CONTACT
1406001 PHOENIX-1406001 Datasheet
591Kb / 15P
   SAC-4P-M8MS/1,5-542/M8FS SH BK - Sensor/actuator cable
More results

Similar Description - 1406UF

ManufacturerPart #DatasheetDescription
logo
Voltage Multipliers Inc...
1202A VMI-1202A Datasheet
80Kb / 2P
   200 V - 1,000 V Single Phase Bridge 3.0 A Forward Current 70 ns - 3000 ns Recovery Time
1202C VMI-1202C Datasheet
78Kb / 2P
   200 V - 1,000 V Single Phase Bridge 3.0 A Forward Current 70 ns - 3000 ns Recovery Time
1202B VMI-1202B Datasheet
78Kb / 2P
   200 V - 1,000 V Single Phase Bridge 3.0 A Forward Current 70 ns - 3000 ns Recovery Time
1202D VMI-1202D Datasheet
69Kb / 2P
   200 V - 1,000 V Single Phase Bridge 3.0 A Forward Current 70 ns - 3000 ns Recovery Time
1202E VMI-1202E Datasheet
78Kb / 2P
   200 V - 1,000 V Single Phase Bridge 3.0 A Forward Current 70 ns - 3000 ns Recovery Time
3102 VMI-3102 Datasheet
151Kb / 2P
   200 V - 1,000 V Three Phase Bridge 2.0 A Forward Current 70 ns - 3000 ns Recovery Time
1102C VMI-1102C Datasheet
78Kb / 2P
   200 V - 1,000 V Single Phase Bridge 1.4 A - 1.5 A Forward Current 70 ns - 3000 ns Recovery Time
1502B VMI-1502B Datasheet
233Kb / 2P
   200 V - 1,000 V Single Phase Bridge 22.0 A - 25.0 A Forward Current 70 ns - 3000 ns Recovery Time
LTI402T VMI-LTI402T Datasheet
136Kb / 2P
   200 V - 1,000 V Single Phase Bridge 20.0 A - 25.0 A Forward Current 70 ns - 3000 ns Recovery Time
1102E VMI-1102E Datasheet
78Kb / 2P
   200 V - 1,000 V Single Phase Bridge 1.4 A - 1.5 A Forward Current 70 ns - 3000 ns Recovery Time
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com