Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDM41028SA15SOTR Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PDM41028SA15SOTR
Description  1 Megabit Static RAM 256K x 4-Bit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PDM41028SA15SOTR Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PDM41028SA15SOTR Datasheet HTML 1Page - List of Unclassifed Manufacturers PDM41028SA15SOTR Datasheet HTML 2Page - List of Unclassifed Manufacturers PDM41028SA15SOTR Datasheet HTML 3Page - List of Unclassifed Manufacturers PDM41028SA15SOTR Datasheet HTML 4Page - List of Unclassifed Manufacturers PDM41028SA15SOTR Datasheet HTML 5Page - List of Unclassifed Manufacturers PDM41028SA15SOTR Datasheet HTML 6Page - List of Unclassifed Manufacturers PDM41028SA15SOTR Datasheet HTML 7Page - List of Unclassifed Manufacturers PDM41028SA15SOTR Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
PDM41028
2
Rev. 2.2 - 4/29/98
Absolute Maximum Ratings (1)
NOTE: 1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation of
the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
2. Appropriate thermal calculations should be performed in all cases and specifically for
those where the chosen package has a large thermal resistance (e.g., TSOP). The cal-
culation should be of the form: Tj = Ta + P * θja where Ta is the ambient temperature, P
is average operating power and
θ
ja the thermal resistance of the package. For this
product, use the following
θ
ja values:
SOJ: 76o C/W
TSOP: 100o C/W
Symbol
Rating
Com’l.
Ind.
Unit
VTERM
Terminal Voltage with Respect to VSS
–0.5 to +7.0
–0.5 to +7.0
V
TBIAS
Temperature Under Bias
–55 to +125
–65 to +135
°C
TSTG
Storage Temperature
–55 to +125
–65 to +150
°C
PT
Power Dissipation
1.0
1.0
W
IOUT
DC Output Current
50
50
mA
Tj
Maximum Junction Temperature (2)
125
145
°C
Pin Configuration
1
2
3
4
5
6
7
8
9
10
11
12
15
16
17
18
19
20
21
22
23
24
A7
A8
A9
A10
A11
A12
A13
A14
A15
A16
A17
CE
OE
Vss
Vcc
A6
A5
A4
A3
A2
A1
A0
NC
I/O3
I/O2
I/O1
I/O0
WE
13
14
25
26
27
28
Pin Description
Name
Description
A17-A0
Address Inputs
I/O3-I/O0
Data Inputs/Outputs
OE
Output Enable Input
WE
Write Enable Input
CE
Chip Enable Input
NC
No Connect
VCC
Power (+5V)
VSS
Ground
Truth Table(1)
NOTE: 1. H = VIH, L = VIL, X = DON’T CARE
OE
WE
CE
I/O
MODE
X
X
H
Hi-Z
Standby
LH
L
DOUT
Read
XL
L
DIN
Write
H
H
L
Hi-Z
Output Disable
SOJ


Similar Part No. - PDM41028SA15SOTR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PDM41024 ETC-PDM41024 Datasheet
294Kb / 8P
   1 Megabit Static RAM 128K x 8-Bit
PDM41024LA10SO ETC-PDM41024LA10SO Datasheet
294Kb / 8P
   1 Megabit Static RAM 128K x 8-Bit
PDM41024LA10SOA ETC-PDM41024LA10SOA Datasheet
294Kb / 8P
   1 Megabit Static RAM 128K x 8-Bit
PDM41024LA10SOATR ETC-PDM41024LA10SOATR Datasheet
294Kb / 8P
   1 Megabit Static RAM 128K x 8-Bit
PDM41024LA10SOATY ETC-PDM41024LA10SOATY Datasheet
294Kb / 8P
   1 Megabit Static RAM 128K x 8-Bit
More results

Similar Description - PDM41028SA15SOTR

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C197D CYPRESS-CY7C197D Datasheet
239Kb / 8P
   256K (256K x 1) Static RAM
logo
Integrated Device Techn...
IDT71028S70 IDT-IDT71028S70 Datasheet
56Kb / 7P
   CMOS STATIC RAM 1 MEG (256K x 4-BIT)
IDT71028 IDT-IDT71028 Datasheet
59Kb / 7P
   CMOS STATIC RAM 1 MEG (256K x 4-BIT)
logo
Cypress Semiconductor
CY7C106D CYPRESS-CY7C106D Datasheet
901Kb / 11P
   1-Mbit (256K x 4) Static RAM
logo
List of Unclassifed Man...
PDM41024 ETC-PDM41024 Datasheet
294Kb / 8P
   1 Megabit Static RAM 128K x 8-Bit
logo
Cypress Semiconductor
CY7C106BN CYPRESS-CY7C106BN_06 Datasheet
349Kb / 8P
   256K x 4 Static RAM
CY7C106B CYPRESS-CY7C106B Datasheet
161Kb / 10P
   256K x 4 Static RAM
CY7C106BN CYPRESS-CY7C106BN Datasheet
363Kb / 8P
   256K x 4 Static RAM
CY7C106BN CYPRESS-CY7C106BN_11 Datasheet
406Kb / 9P
   256K x 4 Static RAM
logo
Integrated Device Techn...
IDT61298SA IDT-IDT61298SA_07 Datasheet
79Kb / 8P
   CMOS Static RAM 256K (64K x 4-Bit)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com