Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

TC7MA157FK Datasheet(HTML) 3 Page - Toshiba Semiconductor

Part No. TC7MA157FK
Description  Low Voltage Quad 2-Channel Multiplexer with 3.6 V Tolerant Inputs and Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

TC7MA157FK Datasheet(HTML) 3 Page - Toshiba Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 11 page
background image
TC7MA157FK
2003-03-01
3
System Diagram
Maximum Ratings
Characteristics
Symbol
Rating
Unit
Power supply voltage
VCC
-0.5~4.6
V
DC input voltage
VIN
-0.5~4.6
V
-0.5~4.6
(Note1)
DC output voltage
VOUT
-0.5~VCC + 0.5 (Note2)
V
Input diode current
IIK
-50
mA
Output diode current
IOK
±50
(Note3)
mA
DC output current
IOUT
±50
mA
Power dissipation
PD
180
mW
DC VCC/ground current
ICC/IGND
±100
mA
Storage temperature
Tstg
-65~150
°C
Note1: VCC = 0 V
Note2: High or low state. IOUT absolute maximum rating must be observed.
Note3: VOUT < GND, VOUT > VCC
1A
2
4
7
9
12
1Y
2Y
3Y
4Y
1B
3
2A
5
2B
6
3A
11
3B
10
4A
14
4B
13
SELECT
1
15
ST


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn