Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZL50062 Datasheet(PDF) 20 Page - Zarlink Semiconductor Inc

Part # ZL50062
Description  16K-Channel Digital Switch with High Jitter Tolerance, Single Rate (2, 4, 8, or 16Mbps), and 64 Inputs and 64 Outputs
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL50062 Datasheet(HTML) 20 Page - Zarlink Semiconductor Inc

Back Button ZL50062 Datasheet HTML 16Page - Zarlink Semiconductor Inc ZL50062 Datasheet HTML 17Page - Zarlink Semiconductor Inc ZL50062 Datasheet HTML 18Page - Zarlink Semiconductor Inc ZL50062 Datasheet HTML 19Page - Zarlink Semiconductor Inc ZL50062 Datasheet HTML 20Page - Zarlink Semiconductor Inc ZL50062 Datasheet HTML 21Page - Zarlink Semiconductor Inc ZL50062 Datasheet HTML 22Page - Zarlink Semiconductor Inc ZL50062 Datasheet HTML 23Page - Zarlink Semiconductor Inc ZL50062 Datasheet HTML 24Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 68 page
background image
ZL50062/4
Data Sheet
20
Zarlink Semiconductor Inc.
2.1.6.2
Backplane Output Port
Operation of stream data in Connection Mode or Message Mode is determined by the state of the BMM bit of the
Backplane Connection Memory and the channel high impedance state is controlled by the BE bit of the Backplane
Connection Memory. The data source (i.e. from the Local or Backplane Data Memory) is determined by the BSRC
bit of the Backplane Connection Memory. Refer to Section 8.2, Backplane Connection Memory and Section 11.4,
Backplane Connection Memory Bit Definition for more details.
2.2
Frame Pulse Input and Master Input Clock Timing
The input frame pulse (FP8i) is an 8kHz input signal active for 122ns or 244ns at the frame boundary. The FPW bit
in the Control Register must be set according to the applied pulse width. See Pin Description and Table 13, “Control
Register Bits” on page 37, for details.
The active state and timing of FP8i can conform either to the ST-BUS or to the GCI-Bus as shown in Figure 7,
ST-BUS and GCI-Bus Input Timing Diagram for Different Data Rates. The ZL50062/64 device will automatically
detect whether an ST-BUS or a GCI-Bus style frame pulse is being used for the master frame pulse (FP8i). The
output frame pulses (FP8o and FP16o) are always of the same style (ST-BUS or GCI-Bus) as the input frame
pulse. The active edge of the input clock (C8i) shall be selected by the state of the Control Register bit C8IPOL.
Note that the active edge of ST-BUS is falling edge, which is the default mode of the device, while GCI-Bus uses
rising edge as the active edge. Although GCI frame pulse will be automatically detected, to fully conform to
GCI-Bus operation, the device should be set to use C8i rising edge as the active edge (by setting bit C8IPOL HIGH)
when GCI-Bus is used.
For the purposes of describing the device operation, the remaining part of this document assumes the ST-BUS
frame pulse format with a single width frame pulse of 122ns and a falling active clock-edge, unless explicitly stated
otherwise.
In addition, the ZL50062 device provides FP8o, FP16o, C8o and C16o outputs to support external devices which
connect to the output ports. The ZL50064 only provides FP8o and C8o outputs. The generated frame pulses (FP8o,
FP16o) will be provided in the same format as the master frame pulse (FP8i). The polarity of C8o and C16o, at the
frame boundary, can be controlled by the Control Register bit, COPOL. An analog phase lock loop (APLL) is used
to multiply the input clock frequency on C8i to generate an internal clock signal operating at 131.072MHz.


Similar Part No. - ZL50062

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50060 ZARLINK-ZL50060 Datasheet
770Kb / 99P
   16 K-Channel Digital Switch with High Jitter Tolerance, Per Stream Rate Conversion (2, 4, 8, 16, or 32 Mbps), and 64 Inputs and 64 Outputs
ZL50060GAC ZARLINK-ZL50060GAC Datasheet
770Kb / 99P
   16 K-Channel Digital Switch with High Jitter Tolerance, Per Stream Rate Conversion (2, 4, 8, 16, or 32 Mbps), and 64 Inputs and 64 Outputs
ZL50060GAG2 ZARLINK-ZL50060GAG2 Datasheet
770Kb / 99P
   16 K-Channel Digital Switch with High Jitter Tolerance, Per Stream Rate Conversion (2, 4, 8, 16, or 32 Mbps), and 64 Inputs and 64 Outputs
ZL50061GAG ZARLINK-ZL50061GAG Datasheet
770Kb / 99P
   16 K-Channel Digital Switch with High Jitter Tolerance, Per Stream Rate Conversion (2, 4, 8, 16, or 32 Mbps), and 64 Inputs and 64 Outputs
ZL50061GAG2 ZARLINK-ZL50061GAG2 Datasheet
770Kb / 99P
   16 K-Channel Digital Switch with High Jitter Tolerance, Per Stream Rate Conversion (2, 4, 8, 16, or 32 Mbps), and 64 Inputs and 64 Outputs
More results

Similar Description - ZL50062

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50051 ZARLINK-ZL50051 Datasheet
562Kb / 67P
   8 K Channel Digital Switch with High Jitter Tolerance, Single Rate (8 or 16 Mbps), and 64 Inputs and 64 Outputs
ZL50060 ZARLINK-ZL50060 Datasheet
770Kb / 99P
   16 K-Channel Digital Switch with High Jitter Tolerance, Per Stream Rate Conversion (2, 4, 8, 16, or 32 Mbps), and 64 Inputs and 64 Outputs
ZL50075 ZARLINK-ZL50075 Datasheet
499Kb / 60P
   32 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 2 Streams (8, 16, 32 or 64 Mbps), and 64 Inputs and 64 Outputs
ZL50063 ZARLINK-ZL50063 Datasheet
453Kb / 60P
   16K-Channel Digital Switch with High Jitter Tolerance, Single Rate (32Mbps), and 32 Inputs and 32 Output
ZL50052 ZARLINK-ZL50052 Datasheet
449Kb / 59P
   8 K Channel Digital Switch with High Jitter Tolerance, Single Rate (32 Mbps), and 16 Inputs and 16 Outputs
ZL50070 ZARLINK-ZL50070 Datasheet
615Kb / 66P
   24 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps), and 96 Inputs and 96 Outputs
ZL50073 ZARLINK-ZL50073_06 Datasheet
616Kb / 68P
   32 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps), and 128 Inputs and 128 Outputs
ZL50050 ZARLINK-ZL50050 Datasheet
694Kb / 94P
   8 K-Channel Digital Switch with High Jitter Tolerance, Per Stream Rate Conversion (2, 4, 8, 16, or 32 Mbps), and 32 Inputs and 32 Outputs
ZL50057 ZARLINK-ZL50057 Datasheet
815Kb / 108P
   12 K-Channel Digital Switch with High Jitter Tolerance, Per Stream Rate Conversion (2, 4, 8, 16, or 32 Mbps), and 48 Inputs and 48 Outputs
ZL50073 ZARLINK-ZL50073 Datasheet
616Kb / 67P
   32 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com