Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC62LV12816DL Datasheet(PDF) 7 Page - Integrated Circuit Solution Inc

Part # IC62LV12816DL
Description  128 K x 16 bit Low Voltage and Ultra Low Power CMOS Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC62LV12816DL Datasheet(HTML) 7 Page - Integrated Circuit Solution Inc

Back Button IC62LV12816DL Datasheet HTML 3Page - Integrated Circuit Solution Inc IC62LV12816DL Datasheet HTML 4Page - Integrated Circuit Solution Inc IC62LV12816DL Datasheet HTML 5Page - Integrated Circuit Solution Inc IC62LV12816DL Datasheet HTML 6Page - Integrated Circuit Solution Inc IC62LV12816DL Datasheet HTML 7Page - Integrated Circuit Solution Inc IC62LV12816DL Datasheet HTML 8Page - Integrated Circuit Solution Inc IC62LV12816DL Datasheet HTML 9Page - Integrated Circuit Solution Inc IC62LV12816DL Datasheet HTML 10Page - Integrated Circuit Solution Inc IC62LV12816DL Datasheet HTML 11Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Integrated Circuit Solution Inc.
7
LPSR025-0A 6/7/2002
IC62LV12816DL
IC62LV12816DLL
tRC
tOHA
tAA
tDOE
tLZOE
tACE
tLZCE
tHZOE
HIGH-Z
DATA VALID
tHZB
ADDRESS
OE
CE1
LB, UB
DOUT
CE2
tHZCE
tBA
tLZB
Notes:
1.
WE is HIGH for a Read Cycle.
2. The device is continuously selected.
OE, CE1, UB, or LB = VIL, CE2 = VIH
3. Address is valid prior to or coincident with CE1 LOW and CE2 HIGH transitions.
AC WAVEFORMS
READ CYCLE NO. 2(1,3) (OE, Controlled)
AC TEST LOADS
READ CYCLE NO.1(1,2) (Address Controlled) (CE1 = OE = VIL, CE2 = VIH, UB or LB = VIL)
DATA VALID
PREVIOUS DATA VALID
tAA
tOHA
tOHA
tRC
DOUT
ADDRESS


Similar Part No. - IC62LV12816DL

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC62LV12816L ICSI-IC62LV12816L Datasheet
139Kb / 10P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IC62LV12816L-100B ICSI-IC62LV12816L-100B Datasheet
139Kb / 10P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IC62LV12816L-100BI ICSI-IC62LV12816L-100BI Datasheet
139Kb / 10P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IC62LV12816L-100T ICSI-IC62LV12816L-100T Datasheet
139Kb / 10P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IC62LV12816L-100TI ICSI-IC62LV12816L-100TI Datasheet
139Kb / 10P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
More results

Similar Description - IC62LV12816DL

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC62LV51216L ICSI-IC62LV51216L Datasheet
144Kb / 12P
   512 K x 16 bit Low Voltage and Ultra Low Power CMOS Static RAM
logo
Cypress Semiconductor
CY62136ESL_1106 CYPRESS-CY62136ESL_1106 Datasheet
485Kb / 15P
   2-Mbit (128 K x 16) Static RAM Ultra low standby power
logo
Integrated Circuit Solu...
IS62LV12816L ICSI-IS62LV12816L Datasheet
462Kb / 10P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62WV51216ALL ISSI-IS62WV51216ALL Datasheet
129Kb / 16P
   512K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62U6416LL ISSI-IS62U6416LL Datasheet
82Kb / 9P
   64K x 16 LOW VOLTAGE, ULTRA-LOW POWER CMOS STATIC RAM
IS62WV6416ALL ISSI-IS62WV6416ALL Datasheet
111Kb / 17P
   64K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62WV12816ALL ISSI-IS62WV12816ALL Datasheet
112Kb / 17P
   128K x 16 LOW VOLTAGE ULTRA LOW POWER CMOS STATIC RAM
IS65WV12816ALL ISSI-IS65WV12816ALL Datasheet
133Kb / 19P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62LV12816BLL ISSI-IS62LV12816BLL Datasheet
94Kb / 10P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62WV12816DALL ISSI-IS62WV12816DALL Datasheet
429Kb / 17P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com