Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDM41028SA15TSOA Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # PDM41028SA15TSOA
Description  1 Megabit Static RAM 256K x 4-Bit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PDM41028SA15TSOA Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  PDM41028SA15TSOA Datasheet HTML 1Page - List of Unclassifed Manufacturers PDM41028SA15TSOA Datasheet HTML 2Page - List of Unclassifed Manufacturers PDM41028SA15TSOA Datasheet HTML 3Page - List of Unclassifed Manufacturers PDM41028SA15TSOA Datasheet HTML 4Page - List of Unclassifed Manufacturers PDM41028SA15TSOA Datasheet HTML 5Page - List of Unclassifed Manufacturers PDM41028SA15TSOA Datasheet HTML 6Page - List of Unclassifed Manufacturers PDM41028SA15TSOA Datasheet HTML 7Page - List of Unclassifed Manufacturers PDM41028SA15TSOA Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
PDM41028
Rev. 2.2 - 4/29/98
3
1
2
3
4
5
6
7
8
9
10
11
12
Recommended DC Operating Conditions
DC Electrical Characteristics (V
CC = 5.0V ± 10%)
NOTE:
1. VIL(min) = –3.0V for pulse width less than 20 ns
Power Supply Characteristics
SHADED AREA = PRELIMINARY DATA
NOTES: All values are maximum guaranteed values.
VLC ≤ 0.2V, VHC ≥ VCC – 0.2V
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
4.5
5.0
5.5
V
VSS
Supply Voltage
0
0
0
V
Industrial
Ambient Temperature
–40
25
85
°C
Commercial
Ambient Temperature
0
25
70
°C
PDM41028SA
PDM41028LA
Unit
Symbol
Parameter
Test Conditions
Min.
Max.
Min.
Max.
ILI
Input Leakage Current
VCC = MAX., VIN = VSS to VCC
Com’l/
Ind.
–55–55
µA
ILO
Output Leakage Current
VCC= MAX.,
CE = VIH, VOUT = VSS to VCC
Com’l/
Ind.
–55–55
µA
VIL
Input Low Voltage
–0.5(1)
0.8
–0.5(1)
0.8
V
VIH
Input High Voltage
2.2
6.0
2.2
6.0
V
VOL
Output Low Voltage
IOL = 8 mA, VCC = Min.
IOL = 10 mA, VCC = Min.
0.4
0.5
0.4
0.5
V
V
VOH
Output High Voltage
IOH = –4 mA, VCC = Min.
2.4
2.4
V
-10
-12
-15
Symbol Parameter
Power Com’l. Com’l
Ind.
Com’l
Ind.
Unit
ICC
Operating Current
CE = VIL,
SA
250
230
240
185
195
mA
f = fMAX = 1/tRC
VCC = Max.
IOUT = 0 mA
LA
230
210
220
165
175
mA
ISB
Standby Current
CE = VIH
SA
80
70
70
55
55
mA
f = fMAX = 1/tRC
VCC = Max.
LA
75
65
65
50
50
mA
ISB1
Full Standby Current
CE
≥ V
HC
SA
20
15
25
10
15
mA
f = 0
VCC = Max.,
VIN ≥ VCC – 0.2V or ≤ 0.2V
LA
10
10
10
5
10
mA


Similar Part No. - PDM41028SA15TSOA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PDM41024 ETC-PDM41024 Datasheet
294Kb / 8P
   1 Megabit Static RAM 128K x 8-Bit
PDM41024LA10SO ETC-PDM41024LA10SO Datasheet
294Kb / 8P
   1 Megabit Static RAM 128K x 8-Bit
PDM41024LA10SOA ETC-PDM41024LA10SOA Datasheet
294Kb / 8P
   1 Megabit Static RAM 128K x 8-Bit
PDM41024LA10SOATR ETC-PDM41024LA10SOATR Datasheet
294Kb / 8P
   1 Megabit Static RAM 128K x 8-Bit
PDM41024LA10SOATY ETC-PDM41024LA10SOATY Datasheet
294Kb / 8P
   1 Megabit Static RAM 128K x 8-Bit
More results

Similar Description - PDM41028SA15TSOA

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C197D CYPRESS-CY7C197D Datasheet
239Kb / 8P
   256K (256K x 1) Static RAM
logo
Integrated Device Techn...
IDT71028S70 IDT-IDT71028S70 Datasheet
56Kb / 7P
   CMOS STATIC RAM 1 MEG (256K x 4-BIT)
IDT71028 IDT-IDT71028 Datasheet
59Kb / 7P
   CMOS STATIC RAM 1 MEG (256K x 4-BIT)
logo
Cypress Semiconductor
CY7C106D CYPRESS-CY7C106D Datasheet
901Kb / 11P
   1-Mbit (256K x 4) Static RAM
logo
List of Unclassifed Man...
PDM41024 ETC-PDM41024 Datasheet
294Kb / 8P
   1 Megabit Static RAM 128K x 8-Bit
logo
Cypress Semiconductor
CY7C106BN CYPRESS-CY7C106BN_06 Datasheet
349Kb / 8P
   256K x 4 Static RAM
CY7C106B CYPRESS-CY7C106B Datasheet
161Kb / 10P
   256K x 4 Static RAM
CY7C106BN CYPRESS-CY7C106BN Datasheet
363Kb / 8P
   256K x 4 Static RAM
CY7C106BN CYPRESS-CY7C106BN_11 Datasheet
406Kb / 9P
   256K x 4 Static RAM
logo
Integrated Device Techn...
IDT61298SA IDT-IDT61298SA_07 Datasheet
79Kb / 8P
   CMOS Static RAM 256K (64K x 4-Bit)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com