Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDM41028SA10SOA Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # PDM41028SA10SOA
Description  1 Megabit Static RAM 256K x 4-Bit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PDM41028SA10SOA Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  PDM41028SA10SOA Datasheet HTML 1Page - List of Unclassifed Manufacturers PDM41028SA10SOA Datasheet HTML 2Page - List of Unclassifed Manufacturers PDM41028SA10SOA Datasheet HTML 3Page - List of Unclassifed Manufacturers PDM41028SA10SOA Datasheet HTML 4Page - List of Unclassifed Manufacturers PDM41028SA10SOA Datasheet HTML 5Page - List of Unclassifed Manufacturers PDM41028SA10SOA Datasheet HTML 6Page - List of Unclassifed Manufacturers PDM41028SA10SOA Datasheet HTML 7Page - List of Unclassifed Manufacturers PDM41028SA10SOA Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
PDM41028
Rev. 2.2 - 4/29/98
5
1
2
3
4
5
6
7
8
9
10
11
12
Read Cycle No. 1(4, 5)
Read Cycle No. 2(2, 4, 6)
AC Electrical Characteristics
SHADED AREA = PRELIMINARY DATA
Notes referenced are after Data Retention Table.
Description
-10(7)
-12(7)
-15
READ Cycle
Sym
Min. Max. Min. Max. Min. Max. Units
READ cycle time
tRC
10
12
15
ns
Address access time
tAA
10
12
15
ns
Chip enable access time
tACE
10
12
15
ns
Output hold from address change
tOH
3
33
ns
Chip enable to output in low Z(1,3)
tLZCE
5
55
ns
Chip disable to output in high Z(1,2,3)
tHZCE
667
ns
Chip enable to power up time(3)
tPU
0
00
ns
Chip disable to power down time(3)
tPD
10
12
15
ns
Output enable access time
tAOE
666
ns
Output enable to output in low Z (1,3)
tLZOE
0
00
ns
Output disable to output in high Z(1,3)
tHZOE
666
ns
tRC
tAA
tOH
PREVIOUS DATA VALID
DOUT
ADDR
DATA VALID
tRC
tACE
tAA
tLZCE
tHZCE
tLZOE
tHZOE
tAOE
ADDR
CE
OE
DOUT
DATA VALID


Similar Part No. - PDM41028SA10SOA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PDM41024 ETC-PDM41024 Datasheet
294Kb / 8P
   1 Megabit Static RAM 128K x 8-Bit
PDM41024LA10SO ETC-PDM41024LA10SO Datasheet
294Kb / 8P
   1 Megabit Static RAM 128K x 8-Bit
PDM41024LA10SOA ETC-PDM41024LA10SOA Datasheet
294Kb / 8P
   1 Megabit Static RAM 128K x 8-Bit
PDM41024LA10SOATR ETC-PDM41024LA10SOATR Datasheet
294Kb / 8P
   1 Megabit Static RAM 128K x 8-Bit
PDM41024LA10SOATY ETC-PDM41024LA10SOATY Datasheet
294Kb / 8P
   1 Megabit Static RAM 128K x 8-Bit
More results

Similar Description - PDM41028SA10SOA

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C197D CYPRESS-CY7C197D Datasheet
239Kb / 8P
   256K (256K x 1) Static RAM
logo
Integrated Device Techn...
IDT71028S70 IDT-IDT71028S70 Datasheet
56Kb / 7P
   CMOS STATIC RAM 1 MEG (256K x 4-BIT)
IDT71028 IDT-IDT71028 Datasheet
59Kb / 7P
   CMOS STATIC RAM 1 MEG (256K x 4-BIT)
logo
Cypress Semiconductor
CY7C106D CYPRESS-CY7C106D Datasheet
901Kb / 11P
   1-Mbit (256K x 4) Static RAM
logo
List of Unclassifed Man...
PDM41024 ETC-PDM41024 Datasheet
294Kb / 8P
   1 Megabit Static RAM 128K x 8-Bit
logo
Cypress Semiconductor
CY7C106BN CYPRESS-CY7C106BN_06 Datasheet
349Kb / 8P
   256K x 4 Static RAM
CY7C106B CYPRESS-CY7C106B Datasheet
161Kb / 10P
   256K x 4 Static RAM
CY7C106BN CYPRESS-CY7C106BN Datasheet
363Kb / 8P
   256K x 4 Static RAM
CY7C106BN CYPRESS-CY7C106BN_11 Datasheet
406Kb / 9P
   256K x 4 Static RAM
logo
Integrated Device Techn...
IDT61298SA IDT-IDT61298SA_07 Datasheet
79Kb / 8P
   CMOS Static RAM 256K (64K x 4-Bit)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com