Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA6130A2RTJR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPA6130A2RTJR
Description  138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA6130A2RTJR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPA6130A2RTJR Datasheet HTML 6Page - Texas Instruments TPA6130A2RTJR Datasheet HTML 7Page - Texas Instruments TPA6130A2RTJR Datasheet HTML 8Page - Texas Instruments TPA6130A2RTJR Datasheet HTML 9Page - Texas Instruments TPA6130A2RTJR Datasheet HTML 10Page - Texas Instruments TPA6130A2RTJR Datasheet HTML 11Page - Texas Instruments TPA6130A2RTJR Datasheet HTML 12Page - Texas Instruments TPA6130A2RTJR Datasheet HTML 13Page - Texas Instruments TPA6130A2RTJR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
www.ti.com
250
50
100
150
200
0
10
100
1k
Load- W
f
=1kHz,
Gain=0.1dB,
THD+N=1%,
Stereo
IN
V
=2.5V
DD
V
=3.6V
DD
V
=5V
DD
500
100
200
300
400
0
10
100
1k
Load- W
f
=1kHz,
Gain=6.1dB,
THD+N=1%,
BTL
IN
V
=2.5V
DD
V
=3.6V
DD
V
=5V
DD
0
-70
-60
-50
-40
-30
-20
-10
-80
20
100
1k
10k 20k
f-Frequency-Hz
R =16
,
Gain=6.1dB,
C =2.2 F,
BTL
L
W
m
I
V
=2.5V
DD
V
=5V
DD
V
=3.6V
DD
1
3
5
7
9
11
13
10
100
1000
Load- W
V
=3.6V
DD
THD+N=1%
Gain=6.1dB,
f
=1kHz,
BTL
IN
V
=2.5V
DD
V
=5V
DD
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
10
100
1000
Load- W
V
=3.6V
DD
V
=5V
DD
THD+N=1%
Gain=0.1dB,
f
=1kHz,
Stereo
IN
V
=2.5V
DD
1
0.2
0.4
0.6
0.8
0
0
50
100
150
200
250
300
350
400
P
-OutputPower-mW
O
R =16
,
Gain=0.1dB,
Stereo
L
W
V
=2.5V
DD
V
=5V
DD
V
=3.6V
DD
100
60
40
50
70
80
90
30
-60
-50
-40
-30
-20
-10
0
10
Gain-dB
V
=3.6V
DD
TPA6130A2
SLOS488A – NOVEMBER 2006 – REVISED DECEMBER 2006
COMMON MODE REJECTION RATIO
OUTPUT POWER
OUTPUT POWER
vs
vs
vs
FREQUENCY
LOAD
LOAD
Figure 27.
Figure 28.
Figure 29.
OUTPUT VOLTAGE
OUTPUT VOLTAGE
POWER DISSIPATION
vs
vs
vs
LOAD
LOAD
OUTPUT POWER
Figure 30.
Figure 31.
Figure 32.
DIFFERENTIAL INPUT IMPEDANCE
vs
GAIN
Figure 33.
10


Similar Part No. - TPA6130A2RTJR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6130A2RTJR TI-TPA6130A2RTJR Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2RTJR TI-TPA6130A2RTJR Datasheet
1Mb / 29P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
logo
ATMEL Corporation
TPA6130A2RTJR ATMEL-TPA6130A2RTJR Datasheet
137Kb / 4P
   AVR32 EVK1104 Evaluation Kit
logo
Texas Instruments
TPA6130A2RTJR TI1-TPA6130A2RTJR Datasheet
1Mb / 39P
[Old version datasheet]   Stereo Headphone Amplifier
TPA6130A2RTJR TI1-TPA6130A2RTJR Datasheet
1Mb / 39P
[Old version datasheet]   138-mW DIRECTPATH Stereo Headphone Amplifier with I2C Volume Control
More results

Similar Description - TPA6130A2RTJR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6130A2 TI-TPA6130A2_07 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
logo
TEXAS ADVANCED OPTOELEC...
TPA6130A2 TAOS-TPA6130A2 Datasheet
1Mb / 28P
   138-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
logo
Texas Instruments
TPA6130A2_0701 TI-TPA6130A2_0701 Datasheet
1Mb / 29P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2 TI1-TPA6130A2_17 Datasheet
1Mb / 39P
[Old version datasheet]   138-mW DIRECTPATH Stereo Headphone Amplifier with I2C Volume Control
TPA6130A2 TI-TPA6130A2_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPA6130A2 138-mW DIRECTPATH??Stereo Headphone Amplifier with I2C Volume Control
TPA6133A2 TI1-TPA6133A2 Datasheet
1Mb / 18P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI1-TPA6133A2_15 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DirectPath Stereo Headphone Amplifier
TPA6133A2 TI1-TPA6133A2_17 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DirectPath Stereo Headphone Amplifier
TPA6133A2 TI1-TPA6133A2_14 Datasheet
1Mb / 19P
[Old version datasheet]   138-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI-TPA6133A2_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPA6133A2 138-mW DirectPath??Stereo Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com