Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AQV212S Datasheet(PDF) 1 Page - Nais(Matsushita Electric Works)

Part # AQV212S
Description  GU (General Use) Type SOP Series [1-Channel (Form A) Type]
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

AQV212S Datasheet(HTML) 1 Page - Nais(Matsushita Electric Works)

  AQV212S Datasheet HTML 1Page - Nais(Matsushita Electric Works) AQV212S Datasheet HTML 2Page - Nais(Matsushita Electric Works) AQV212S Datasheet HTML 3Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
47
1
2
3
6
5
4
GU (General Use) Type
SOP Series
[1-Channel (Form A) Type]
mm inch
6.3
±0.2
.248
±.008
4.4
±0.2
.173
±.008
2.1
±0.2
.083
±.008
FEATURES
1. 1 channel (Form A) in super minia-
ture design
The device comes in a super-miniature
SO package measuring (W) 4.4
× (L) 6.3
×(H) 2.1 mm (W) .173× (L) .248×(H) .083
inch —approx. 25% of the volume and
50% of the footprint size of DIP type Pho-
toMOS Relays.
2. Tape and reel
The device comes standard in a tape and
reel (1,000 pcs./reel) to facilitate automat-
ic insertion machines.
Volume
(SOP)
(DIP)
Approx. 25%
Footprint
Approx. 50%
3. Controls low-level analog signals
PhotoMOS relays feature extremely low
closed-circuit offset voltage to enable
control of low-level analog signals without
distortion.
4. Low-level off state leakage current
In contrast to the SSR with an off state
leakage current of several milliamps, the
PhotoMOS relay features a very small off
state leakage current of only 100 pA even
at the rated load voltage of 400 V
(AQV214S).
TYPICAL APPLICATIONS
• Telephones
• Measuring instruments
• Computer
• Industrial robots
• High-speed inspection machines
TYPES
*Indicate the peak AC and DC values.
Notes: (1) Tape package is the standard packing style. Also available in tube. (Part No. suffix "X" ro "Z" is not needed when ordering; Tube: 75 pcs.;
Case: 1,500 pcs.)
(2) For space reasons, the top two letters of the product number "AQ" are ommitted on the product seal. The package type indicator "X" and "Z"
are also omitted from the seal. (Ex. the label for product number AQV214S is V214S).
Type
Output ratings*
Part No.
Packing quantity in
tape and reel
Picked from the 1/2/3-pin side
Picked from the 4/5/6-pin side
Load voltage
Load current
1 Form A
1 Form A
AC/DC
60 V
350 mA
AQV212SX
AQV212SZ
1,000 pcs.
100 V
300 mA
AQV215SX
AQV215SZ
200 V
160 mA
AQV217SX
AQV217SZ
350 V
120 mA
AQV210SX
AQV210SZ
400 V
100 mA
AQV214SX
AQV214SZ
600 V
40 mA
AQV216SX
AQV216SZ
RATING
1. Absolute maximum ratings (Ambient temperature: 25
°C 77°F)
Item
Symbol
Type of
connection
AQV212S AQV215S AQV217S AQV210S AQV214S AQV216S
Remarks
Input
LED forward current
IF
50 mA
LED reverse voltage
VR
3 V
Peak forward current
IFP
1 A
f = 100 Hz,
Duty factor = 0.1%
Power dissipation
Pin
75 mW
Output
Load voltage (peak AC)
VL
60 V
100 V
200 V
350 V
400 V
600 V
Continuous load
current
IL
A
0.35 A
0.30 A
0.16 A
0.12 A
0.10 A
0.04 A
A connection: Peak
AC, DC
B,C connection: DC
B
0.50 A
0.40 A
0.20 A
0.13 A
0.11 A
0.05 A
C
0.70 A
0.56 A
0.28 A
0.15 A
0.12 A
0.06 A
Peak load current
Ipeak
1.0A
0.90A
0.48A
0.3 A
0.3 A
0.12 A
A connection: 100 ms
(1 shot) VL= DC
Power dissipation
Pout
450 mW
Total power dissipation
PT
500 mW
I/O isolation voltage
Viso
1,500 V AC
Temperature
limits
Operating
Topr
–40
°C to +85°C –40°F to +185°F
Non-condensing at
low temperatures
Storage
Tstg
–40
°C to +100°C –40°F to +212°F
PhotoMOS
RELAYS


Similar Part No. - AQV212S

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
AQV212 NAIS-AQV212 Datasheet
53Kb / 4P
   GU (General Use) Type [1-Channel (Form A) Type]
logo
Panasonic Semiconductor
AQV212 PANASONIC-AQV212 Datasheet
123Kb / 4P
   Controls low-level input signals. Controls load voltage 60V to 600V.
logo
Nais(Matsushita Electri...
AQV212A NAIS-AQV212A Datasheet
53Kb / 4P
   GU (General Use) Type [1-Channel (Form A) Type]
logo
Panasonic Semiconductor
AQV212A PANASONIC-AQV212A Datasheet
123Kb / 4P
   Controls low-level input signals. Controls load voltage 60V to 600V.
logo
Nais(Matsushita Electri...
AQV212AX NAIS-AQV212AX Datasheet
53Kb / 4P
   GU (General Use) Type [1-Channel (Form A) Type]
More results

Similar Description - AQV212S

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
AQY210 NAIS-AQY210 Datasheet
37Kb / 3P
   GU (General Use) Type SOP Series 1- Channel (Form A) 4-Pin Type
AQV212 NAIS-AQV212 Datasheet
53Kb / 4P
   GU (General Use) Type [1-Channel (Form A) Type]
AQY14 NAIS-AQY14 Datasheet
45Kb / 3P
   GU (General Use) Type SOP Series 1- Channel (Form B) 4-Pin Type
logo
List of Unclassifed Man...
AQV210E ETC1-AQV210E Datasheet
148Kb / 3P
   GU (General Use)-E Type [1-Channel (Form A) Type]
logo
Nais(Matsushita Electri...
AQY210LS NAIS-AQY210LS Datasheet
43Kb / 3P
   GU (General Use) Type SOP Series 1-Channel (Form A) Current Limit Function 4-Pin Type
AQW212 NAIS-AQW212 Datasheet
46Kb / 3P
   GU (General Use) Type [2-Channel (Form A) Type]
AQW614 NAIS-AQW614 Datasheet
55Kb / 3P
   GU (General Use) Type [2-Channel (Form A Form B) Type]
AQY210EH NAIS-AQY210EH Datasheet
44Kb / 3P
   GU (General Use)-E Type 1-Channel (Form A) 4-pin Type
AQW210EH NAIS-AQW210EH Datasheet
50Kb / 3P
   GU (General Use)-E Type 2-Channel (Form A) Type
logo
Panasonic Battery Group
AQY280EHAX PANASONICBATTERY-AQY280EHAX Datasheet
146Kb / 4P
   GU (General Use) Type [1, 2-Channel (Form A) 4, 8-Pin Type]
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com