Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADD8506WRUZ-REEL Datasheet(PDF) 8 Page - Analog Devices

Part # ADD8506WRUZ-REEL
Description  4-, 5-, 6-Channel, Muxed Input Line Inversion LCD Gamma Buffers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADD8506WRUZ-REEL Datasheet(HTML) 8 Page - Analog Devices

  ADD8506WRUZ-REEL Datasheet HTML 1Page - Analog Devices ADD8506WRUZ-REEL Datasheet HTML 2Page - Analog Devices ADD8506WRUZ-REEL Datasheet HTML 3Page - Analog Devices ADD8506WRUZ-REEL Datasheet HTML 4Page - Analog Devices ADD8506WRUZ-REEL Datasheet HTML 5Page - Analog Devices ADD8506WRUZ-REEL Datasheet HTML 6Page - Analog Devices ADD8506WRUZ-REEL Datasheet HTML 7Page - Analog Devices ADD8506WRUZ-REEL Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
ADD8504/ADD8505/ADD8506
Rev. B | Page 8 of 8
OUTLINE DIMENSIONS
16
9
8
1
PIN 1
SEATING
PLANE
4.50
4.40
4.30
6.40
BSC
5.10
5.00
4.90
0.65
BSC
0.15
0.05
1.20
MAX
0.20
0.09
0.75
0.60
0.45
0.30
0.19
COPLANARITY
0.10
COMPLIANT TO JEDEC STANDARDS MO-153-AB
Figure 13. 16-Lead Thin Shrink Small Outline Package [TSSOP]
(RU-16)
Dimensions shown in millimeters
COMPLIANT TO JEDEC STANDARDS MO-153-AC
20
1
11
10
6.40 BSC
4.50
4.40
4.30
PIN 1
6.60
6.50
6.40
SEATING
PLANE
0.15
0.05
0.30
0.19
0.65
BSC
1.20 MAX
0.20
0.09
0.75
0.60
0.45
COPLANARITY
0.10
Figure 14. 20-Lead Thin Shrink Small Outline Package [TSSOP]
(RU-20)
Dimensions shown in millimeters
24
13
12
1
6.40 BSC
4.50
4.40
4.30
PIN 1
7.90
7.80
7.70
0.15
0.05
0.30
0.19
0.65
BSC
1.20
MAX
0.20
0.09
0.75
0.60
0.45
SEATING
PLANE
0.10 COPLANARITY
COMPLIANT TO JEDEC STANDARDS MO-153-AD
Figure 15. 24-Lead Thin Shrink Small Outline Package [TSSOP]
(RU-24)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature
Range
Package Description
Package
Option
Ordering
Quantity
ADD8504WRUZ1
−40°C to +105°C
16-Lead Thin Shrink Small Outline Package [TSSOP], Tube
RU-16
96
ADD8504WRUZ-REEL71
−40°C to +105°C
16-Lead Thin Shrink Small Outline Package [TSSOP], 7” Reel
RU-16
1,000
ADD8504WRUZ-REEL1
−40°C to +105°C
16-Lead Thin Shrink Small Outline Package [TSSOP], 13” Reel
RU-16
2,500
ADD8505WRUZ1
−40°C to +105°C
20-Lead Thin Shrink Small Outline Package [TSSOP], Tube
RU-20
96
ADD8505WRUZ-REEL71
−40°C to +105°C
20-Lead Thin Shrink Small Outline Package [TSSOP], 7” Reel
RU-20
1,000
ADD8505WRUZ-REEL1
−40°C to +105°C
20-Lead Thin Shrink Small Outline Package [TSSOP], 13” Reel
RU-20
2,500
ADD8506WRUZ1
−40°C to +105°C
24-Lead Thin Shrink Small Outline Package [TSSOP], Tube
RU-24
96
ADD8506WRUZ-REEL71
−40°C to +105°C
24-Lead Thin Shrink Small Outline Package [TSSOP], 7” Reel
RU-24
1,000
ADD8506WRUZ-REEL1
−40°C to +105°C
24-Lead Thin Shrink Small Outline Package [TSSOP], 13” Reel
RU-24
2,500
1 Z = Pb-free part.
©2006 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D05549-0-1/06(B)


Similar Part No. - ADD8506WRUZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADD8506WRUZ-REEL AD-ADD8506WRUZ-REEL Datasheet
154Kb / 8P
   6-Channel, Muxed Input Line Inversion LCD Gamma Buffer
REV. 0
ADD8506WRUZ-REEL AD-ADD8506WRUZ-REEL Datasheet
263Kb / 12P
   4-, 5-, 6-Channel, Muxed Input Line Inversion LCD Gamma Buffers
ADD8506WRUZ-REEL7 AD-ADD8506WRUZ-REEL7 Datasheet
154Kb / 8P
   6-Channel, Muxed Input Line Inversion LCD Gamma Buffer
REV. 0
ADD8506WRUZ-REEL7 AD-ADD8506WRUZ-REEL7 Datasheet
263Kb / 12P
   4-, 5-, 6-Channel, Muxed Input Line Inversion LCD Gamma Buffers
More results

Similar Description - ADD8506WRUZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADD8504 AD-ADD8504_10 Datasheet
263Kb / 12P
   4-, 5-, 6-Channel, Muxed Input Line Inversion LCD Gamma Buffers
ADD8506 AD-ADD8506 Datasheet
154Kb / 8P
   6-Channel, Muxed Input Line Inversion LCD Gamma Buffer
REV. 0
AD8509 AD-AD8509_15 Datasheet
207Kb / 12P
   9- and 11-Channel, Muxed Input LCD Reference Buffers
REV. C
AD8511 AD-AD8511_15 Datasheet
207Kb / 12P
   9- and 11-Channel, Muxed Input LCD Reference Buffers
REV. C
AD8509 AD-AD8509 Datasheet
183Kb / 8P
   9- and 11-Channel, Muxed Input LCD Reference Drivers
REV. B
ADD8701 AD-ADD8701_15 Datasheet
295Kb / 8P
   12-Channel Gamma Buffers with VCOM Buffer
REV. 0
ADD8702 AD-ADD8702_15 Datasheet
237Kb / 8P
   12-Channel Gamma Buffers with V Buffer
REV. 0
ADD8701 AD-ADD8701 Datasheet
289Kb / 8P
   12-Channel Gamma Buffers with VCOM Buffer
REV. 0
ADD8702 AD-ADD8702 Datasheet
233Kb / 8P
   12-Channel Gamma Buffers with Vcom Buffer
REV. 0
logo
Maxim Integrated Produc...
MAX9590 MAXIM-MAX9590 Datasheet
37Kb / 1P
   14 Programmable Gamma Reference Buffers with 4 Static References for TFT-LCD Displays
Rev 0; 4/06
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com