Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG787BRMZ Datasheet(PDF) 7 Page - Analog Devices

Part # ADG787BRMZ
Description  2.5 OHM CMOS Low Power Dual 2:1 Mux/Demux USB 1.1 Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG787BRMZ Datasheet(HTML) 7 Page - Analog Devices

Back Button ADG787BRMZ Datasheet HTML 3Page - Analog Devices ADG787BRMZ Datasheet HTML 4Page - Analog Devices ADG787BRMZ Datasheet HTML 5Page - Analog Devices ADG787BRMZ Datasheet HTML 6Page - Analog Devices ADG787BRMZ Datasheet HTML 7Page - Analog Devices ADG787BRMZ Datasheet HTML 8Page - Analog Devices ADG787BRMZ Datasheet HTML 9Page - Analog Devices ADG787BRMZ Datasheet HTML 10Page - Analog Devices ADG787BRMZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ADG787
Rev. A | Page 7 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
3.0
2.5
2.0
1.5
1.0
0.5
0
01
3
5
24
SIGNAL RANGE
TA = 25°C
IDS = 10mA
VDD = 4.5V
VDD = 4.2V
VDD = 5V
VDD = 5.5V
Figure 5. On Resistance vs. VD (VS), VDD = 4.2 V to 5.5 V
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
04.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
SIGNAL RANGE
TA = 25°C
IDS = 10mA
VDD = 3.6V
VDD = 2.7V
VDD = 3V
VDD = 3.3V
Figure 6. On Resistance vs. VD (VS), VDD = 2.7 V to 3.6 V
3.0
2.5
2.0
1.5
1.0
0.5
0
05.0
4.0
4.5
3.5
3.0
2.5
2.0
1.5
1.0
0.5
SIGNAL RANGE
VDD = 5V
IDS = 10mA
TA = +85°C
TA = +25°C
TA = –40°C
.0
Figure 7. On Resistance vs. VD (VS) for Different Temperatures, VDD = 5 V
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
04
3.5
3.0
2.5
2.0
1.5
1.0
0.5
SIGNAL RANGE
VDD = 4.2V
IDS = 10mA
TA = +85°C
TA = +25°C
TA = –40°C
Figure 8. On Resistance vs. VD (VS) for Different Temperatures, VDD = 4.2 V
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
03.0
2.5
2.0
1.5
1.0
0.5
SIGNAL RANGE
VDD = 3V
IDS = 10mA
TA = +85°C
TA = +25°C
TA = –40°C
Figure 9. On Resistance vs. VD (VS) for Different Temperatures, VDD = 3 V
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
080
70
60
50
40
30
20
10
TEMPERATURE (°C)
IS, ID (ON)
IS (OFF)
Figure 10. Leakage Current vs. Temperature, VDD = 5.5 V


Similar Part No. - ADG787BRMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG787BRMZ AD-ADG787BRMZ Datasheet
760Kb / 16P
   Evaluating the ADT7320/ADT7420 Temperature Sensors
REV. A
More results

Similar Description - ADG787BRMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG787 AD-ADG787_15 Datasheet
421Kb / 16P
   Dual 2:1 Mux/Demux USB 1.1 Switch
REV. A
ADG772 AD-ADG772 Datasheet
408Kb / 12P
   CMOS Low Power Dual 2:1 Mux/Demux USB 2.0 (480 Mbps)/USB 1.1 (12 Mbps)
REV. 0
logo
Pericom Semiconductor C...
PI2USB3212 PERICOM-PI2USB3212_14 Datasheet
894Kb / 8P
   5.0Gbps USB 3.0 Compatible 2:1 Mux/DeMux Switch
PI3USB302-A PERICOM-PI3USB302-A Datasheet
1,002Kb / 9P
   3.3V, USB 3.0, 1-Port, 2:1 Mux/DeMux Switch
logo
Texas Instruments
HD3SS6126 TI1-HD3SS6126 Datasheet
815Kb / 16P
[Old version datasheet]   USB 3.0 and USB 2.0 Differential Switch 2:1/1:2 MUX/DEMUX
HD3SS6126 TI1-HD3SS6126_14 Datasheet
817Kb / 17P
[Old version datasheet]   USB 3.0 and USB 2.0 Differential Switch 2:1/1:2 MUX/DEMUX
logo
Pericom Semiconductor C...
PI2USB4122 PERICOM-PI2USB4122 Datasheet
1Mb / 6P
   USB 3.0, 4:1 Mux/DeMux Switch
PI3USB304 PERICOM-PI3USB304 Datasheet
1Mb / 9P
   3.3V USB 3.0 SuperSpeed Dual 2:1 Mux/DeMux Switch with Enable
PI5C3303 PERICOM-PI5C3303 Datasheet
55Kb / 3P
   2:1 Mux/Demux Bus Switch
PI5A3158B PERICOM-PI5A3158B Datasheet
367Kb / 8P
   Low Voltage Dual SPDT Analog Switch 2:1 Mux/Demux Bus Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com