Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG836LYRM Datasheet(PDF) 6 Page - Analog Devices

Part # ADG836LYRM
Description  0.5 OHM CMOS 1.65 V to 3.6 V Dual SPDT/2:1 MUX
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG836LYRM Datasheet(HTML) 6 Page - Analog Devices

Back Button ADG836LYRM Datasheet HTML 2Page - Analog Devices ADG836LYRM Datasheet HTML 3Page - Analog Devices ADG836LYRM Datasheet HTML 4Page - Analog Devices ADG836LYRM Datasheet HTML 5Page - Analog Devices ADG836LYRM Datasheet HTML 6Page - Analog Devices ADG836LYRM Datasheet HTML 7Page - Analog Devices ADG836LYRM Datasheet HTML 8Page - Analog Devices ADG836LYRM Datasheet HTML 9Page - Analog Devices ADG836LYRM Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADG836L
Rev. A | Page 6 of 6
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 4.
Parameter
Rating
VDD to GND
−0.3 V to +4.6 V
Analog Inputs1
−0.3 V to VDD + 0.3 V
Digital Inputs1
−0.3 V to 4.6 V or 10 mA,
whichever occurs first
Peak Current, S or D
3.3 V Operation
500 mA
2.5 V Operation
460 mA
1.8 V Operation
420 mA (pulsed at 1 ms, 10%
Duty Cycle Max)
Continuous Current, S or D
3.3 V Operation
300 mA
2.5 V Operation
275 mA
1.8 V Operation
250 mA
Operating Temperature Range
Automotive (Y Version)
−40°C to +125°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature
150°C
MSOP Package
θJA Thermal Impedance
206°C/W
θJC Thermal Impedance
44°C/W
IR Reflow, Peak Temperature
<20 sec
235°C
1 Overvoltages at IN, S, or D are clamped by internal diodes. Current should be
limited to the maximum ratings given.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those listed in the operational sections
of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability. Only one absolute maximum rating may be
applied at any one time.
TRUTH TABLE
Table 5.
Logic
Switch A
Switch B
0
Off
On
1
On
Off
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


Similar Part No. - ADG836LYRM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG836L AD-ADG836L_15 Datasheet
419Kb / 16P
   CMOS 1.65 V to 3.6 V Dual SPDT/2:1 MUX
REV. A
More results

Similar Description - ADG836LYRM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG836 AD-ADG836_15 Datasheet
563Kb / 16P
   CMOS 1.65 V TO 3.6 V Dual SPDT/2:1 MUX
REV. A
ADG836L AD-ADG836L_15 Datasheet
419Kb / 16P
   CMOS 1.65 V to 3.6 V Dual SPDT/2:1 MUX
REV. A
ADG836 AD-ADG836 Datasheet
652Kb / 12P
   0.5CMOS 1.65 V TO 3.6 V Dual SPDT/2:1 MUX
REV. 0
ADG839 AD-ADG839 Datasheet
436Kb / 16P
   0.35 ohm CMOS 1.65 V to 3.6 V Single SPDT Switch/2:1 MUX
REV. 0
ADG824 AD-ADG824 Datasheet
360Kb / 16P
   0.5 廓 CMOS 1.65 V to 3.6 V Dual SPDT/2:1 Mux in Mini LFCSP Package
REV. 0
EVAL-ADG824 AD-EVAL-ADG824 Datasheet
228Kb / 8P
   Evaluation Board for ADG824, 0.5 廓 CMOS, 1.65 V to 3.6 V, Dual SPDT/2:1 Mux in Mini LFCSP
REV. 0
ADG819 AD-ADG819 Datasheet
195Kb / 12P
   0.5 OHM CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV. 0
ADG804 AD-ADG804 Datasheet
157Kb / 16P
   0.5 ohm CMOS 1.65 V TO 3.6 V 4-Channel Multiplexer
REV. 0
ADG849YKSZ-500RL7 AD-ADG849YKSZ-500RL7 Datasheet
348Kb / 12P
   3 V/5 V CMOS 0.5 ohm SPDT/2:1 Mux in SC70
REV. 0
ADG836YRMZ AD-ADG836YRMZ Datasheet
563Kb / 16P
   0.5 ohm CMOS 1.65V TO 3.6V Dual SPDT/2:1 MUX
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com