Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG842 Datasheet(PDF) 6 Page - Analog Devices

Part # ADG842
Description  0.28 OHM CMOS 1.65 V to 3.6 V Single SPST Switches in SC70
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG842 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADG842 Datasheet HTML 2Page - Analog Devices ADG842 Datasheet HTML 3Page - Analog Devices ADG842 Datasheet HTML 4Page - Analog Devices ADG842 Datasheet HTML 5Page - Analog Devices ADG842 Datasheet HTML 6Page - Analog Devices ADG842 Datasheet HTML 7Page - Analog Devices ADG842 Datasheet HTML 8Page - Analog Devices ADG842 Datasheet HTML 9Page - Analog Devices ADG842 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADG841/ADG842
Rev. 0 | Page 6 of 16
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 5.
Parameter
Rating
VDD to GND
−0.3 V to +4.6 V
Analog Inputs1
−0.3 V to VDD + 0.3 V
Digital Inputs1
−0.3 V to 4.6 V or 10 mA,
whichever occurs first
Peak Current, S or D
3.3 V Operation
500 mA
2.5 V Operation
460 mA
1.8 V Operation
420 mA (pulsed at 1 ms,
10% duty cycle max)
Continuous Current, S or D
3.3 V Operation
300 mA
2.5 V Operation
275 mA
1.8 V Operation
250 mA
Operating Temperature Range
Automotive (Y Version)
−40°C to +125°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature
150°C
SC70 Package
θJA Thermal Impedance
494.8°C/W
Reflow Soldering (Pb-free)
Peak Temperature
260(+0/−5)°C
Time at Peak Temperature
10 sec to 40 sec
1 Overvoltages at S or D are clamped by internal diodes. Current should be
limited to the maximum ratings given.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability. Only one absolute maximum rating may be
applied at any one time.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


Similar Part No. - ADG842

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG842 AD-ADG842_15 Datasheet
553Kb / 16P
   Single SPST Switches in SC70
REV. 0
More results

Similar Description - ADG842

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG811YRUZ AD-ADG811YRUZ Datasheet
340Kb / 16P
   0.5ohm CMOS, 1.65 V to 3.6 V, Quad SPST Switches
REV. B
ADG811 AD-ADG811 Datasheet
392Kb / 16P
   0.5 CMOS 1.65 V to 3.6 V Quad SPST Switches
REV. A
ADG812YRUZ AD-ADG812YRUZ Datasheet
340Kb / 16P
   <0.5 廓 CMOS, 1.65 V to 3.6 V, Quad SPST Switches
REV. B
ADG901 AD-ADG901_15 Datasheet
875Kb / 17P
   1.65 V to 2.75 V, SPST Switches
REV. B
ADG902 AD-ADG902_15 Datasheet
875Kb / 17P
   1.65 V to 2.75 V, SPST Switches
REV. B
ADG804 AD-ADG804 Datasheet
157Kb / 16P
   0.5 ohm CMOS 1.65 V TO 3.6 V 4-Channel Multiplexer
REV. 0
ADG839 AD-ADG839 Datasheet
436Kb / 16P
   0.35 ohm CMOS 1.65 V to 3.6 V Single SPDT Switch/2:1 MUX
REV. 0
ADG841 AD-ADG841_15 Datasheet
553Kb / 16P
   Single SPST Switches in SC70
REV. 0
ADG842 AD-ADG842_15 Datasheet
553Kb / 16P
   Single SPST Switches in SC70
REV. 0
ADG836L AD-ADG836L Datasheet
418Kb / 16P
   0.5 OHM CMOS 1.65 V to 3.6 V Dual SPDT/2:1 MUX
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com