Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG888YCPZ-REEL7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADG888YCPZ-REEL7
Description  0.4 OHM CMOS, Dual DPDT Switch in WLCSP/LFCSP/TSSOP Packages
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG888YCPZ-REEL7 Datasheet(HTML) 1 Page - Analog Devices

  ADG888YCPZ-REEL7 Datasheet HTML 1Page - Analog Devices ADG888YCPZ-REEL7 Datasheet HTML 2Page - Analog Devices ADG888YCPZ-REEL7 Datasheet HTML 3Page - Analog Devices ADG888YCPZ-REEL7 Datasheet HTML 4Page - Analog Devices ADG888YCPZ-REEL7 Datasheet HTML 5Page - Analog Devices ADG888YCPZ-REEL7 Datasheet HTML 6Page - Analog Devices ADG888YCPZ-REEL7 Datasheet HTML 7Page - Analog Devices ADG888YCPZ-REEL7 Datasheet HTML 8Page - Analog Devices ADG888YCPZ-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
0.4 Ω CMOS, Dual DPDT Switch
in WLCSP/LFCSP/TSSOP Packages
ADG888
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
1.8 V to 5.5 V operation
Ultralow on resistance
0.4 Ω typical
0.6 Ω maximum at 5 V supply
Excellent audio performance, ultralow distortion
0.07 Ω typical
0.14 Ω maximum RON flatness
High current carrying capability
400 mA continuous
600 mA peak current at 5 V
Automotive temperature range: −40°C to +125°C
Rail-to-rail switching operation
Typical power consumption (<0.1 μW)
APPLICATIONS
Cellular phones
PDAs
MP3 players
Power routing
Battery-powered systems
PCMCIA cards
Modems
Audio and video signal routing
Communication systems
Data switching
FUNCTIONAL BLOCK DIAGRAM
ADG888
IN1
S2B
S2A
D2
S1B
S1A
D1
IN2
S4B
S4A
D4
S3B
S3A
D3
SWITCHES SHOWN
FOR A LOGIC 1 INPUT
Figure 1.
GENERAL DESCRIPTION
The ADG888 is a low voltage, dual DPDT (double-pole,
double-throw) CMOS device optimized for high performance
audio switching. With its low power and small physical size, it is
ideal for portable devices.
This device offers ultralow on resistance of less than 0.8 Ω over
the full temperature range, making it an ideal solution for
applications requiring minimal distortion through the switch.
The ADG888 also has the capability of carrying large amounts
of current, typically 400 mA at 5 V operation.
When on, each switch conducts equally well in both directions
and has an input signal range that extends to the supplies. The
ADG888 exhibits break-before-make switching action.
The ADG888 is available in a 16-ball WLCSP, 16-lead LFCSP,
and a 16-lead TSSOP. These packages make the ADG888 the
ideal solution for space-constrained applications.
PRODUCT HIGHLIGHTS
1.
<0.6 Ω over full temperature range of −40°C to +125°C.
2.
High current handling capability (400 mA continuous
current at 5 V).
3.
Low THD + N (0.008% typical).
4.
Tiny 16-ball WLCSP, 16-lead LFCSP, and 16-lead TSSOP.


Similar Part No. - ADG888YCPZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG888 AD-ADG888 Datasheet
395Kb / 6P
   Tape and Reel Packaging
ADG888 AD-ADG888 Datasheet
395Kb / 6P
   Tape and Reel Packaging
ADG888 AD-ADG888_15 Datasheet
342Kb / 16P
   CMOS, Dual DPDT Switch in WLCSP/LFCSP/TSSOP Packages
REV. A
More results

Similar Description - ADG888YCPZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG888 AD-ADG888_15 Datasheet
342Kb / 16P
   CMOS, Dual DPDT Switch in WLCSP/LFCSP/TSSOP Packages
REV. A
logo
Fairchild Semiconductor
FSA2467 FAIRCHILD-FSA2467_08 Datasheet
724Kb / 12P
   0.4廓 Low-Voltage Dual DPDT Analog Switch
FSA2467 FAIRCHILD-FSA2467_12 Datasheet
872Kb / 11P
   0.4廓 Low-Voltage Dual DPDT Analog Switch
logo
Skyworks Solutions Inc.
SKY13596-397LF SKYWORKS-SKY13596-397LF Datasheet
159Kb / 2P
   0.4 to 3.8 GHz DPDT Switch
SKYA21037 SKYWORKS-SKYA21037 Datasheet
139Kb / 2P
   0.4 to 3.8 GHz DPDT Switch
logo
Vishay Siliconix
DG2747 VISHAY-DG2747_09 Datasheet
155Kb / 9P
   0.4-ohm, Low Voltage, Dual SPST Analog Switch
Rev. B, 09-Mar-09
DG2531 VISHAY-DG2531 Datasheet
119Kb / 8P
   0.4-ohm Low-Voltage Dual SPDT Analog Switch
Rev. B, 16-Jan-06
DG2523 VISHAY-DG2523 Datasheet
159Kb / 10P
   0.4 Ω, Low Resistance and Capacitance, Dual DPDT / Quad SPDT Analog Switch
Rev. A, 17-Oct-16
logo
Integrated Device Techn...
932SQ426 IDT-932SQ426 Datasheet
379Kb / 25P
   64-pin TSSOP and VFQFPN packages
logo
Skyworks Solutions Inc.
SKY13598-683LF SKYWORKS-SKY13598-683LF Datasheet
163Kb / 2P
   0.4 to 3.8 GHz DPDT Ultra-High Isolation Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com