Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  



ADG2188 Datasheet(HTML) 6 Page - Analog Devices

Part No. ADG2188
Description  IC CMOS 8 × 8 Unbuffered Analog Switch Array with Dual/Single Supplies
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

ADG2188 Datasheet(HTML) 6 Page - Analog Devices

Zoom Inzoom in Zoom Outzoom out
 6 page
background image
ADG2188
Rev. 0 | Page 6 of 28
B Version
Y Version
Parameter
+25°C
−40°C to
+85°C
+25°C
−40°C to
+125°C
Unit
Conditions
Input Hysteresis
0.05 VL
0.05 VL
V min
Input Capacitance, CIN
7
7
pF typ
LOGIC OUTPUT (SDA)2
Output Low Voltage, VOL
0.4
0.4
V max
ISINK = 3 mA
0.6
0.6
V max
ISINK = 6 mA
Floating State Leakage Current
±1
±1
μA max
POWER REQUIREMENTS
IDD
0.05
0.005
μA typ
Digital inputs = 0 V or VL
1
1
μA max
ISS
0.05
0.005
μA typ
Digital inputs = 0 V or VL
1
1
μA max
IL
Digital inputs = 0 V or VL
Interface Inactive
0.3
0.3
μA typ
2
2
μA max
Interface Active: 400 kHz fSCL
0.1
0.1
mA typ
0.1
0.1
mA max
Interface Active: 3.4 MHz fSCL
0.4
0.4
mA typ
-HS model only
0.3
0.3
mA max
1 Temperature range is as follows: B version: –40°C to +85°C; Y version: –40°C to +125°C.
2 Guaranteed by design, not subject to production test.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn