Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADL5323 Datasheet(PDF) 8 Page - Analog Devices

Part # ADL5323
Description  1700 MHz to 2400 MHz GaAs Matched RF PA Predriver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5323 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADL5323 Datasheet HTML 4Page - Analog Devices ADL5323 Datasheet HTML 5Page - Analog Devices ADL5323 Datasheet HTML 6Page - Analog Devices ADL5323 Datasheet HTML 7Page - Analog Devices ADL5323 Datasheet HTML 8Page - Analog Devices ADL5323 Datasheet HTML 9Page - Analog Devices ADL5323 Datasheet HTML 10Page - Analog Devices ADL5323 Datasheet HTML 11Page - Analog Devices ADL5323 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ADL5323
Rev. 0 | Page 8 of 12
BASIC CONNECTIONS
Figure 16 shows the basic connections for operating the
ADL5323. Each of the three power supply lines should be
decoupled with 10 μF, 10 nF, and 100 pF capacitors. Pin 3, Pin 6,
Pin 7, and the exposed paddle under the device should all be
connected to a low impedance ground plane. If multiple ground
planes are being used, these should be stitched together with
vias under the device to optimize thermal conduction. See the
recommended land pattern in Figure 13 for more information.
Figure 13. Recommended Land Pattern
WCDMA DRIVING APPLICATION
Figure 14 shows a plot of the spectrum of an ADL5323 driving a
single carrier WCDMA signal (Test Model 1-64) at 0 dBm,
centered at 2140 MHz. At 5 MHz offset, an adjacent channel
power ratio of −74 was measured.
–15
–115
CENTER 2.14GHz
SPAN 14.6848MHz
1.46848MHz/
–50
–60
–70
–80
–90
–100
–30
–40
–20
–110
RBW = 30kHz
VBW = 300kHz
SWT = 2s
RF ATT = 10dB
CH PWR = 0dBm
ACP UP = –74.2dBc
ACP LOW = –73.9dBc
Figure 14. Spectrum of Single WCDMA Carrier Centered at 2140 MHz;
Carrier Power = 0 dBm, ACPR = −74 dBc
Figure 15 shows how ACP varies with output power level. Note
that in this plot, the noise floor of the spectrum analyzer was
factored out.
–55
–80
–15
OUTPUT POWER (dBm)
20
–60
–65
–70
–75
–10
–5
0
5
10
15
Figure 15. WCDMA ACP vs. Output Power, Single Carrier, Test Model 1-64
AGND
AGND
AGND
AGND
VCC
RFIN
RFOUT
ADL5323
VCC
VCC
GND
GND
RFIN
VCC
GND
RFOUT
C4
100pF
EP
8
7
6
5
1
2
3
4
AGND
C2
100pF
C1
10µF
C3
10nF
C5
100pF
VCC
VCC
AGND
AGND
AGND
C11
10µF
C9
100pF
C10
10nF
AGND
AGND
AGND
C8
10µF
C6
100pF
C7
10nF
Figure 16. Basic Connections


Similar Part No. - ADL5323

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5323 AD-ADL5323_15 Datasheet
200Kb / 12P
   1700 MHz to 2400 MHz GaAs Matched RF PA Predriver
REV. A
More results

Similar Description - ADL5323

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5323 AD-ADL5323_15 Datasheet
200Kb / 12P
   1700 MHz to 2400 MHz GaAs Matched RF PA Predriver
REV. A
ADL5322 AD-ADL5322 Datasheet
231Kb / 12P
   700 MHz to 1000 MHz GaAs Matched RF PA Predriver
REV. 0
ADL5322 AD-ADL5322_15 Datasheet
226Kb / 12P
   700 MHz to 1000 MHz GaAs Matched RF PA Predriver
REV. A
logo
Tyco Electronics
MAALSS0045 MACOM-MAALSS0045 Datasheet
144Kb / 4P
   High Dynamic Range LNA 1700 - 2400 MHz
AM50-0012 MACOM-AM50-0012_1 Datasheet
145Kb / 4P
   High Dynamic Range LNA 1700-2400 MHz
logo
Analog Devices
ADL5592ACPZ AD-ADL5592ACPZ Datasheet
1Mb / 20P
   250 MHz to 2400 MHz RF Variable Gain Amplifier
REV. 0
ADL5592 AD-ADL5592 Datasheet
1Mb / 20P
   250 MHz to 2400 MHz RF Variable Gain Amplifier
REV. 0
logo
List of Unclassifed Man...
LFCN-1700 ETC-LFCN-1700 Datasheet
140Kb / 1P
   DC to 1700 MHz
logo
ANADIGICS, Inc
AWL9232 ANADIGICS-AWL9232 Datasheet
573Kb / 18P
   802.11b/g/n WLAN PA/LNA/RF Switch 2400 - 2500 MHz
logo
Analog Devices
ADRF6702ACPZ-R7 AD-ADRF6702ACPZ-R7 Datasheet
1Mb / 36P
   1200 MHz to 2400 MHz Quadrature Modulator
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com