Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM1171 Datasheet(PDF) 3 Page - Analog Devices

Part # ADM1171
Description  2.7 V to 16.5 V Hot Swap Controller with Current Sense Output
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1171 Datasheet(HTML) 3 Page - Analog Devices

  ADM1171 Datasheet HTML 1Page - Analog Devices ADM1171 Datasheet HTML 2Page - Analog Devices ADM1171 Datasheet HTML 3Page - Analog Devices ADM1171 Datasheet HTML 4Page - Analog Devices ADM1171 Datasheet HTML 5Page - Analog Devices ADM1171 Datasheet HTML 6Page - Analog Devices ADM1171 Datasheet HTML 7Page - Analog Devices ADM1171 Datasheet HTML 8Page - Analog Devices ADM1171 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ADM1171
Rev. 0 | Page 3 of 16
SPECIFICATIONS
VCC = 2.7 V to 16.5 V, TA = −40°C to +85°C, typical values at TA = 25°C, unless otherwise noted.
Table 1.
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
VCC PIN
Operating Voltage Range
VCC
2.7
16.5
V
Supply Current
ICC
0.65
0.8
mA
Undervoltage Lockout
VUVLO
2.4
2.525
2.65
V
VCC rising
Undervoltage Lockout Hysteresis
VUVLOHYS
40
mV
ON (ON-CLR) PIN
Input Current
IINON
−1
0
+1
μA
Threshold
VON
1.22
1.3
1.38
V
ON rising
Threshold Hysteresis
VONHYST
50
mV
SENSE PIN
Hot Swap Operating Range
2.7
16.5
V
Input Current
IINSENSE
5
10
15
μA
Circuit Breaker Limit Voltage
VCB
44
50
56
mV
VCB = (VCC − VSENSE)
GATE PIN
Drive Voltage
VGATE
4.6
7.5
10
V
VGATE − VCC, VCC = 3.0 V
6.0
8
12
V
VGATE − VCC, VCC = 3.3 V
8.75
10
12
V
VGATE − VCC, VCC = 5 V
7.5
9
12
V
VGATE − VCC, VCC = 12 V
5.56
8
12
V
VGATE − VCC, VCC = 15 V
Pull-Up Current
−6.5
−12
−14.5
μA
VGATE = 0 V
Pull-Down Current
4
mA
VGATE = 3 V, VCC = 5 V, ON (ON-CLR) = low
Pull-Down Current
25
mA
VGATE = 3 V, VCC < UVLO
TIMER PIN
Pull-Up Current
ITIMERUP
−2
−5
−8.5
μA
Initial cycle, VTIMER = 1 V
−25
−60
−100
μA
During current fault, VTIMER = 1 V
Pull-Down Current
ITIMERDN
2
3.5
μA
After Cct breaker tip, VTIMER = 1 V
100
μA
Normal operation, VTIMER = 1 V
Threshold High
VTIMERH
1.22
1.3
1.38
V
TIMER rising
Threshold Low
VTIMERL
0.15
0.2
0.25
V
TIMER falling
SS PIN
Soft Start Pull-up Current
10
μA
Current Setting Gain
20
V/V
VSS/VSENSE
Soft Start Completion Voltage
1
V
Pull-Down Current
50
μA
During fault
CSOUT PIN
Total Output Voltage Error
−5
0
+5
%
VCC − SENSE = 50 mV
Gain
20
V/V
VCC − SENSE = 10 mV to 50 mV
Gain Accuracy
0
±2.5
%
Offset
±1
mV
Output Impedance
14
tOFF
Turn-Off Time (TIMER Rise to GATE Fall)
2
μs
VTIMER = 0 V to 2 V step, VCC = VON = 5 V
Turn-Off Time (ON Fall to GATE Fall)
40
μs
VON = 5 V to 0 V step, VCC = 5 V
Turn-Off Time (VCC Fall to IC Reset)
40
μs
VCC = 5 V to 2 V step, VON = 5 V


Similar Part No. - ADM1171

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1171 AD-ADM1171_15 Datasheet
243Kb / 16P
   2.7 V to 16.5 V Hot Swap Controller with Current Sense Output
REV. A
More results

Similar Description - ADM1171

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1171 AD-ADM1171_15 Datasheet
243Kb / 16P
   2.7 V to 16.5 V Hot Swap Controller with Current Sense Output
REV. A
ADM1172 AD-ADM1172 Datasheet
228Kb / 16P
   2.7 V to 16.5 V Hot Swap Controller with Power-Fail Comparator
REV. 0
ADM1172 AD-ADM1172_15 Datasheet
264Kb / 16P
   2.7 V to 16.5 V Hot Swap Controller with Power-Fail Comparator
REV. A
ADM1170 AD-ADM1170 Datasheet
266Kb / 16P
   1.6 V to 16.5 V Hot Swap Controller with Soft Start
REV. 0
ADM1170 AD-ADM1170_15 Datasheet
248Kb / 16P
   1.6 V to 16.5 V Hot Swap Controller with Soft Start
REV. A
ADM1070 AD-ADM1070 Datasheet
367Kb / 16P
   -48 V Hot Swap Controller
REV. 0
ADM1070 AD-ADM1070_15 Datasheet
341Kb / 16P
   48 V Hot Swap Controller
REV. 0
LT4239 AD-LT4239 Datasheet
1Mb / 24P
   High Current Hot Swap Controller with Current Monitor Output
Rev. 0
logo
Texas Instruments
TPS2391DGKR TI-TPS2391DGKR Datasheet
653Kb / 21P
[Old version datasheet]   SIMPLE -48-V HOT SWAP CONTROLLER
TPS24720 TI1-TPS24720 Datasheet
2Mb / 37P
[Old version datasheet]   2.5-V to 18-V High-Efficiency Adjustable Power-Limiting Hot-Swap Controller With Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com