Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5305 Datasheet(PDF) 6 Page - ON Semiconductor

Part # CS5305
Description  Three?뭁hase Synchronous Switching Step?묭own Controller with Single Wire Current Sharing
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5305 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button CS5305 Datasheet HTML 2Page - ON Semiconductor CS5305 Datasheet HTML 3Page - ON Semiconductor CS5305 Datasheet HTML 4Page - ON Semiconductor CS5305 Datasheet HTML 5Page - ON Semiconductor CS5305 Datasheet HTML 6Page - ON Semiconductor CS5305 Datasheet HTML 7Page - ON Semiconductor CS5305 Datasheet HTML 8Page - ON Semiconductor CS5305 Datasheet HTML 9Page - ON Semiconductor CS5305 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
CS5305
http://onsemi.com
6
ELECTRICAL CHARACTERISTICS (continued) (0°C < TA < 70°C; 0°C < TJ < 125°C; 9.5 V < VCC < 14 V; CGATEX = 100 pF,
CCOMP = 0.01μF, CSCOMP = 0.01μF, CVCC = 0.1μF, RROSC = 32.4 kΩ, RSHARE = 60.4 kΩ, V(OCSET) = 0.54 V, DAC Code 01110; unless
otherwise stated.)
Parameter
Unit
Max
Typ
Min
Test Conditions
Power Good Output
0
1
1
0
1
1.330
1.365
1.400
V
0
1
1
0
0
1.354
1.389
1.425
V
0
1
0
1
1
1.378
1.414
1.450
V
0
1
0
1
0
1.401
1.438
1.475
V
0
1
0
0
1
1.425
1.463
1.500
V
0
1
0
0
0
1.449
1.487
1.525
V
0
0
1
1
1
1.473
1.511
1.550
V
0
0
1
1
0
1.496
1.536
1.575
V
0
0
1
0
1
1.520
1.560
1.600
V
0
0
1
0
0
1.544
1.584
1.625
V
0
0
0
1
1
1.568
1.609
1.650
V
0
0
0
1
0
1.591
1.633
1.675
V
0
0
0
0
1
1.615
1.658
1.700
V
0
0
0
0
0
1.639
1.682
1.725
V
Switch Leakage Current
VCC = 14 V, PWRGDS = 1.4 V
1.0
μA
Delay
PWRGDS low to PWRGD low
50
250
600
μs
Output Low Voltage
PWRGDS = 1.0 V,
IPWRGOOD = 4.0 mA
0.15
0.4
V
Voltage Feedback Error Amplifier
VFB Bias Current
Note 2.
9.5
10.3
11.5
μA
Comp Source Current
COMP = 0.5 V to 2.0 V,
VFB = 1.6 V
15
30
60
μA
Comp Sink Current
COMP = 0.5 V to 2.0 V,
VFB = 1.0 V
15
30
60
μA
Transconductance
−10 μA < ICOMP < +10 μA, Note 3.
32.0
mmho
Output Impedance
Note 3.
2.5
Open Loop DC Gain
Note 3.
60
95
dB
Unity Gain Bandwidth
COMP = 0.01 μF, Note 3.
50
kHZ
PSRR @ 1.0 kHz
Note 3.
70
dB
COMP Max Voltage
VFB = 0 V
2.4
2.7
V
COMP Min Voltage
VFB = 1.6 V
0.1
0.2
V
COMP Discharge Threshold
0.15
0.2
0.25
V
Hiccup Latch Discharge Current
CSx − CSREF = .05 V,
OCSET = 0.1 V,
COMP = 0.5 V
2.0
5.0
10
μA
Hiccup Charge / Discharge Ratio
4.5
6.0
7.5
2. The VFB Bias Current changes with the value of ROSC per Figure 5.
3. Guaranteed by design. Not tested in production.


Similar Part No. - CS5305

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS5301 ONSEMI-CS5301 Datasheet
165Kb / 20P
   Three-Phase Buck Controller with Integrated Gate Drivers and Power Good
October, 2002 ??Rev. 11
CS5301 ONSEMI-CS5301 Datasheet
181Kb / 19P
   Three?뭁hase Buck Controller with Integrated Gate Drivers and Power Good
February, 2006 ??Rev. 12
CS5301GDW32 ONSEMI-CS5301GDW32 Datasheet
165Kb / 20P
   Three-Phase Buck Controller with Integrated Gate Drivers and Power Good
October, 2002 ??Rev. 11
CS5301GDW32 ONSEMI-CS5301GDW32 Datasheet
181Kb / 19P
   Three?뭁hase Buck Controller with Integrated Gate Drivers and Power Good
February, 2006 ??Rev. 12
CS5301GDWR32 ONSEMI-CS5301GDWR32 Datasheet
165Kb / 20P
   Three-Phase Buck Controller with Integrated Gate Drivers and Power Good
October, 2002 ??Rev. 11
More results

Similar Description - CS5305

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
LPS250 ARTESYN-LPS250 Datasheet
492Kb / 3P
   Single wire current sharing
NTS350 ARTESYN-NTS350 Datasheet
891Kb / 5P
   Single wire current sharing
logo
ON Semiconductor
NCP5424 ONSEMI-NCP5424 Datasheet
131Kb / 20P
   Dual Synchronous Buck Controller with Input Current Sharing
June, 2003 - Rev. 3
NCP5424 ONSEMI-NCP5424_05 Datasheet
137Kb / 18P
   Dual Synchronous Buck Controller with Input Current Sharing
March, 2005 ??Rev. 4
NCP5422A ONSEMI-NCP5422A_06 Datasheet
163Kb / 16P
   Dual Out?뭥f?뭁hase Synchronous Buck Controller with Current Limit
April, 2006 ??Rev. 7
logo
Vicor Corporation
PI3740-00 VICOR-PI3740-00 Datasheet
1Mb / 48P
   Parallel capable with single wire current sharing
logo
ON Semiconductor
CS5422 ONSEMI-CS5422 Datasheet
369Kb / 17P
   Dual Out?뭥f?뭁hase Synchronous Buck Controller with Current Limit
July, 2006 ??Rev. 7
logo
Semtech Corporation
SC2677B SEMTECH-SC2677B Datasheet
547Kb / 19P
   Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
SC1176 SEMTECH-SC1176_06 Datasheet
601Kb / 23P
   Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
logo
Anpec Electronics Corop...
APW1175 ANPEC-APW1175 Datasheet
247Kb / 10P
   DUAL SYNCHRONOUS DC/DC CONTROLLER WITH CURRENT SHARING CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com